| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ITA6V1U1 Datasheet
# Example questions:
➢ What is the maximum leakage current (irm) at the maximum vrm for the ita6v1u1 component?
➢ What is the value of vcl at the maximum ipp of 8/20µs for the ita6v1u1 component?
➢ What frequency is used to determine the value of vf for the ita6v1u1 component, as stated in the notes?
1. Component:
️· Type: ITA6V1U1. This is likely a unidirectional transient voltage suppressor (TVS) diode or a similar protective device.
2. Key Electrical Characteristics (Table Data):
| Parameter | Symbol | Value (ITA6V1U1) | Units | Notes |
|---|---|---|---|---|
| Leakage Current @ VRM max | IRM | 10 | µA | |
| Breakdown Voltage @ IR min | VBR | 5 | V | Note 2 |
| Clamping Voltage @ IPP max (8/20µs) | VCL | 6.1 | V | Note 2 |
| Temperature Coefficient of VBR | αT | 4 | 10<sup>-4</sup>/°C | |
| Capacitance | C | 1500 | pF | Note 3 |
| Forward Voltage @ IF max | VF | 1.3 | V | |
| Forward Voltage @ IF max | VF | 1.3 | V | |
| Forward Voltage @ IF max | VF | 1 | A | |
| Pulse test time | tp | ms |
1. Component:
️· Type: ITA6V1U1. This is likely a unidirectional transient voltage suppressor (TVS) diode or a similar protective device.
2. Key Electrical Characteristics (Table Data):
| Parameter | Symbol | Value (ITA6V1U1) | Units | Notes |
|---|---|---|---|---|
| Leakage Current @ VRM max | IRM | 10 | µA | |
| Breakdown Voltage @ IR min | VBR | 5 | V | Note 2 |
| Clamping Voltage @ IPP max (8/20µs) | VCL | 6.1 | V | Note 2 |
| Temperature Coefficient of VBR | αT | 4 | 10<sup>-4</sup>/°C | |
| Capacitance | C | 1500 | pF | Note 3 |
| Forward Voltage @ IF max | VF | 1.3 | V | |
| Forward Voltage @ IF max | VF | 1.3 | V | |
| Forward Voltage @ IF max | VF | 1 | A | |
| Pulse test time | tp | ms |
| Part No. | ITA6V1U1 |
| Manufacturer | STMICROELECTRONICS |
| Size | 177 Kbytes |
| Pages | 5 pages |
| Description | TRANSILTM ARRAY FOR DATALINE PROTECTION |