Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2551 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MIC2551 Datasheet

  • # Example questions: ➢ What esd rating does the mic2551 have on the vbus and d+, d- pins?
    ➢ What does this input control and how does it relate to speed selection?
    ➢ What is the primary function of the vif voltage rail?

  • Part No.MIC2551
    ManufacturerMICREL
    Size67 Kbytes
    Pages10 pages
    DescriptionUSB Transceiver
    Datasheet Summary with AI

    1. Overview & Purpose:

    ️· What it is: The MIC2551 is a USB transceiver (a chip that handles the physical communication of USB data).
    ️· Why it's important: It's designed for mobile systems where the system's power supply (VIF) might be lower than the standard USB voltage requirements (VBUS). It can operate effectively even with lower system voltages (down to 1.6V) while still meeting USB specifications.
    ️· Key Benefit: Allows USB connectivity in low-voltage mobile devices.

    2. Functional Diagram & Block Diagram (Key Components):

    ️· VIF (System Voltage): Used for digital I/O lines connected to the system controller.
    ️· VBUS (USB Supply Voltage): Used to power the transceiver.
    ️· CON (Connect/Disconnect): Controls the connection/disconnection of the USB lines (connect or disconnect state).
    ️· SPD (Speed Selection): Software control for setting the USB speed (high or low).
    ️· OE# (Output Enable): Enables/disables the transceiver's output drivers.
    ️· RCV (Receiver): Handles incoming USB data.
    ️· VP & VM (Differential Signaling): The two lines used for USB data transmission.
    ️· SUS (Suspend): Used to put the USB transceiver in a low-power suspended state.
    ️· VPU (3.3V Termination Supply): Provides a voltage for USB speed selection.

    3. Functional Description and Features:

    ️· Voltage Translation: Translates between the system voltage (VIF) and the USB voltage (VBUS).
    ️· Software-Controlled Speed: The USB speed (high or low) can be controlled through the SPD pin.
    ️· Software-Controlled Connect/Disconnect: The CON pin provides software control to connect or disconnect the USB lines.
    ️· Low Power Suspend Mode: The SUS input allows the transceiver to enter a low-power suspend mode.
    ️· Built-in ESD Protection: The chip is designed to handle ESD events, minimizing the need for external protection components.

    4. Specifications - Key Highlights:

    ️· Input Voltage Range:
    - VIF: 1.6V to 5.5V
    - VBUS: 3.0V to 5.5V
    ️· Data Rates: Supports both full-speed (12 Mbps) and low-speed (1.5 Mbps) USB data rates.
    ️· ESD Protection:
    - 11kV (Human Body Model) at VBUS and D+/D– pins.
    - 2kV at all other pins.
    ️· Timing Parameters (Important for Data Integrity): The datasheet includes several timing diagrams and parameters like:
    - `tPVZ`: OE# to RCV Tri-State Delay
    - `tPDZ`: OE# to Driver Tri-State Delay
    - Propagation Delays for data transfer

    5. Important Notes & Considerations:

    ️· External Components: The datasheet specifies the need for an external 1.5k resistor to set the USB speed when using the VPU pin.
    ️· ESD Precautions: Although the chip has built-in ESD protection, it’s still recommended to handle it with ESD precautions.
    ️· Timing is Critical: Careful attention must be paid to the timing parameters in the datasheet to ensure proper operation and data integrity.



    In essence, the MIC2551 is a versatile and robust USB transceiver specifically designed for low-voltage mobile applications, offering a combination of voltage translation, software control, and built-in protection.

    1. Overview & Purpose:

    ️· What it is: The MIC2551 is a USB transceiver (a chip that handles the physical communication of USB data).
    ️· Why it's important: It's designed for mobile systems where the system's power supply (VIF) might be lower than the standard USB voltage requirements (VBUS). It can operate effectively even with lower system voltages (down to 1.6V) while still meeting USB specifications.
    ️· Key Benefit: Allows USB connectivity in low-voltage mobile devices.

    2. Functional Diagram & Block Diagram (Key Components):

    ️· VIF (System Voltage): Used for digital I/O lines connected to the system controller.
    ️· VBUS (USB Supply Voltage): Used to power the transceiver.
    ️· CON (Connect/Disconnect): Controls the connection/disconnection of the USB lines (connect or disconnect state).
    ️· SPD (Speed Selection): Software control for setting the USB speed (high or low).
    ️· OE# (Output Enable): Enables/disables the transceiver's output drivers.
    ️· RCV (Receiver): Handles incoming USB data.
    ️· VP & VM (Differential Signaling): The two lines used for USB data transmission.
    ️· SUS (Suspend): Used to put the USB transceiver in a low-power suspended state.
    ️· VPU (3.3V Termination Supply): Provides a voltage for USB speed selection.

    3. Functional Description and Features:

    ️· Voltage Translation: Translates between the system voltage (VIF) and the USB voltage (VBUS).
    ️· Software-Controlled Speed: The USB speed (high or low) can be controlled through the SPD pin.
    ️· Software-Controlled Connect/Disconnect: The CON pin provides software control to connect or disconnect the USB lines.
    ️· Low Power Suspend Mode: The SUS input allows the transceiver to enter a low-power suspend mode.
    ️· Built-in ESD Protection: The chip is designed to handle ESD events, minimizing the need for external protection components.

    4. Specifications - Key Highlights:

    ️· Input Voltage Range:
    - VIF: 1.6V to 5.5V
    - VBUS: 3.0V to 5.5V
    ️· Data Rates: Supports both full-speed (12 Mbps) and low-speed (1.5 Mbps) USB data rates.
    ️· ESD Protection:
    - 11kV (Human Body Model) at VBUS and D+/D– pins.
    - 2kV at all other pins.
    ️· Timing Parameters (Important for Data Integrity): The datasheet includes several timing diagrams and parameters like:
    - `tPVZ`: OE# to RCV Tri-State Delay
    - `tPDZ`: OE# to Driver Tri-State Delay
    - Propagation Delays for data transfer

    5. Important Notes & Considerations:

    ️· External Components: The datasheet specifies the need for an external 1.5k resistor to set the USB speed when using the VPU pin.
    ️· ESD Precautions: Although the chip has built-in ESD protection, it’s still recommended to handle it with ESD precautions.
    ️· Timing is Critical: Careful attention must be paid to the timing parameters in the datasheet to ensure proper operation and data integrity.



    In essence, the MIC2551 is a versatile and robust USB transceiver specifically designed for low-voltage mobile applications, offering a combination of voltage translation, software control, and built-in protection.

    Part No.MIC2551
    ManufacturerMICREL
    Size67 Kbytes
    Pages10 pages
    DescriptionUSB Transceiver
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com