Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAPC-15S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PSAPC-15S Datasheet

  • # Example questions: ➢ What is the maximum input current required when operating the power supply from a 115vac source?
    ➢ How does the operating temperature range affect the power supply's performance, and is derating necessary?
    ➢ What is the minimum load current required for the psapc-3s model to operate within its specifications?

  • Part No.PSAPC-15S
    ManufacturerWALL
    Size171 Kbytes
    Pages3 pages
    Description5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
    Datasheet Summary with AI

    # PSAPC Series Power Supply

    ## Features
    · 5 Watt encapsulated AC/DC power supply
    · 2 Year Warranty
    · Regulated Output
    · Low Ripple and Noise
    · CE, UL, TUV Approved
    · Universal Input: 90-264VAC, 47-440 Hz
    · PCB Mounting
    · Plastic resin case (UL 94V-0)

    ## Specifications
    Input
    · Input Voltage Range: 90-264VAC or 120-370VDC
    · Input Frequency: 47-440Hz
    · Input Current: 110mA max @ 115VAC / 70mA max @ 230VAC

    Output
    · Output Power: 5 Watts max
    · Voltage Accuracy: ±2%
    · Ripple: < 0.2% Vout + 40mV (Vp-p)
    · Noise: < 0.5% Vout + 50mV (Vp-p)
    · Isolation Voltage (Input to Output): 3000VAC

    Protection
    · Over Power Protection: Hiccup technique, auto-recovery
    · Over Voltage Protection: Zener diode clamp
    · Short Circuit Protection: Hiccup mode, indefinite recovery

    Environmental
    · Operating Temperature: -25°C to +70°C (with derating)
    · Storage Temperature: -40°C to +85°C
    · MTBF: > 300,000 hours @ 25°C

    Physical
    · Weight: 80g
    · Dimensions: 2.17(L) x 1.77(W) x 0.81(H) inches (55.0 x 45.0 x 20.5 mm)

    ## Output Voltage / Current Ratings
    · PSAPC-3.3S: 3.3 VDC, 1500mA, 62% Efficiency, 4% Minimum Load
    · PSAPC-5S: 5 VDC, 1000mA, 65% Efficiency, 1% Minimum Load
    · PSAPC-12S: 12 VDC, 416mA, 70% Efficiency, 1% Minimum Load
    · PSAPC-15S: 15 VDC, 333mA, 70% Efficiency, 0% Minimum Load
    · PSAPC-24S: 24 VDC, 200mA, 71% Efficiency, 0% Minimum Load
    · PSAPC-5D: ±5 VDC, ±500mA, 70% Efficiency, 0% Minimum Load
    · PSAPC-12D: ±12 VDC, ±200mA, 67% Efficiency, 0% Minimum Load
    · PSAPC-15D: ±15 VDC, ±160mA, 67% Efficiency, 3% Minimum Load

    # PSAPC Series Power Supply

    ## Features
    · 5 Watt encapsulated AC/DC power supply
    · 2 Year Warranty
    · Regulated Output
    · Low Ripple and Noise
    · CE, UL, TUV Approved
    · Universal Input: 90-264VAC, 47-440 Hz
    · PCB Mounting
    · Plastic resin case (UL 94V-0)

    ## Specifications
    Input
    · Input Voltage Range: 90-264VAC or 120-370VDC
    · Input Frequency: 47-440Hz
    · Input Current: 110mA max @ 115VAC / 70mA max @ 230VAC

    Output
    · Output Power: 5 Watts max
    · Voltage Accuracy: ±2%
    · Ripple: < 0.2% Vout + 40mV (Vp-p)
    · Noise: < 0.5% Vout + 50mV (Vp-p)
    · Isolation Voltage (Input to Output): 3000VAC

    Protection
    · Over Power Protection: Hiccup technique, auto-recovery
    · Over Voltage Protection: Zener diode clamp
    · Short Circuit Protection: Hiccup mode, indefinite recovery

    Environmental
    · Operating Temperature: -25°C to +70°C (with derating)
    · Storage Temperature: -40°C to +85°C
    · MTBF: > 300,000 hours @ 25°C

    Physical
    · Weight: 80g
    · Dimensions: 2.17(L) x 1.77(W) x 0.81(H) inches (55.0 x 45.0 x 20.5 mm)

    ## Output Voltage / Current Ratings
    · PSAPC-3.3S: 3.3 VDC, 1500mA, 62% Efficiency, 4% Minimum Load
    · PSAPC-5S: 5 VDC, 1000mA, 65% Efficiency, 1% Minimum Load
    · PSAPC-12S: 12 VDC, 416mA, 70% Efficiency, 1% Minimum Load
    · PSAPC-15S: 15 VDC, 333mA, 70% Efficiency, 0% Minimum Load
    · PSAPC-24S: 24 VDC, 200mA, 71% Efficiency, 0% Minimum Load
    · PSAPC-5D: ±5 VDC, ±500mA, 70% Efficiency, 0% Minimum Load
    · PSAPC-12D: ±12 VDC, ±200mA, 67% Efficiency, 0% Minimum Load
    · PSAPC-15D: ±15 VDC, ±160mA, 67% Efficiency, 3% Minimum Load

    Part No.PSAPC-15S
    ManufacturerWALL
    Size171 Kbytes
    Pages3 pages
    Description5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply