| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSAPC-15D Datasheet
# Example questions:
➢ What is the maximum input current required when operating the power supply from a 115vac source?
➢ How does the operating temperature range affect the power supply's performance, and is derating necessary?
➢ What is the minimum load current required for the psapc-3s model to operate within its specifications?
# PSAPC Series Power Supply
## Features
· 5 Watt encapsulated AC/DC power supply
· 2 Year Warranty
· Regulated Output
· Low Ripple and Noise
· CE, UL, TUV Approved
· Universal Input: 90-264VAC, 47-440 Hz
· PCB Mounting
· Plastic resin case (UL 94V-0)
## Specifications
Input
· Input Voltage Range: 90-264VAC or 120-370VDC
· Input Frequency: 47-440Hz
· Input Current: 110mA max @ 115VAC / 70mA max @ 230VAC
Output
· Output Power: 5 Watts max
· Voltage Accuracy: ±2%
· Ripple: < 0.2% Vout + 40mV (Vp-p)
· Noise: < 0.5% Vout + 50mV (Vp-p)
· Isolation Voltage (Input to Output): 3000VAC
Protection
· Over Power Protection: Hiccup technique, auto-recovery
· Over Voltage Protection: Zener diode clamp
· Short Circuit Protection: Hiccup mode, indefinite recovery
Environmental
· Operating Temperature: -25°C to +70°C (with derating)
· Storage Temperature: -40°C to +85°C
· MTBF: > 300,000 hours @ 25°C
Physical
· Weight: 80g
· Dimensions: 2.17(L) x 1.77(W) x 0.81(H) inches (55.0 x 45.0 x 20.5 mm)
## Output Voltage / Current Ratings
· PSAPC-3.3S: 3.3 VDC, 1500mA, 62% Efficiency, 4% Minimum Load
· PSAPC-5S: 5 VDC, 1000mA, 65% Efficiency, 1% Minimum Load
· PSAPC-12S: 12 VDC, 416mA, 70% Efficiency, 1% Minimum Load
· PSAPC-15S: 15 VDC, 333mA, 70% Efficiency, 0% Minimum Load
· PSAPC-24S: 24 VDC, 200mA, 71% Efficiency, 0% Minimum Load
· PSAPC-5D: ±5 VDC, ±500mA, 70% Efficiency, 0% Minimum Load
· PSAPC-12D: ±12 VDC, ±200mA, 67% Efficiency, 0% Minimum Load
· PSAPC-15D: ±15 VDC, ±160mA, 67% Efficiency, 3% Minimum Load
# PSAPC Series Power Supply
## Features
· 5 Watt encapsulated AC/DC power supply
· 2 Year Warranty
· Regulated Output
· Low Ripple and Noise
· CE, UL, TUV Approved
· Universal Input: 90-264VAC, 47-440 Hz
· PCB Mounting
· Plastic resin case (UL 94V-0)
## Specifications
Input
· Input Voltage Range: 90-264VAC or 120-370VDC
· Input Frequency: 47-440Hz
· Input Current: 110mA max @ 115VAC / 70mA max @ 230VAC
Output
· Output Power: 5 Watts max
· Voltage Accuracy: ±2%
· Ripple: < 0.2% Vout + 40mV (Vp-p)
· Noise: < 0.5% Vout + 50mV (Vp-p)
· Isolation Voltage (Input to Output): 3000VAC
Protection
· Over Power Protection: Hiccup technique, auto-recovery
· Over Voltage Protection: Zener diode clamp
· Short Circuit Protection: Hiccup mode, indefinite recovery
Environmental
· Operating Temperature: -25°C to +70°C (with derating)
· Storage Temperature: -40°C to +85°C
· MTBF: > 300,000 hours @ 25°C
Physical
· Weight: 80g
· Dimensions: 2.17(L) x 1.77(W) x 0.81(H) inches (55.0 x 45.0 x 20.5 mm)
## Output Voltage / Current Ratings
· PSAPC-3.3S: 3.3 VDC, 1500mA, 62% Efficiency, 4% Minimum Load
· PSAPC-5S: 5 VDC, 1000mA, 65% Efficiency, 1% Minimum Load
· PSAPC-12S: 12 VDC, 416mA, 70% Efficiency, 1% Minimum Load
· PSAPC-15S: 15 VDC, 333mA, 70% Efficiency, 0% Minimum Load
· PSAPC-24S: 24 VDC, 200mA, 71% Efficiency, 0% Minimum Load
· PSAPC-5D: ±5 VDC, ±500mA, 70% Efficiency, 0% Minimum Load
· PSAPC-12D: ±12 VDC, ±200mA, 67% Efficiency, 0% Minimum Load
· PSAPC-15D: ±15 VDC, ±160mA, 67% Efficiency, 3% Minimum Load
| Part No. | PSAPC-15D |
| Manufacturer | WALL |
| Size | 171 Kbytes |
| Pages | 3 pages |
| Description | 5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply |