| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2725 Datasheet
# Example questions:
➢ How does the consumption current change as the frequency increases from 5 mhz to 125 mhz?
➢ What is the maximum allowable frequency stability, expressed as a percentage, for this crystal oscillator?
➢ What input voltage levels are defined as ‘level h’ and ‘level l’ for the input signal?
# Crystal Clock Oscillator - 2725 Series
## Features
️· Frequency range: 2.5 to 125 MHz
️· Operating temperature range: -20 to +70 °C
️· Frequency stability: ±100 x 10<sup>-6</sup>
️· Power supply voltage: +3.3 ± 0.3 V
️· Automatic mounting via taping and IR reflow (lead-free)
️· Compact dimensions: 5.0 x 3.2 x 1.0 mm
️· Weight: 0.06 g
️· Lead-free
️· Standby function (tristate)
## Specifications
️· Dimensions:
- 5.0 ± 0.2 mm (Length)
- 3.2 ± 0.2 mm (Width)
- 1.0 ± 0.1 mm (Height)
️· Power Supply: +3.3 ± 0.3 V
️· Consumption Current:
- During operation: 8-40 mA (depending on frequency)
- During standby: 10 μA
️· Output Levels: Defined by VOL max/VOH min, dependent on IOL/IOH
️· Duty Cycle: 45 to 55% (at 1/2 VDD)
️· Load Capacitance (CL): 15 pF
️· Oscillation Start Time: 10 ms
️· Frequency Range Table: (details frequency stability and other parameters across different ranges: 2.5 - 20 MHz, 20 - 40 MHz, 40 - 60 MHz, 60 - 75 MHz, 75 - 100 MHz, 100 - 125 MHz)
️· Standby Function: Available (tristate)
## Ordering Information
️· Specify order with "Ordering Code": Model name - Frequency (up to 9 digits) - Number for specifying an order.
️· Example: 2725T – 125.000000M – NSA6293A
## Input/Output
️· Input:
- Level H: 0.7 VDD ≤ VIH ≤ VDD or OPEN
- Level L: VIL ≤ 0.3 VDD
️· Output:
- Oscillation output ON
- High impedance
# Crystal Clock Oscillator - 2725 Series
## Features
️· Frequency range: 2.5 to 125 MHz
️· Operating temperature range: -20 to +70 °C
️· Frequency stability: ±100 x 10<sup>-6</sup>
️· Power supply voltage: +3.3 ± 0.3 V
️· Automatic mounting via taping and IR reflow (lead-free)
️· Compact dimensions: 5.0 x 3.2 x 1.0 mm
️· Weight: 0.06 g
️· Lead-free
️· Standby function (tristate)
## Specifications
️· Dimensions:
- 5.0 ± 0.2 mm (Length)
- 3.2 ± 0.2 mm (Width)
- 1.0 ± 0.1 mm (Height)
️· Power Supply: +3.3 ± 0.3 V
️· Consumption Current:
- During operation: 8-40 mA (depending on frequency)
- During standby: 10 μA
️· Output Levels: Defined by VOL max/VOH min, dependent on IOL/IOH
️· Duty Cycle: 45 to 55% (at 1/2 VDD)
️· Load Capacitance (CL): 15 pF
️· Oscillation Start Time: 10 ms
️· Frequency Range Table: (details frequency stability and other parameters across different ranges: 2.5 - 20 MHz, 20 - 40 MHz, 40 - 60 MHz, 60 - 75 MHz, 75 - 100 MHz, 100 - 125 MHz)
️· Standby Function: Available (tristate)
## Ordering Information
️· Specify order with "Ordering Code": Model name - Frequency (up to 9 digits) - Number for specifying an order.
️· Example: 2725T – 125.000000M – NSA6293A
## Input/Output
️· Input:
- Level H: 0.7 VDD ≤ VIH ≤ VDD or OPEN
- Level L: VIL ≤ 0.3 VDD
️· Output:
- Oscillation output ON
- High impedance
| Part No. | 2725 |
| Manufacturer | NDK |
| Size | 89 Kbytes |
| Pages | 1 page |
| Description | Crystal Clock Oscillator |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |