Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2775W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2775W Datasheet

  • # Example questions: ➢ How does the standby function affect the output of the oscillator?
    ➢ What is the maximum allowable load capacitance (cl) for this crystal oscillator?
    ➢ What is the typical oscillation start time, and is it affected by the frequency range?

  • Part No.2775W
    ManufacturerNDK
    Size90 Kbytes
    Pages1 page
    Description1Crystal Clock Oscillator
    Datasheet Summary with AI

    # 5.0±0.2 Crystal Clock Oscillator (2775 Series)

    ## General Description

    ️· Programmable crystal clock oscillator.
    ️· Suitable for compact mobile equipment (notebook PCs, mobile terminals, PC cards).
    ️· Supports frequencies from 1 to 125 MHz using PLL technology.
    ️· Dimensions: 5.0 x 3.2 x 1.0 mm, Weight: 0.06 g
    ️· Features automatic mounting via taping and IR reflow (lead-free).

    ## Specifications

    ️· Frequency Range:
    - 1 ≤ F ≤ 40 MHz
    - 40 < F ≤ 70 MHz
    - 70 < F ≤ 125 MHz
    *(Contact manufacturer for frequencies outside these ranges)*
    ️· Operating Temperature Range: -20 to +70 °C *(Contact manufacturer for different ranges)*
    ️· Frequency Stability: ±100 x 10⁻⁶
    ️· Power Supply Voltage: +5.0 ± 0.5 V
    ️· Consumption Current:
    - During operation: 25-50 mA (depending on frequency range)
    - During standby: 50 μA
    ️· Output Level: C-MOS
    - VOL max/VOH min: 0.1VDD/0.9VDD (IOL=8mA, IOH=–8mA)
    ️· Tr/Tf: 5/5 ns (0.1VDD to 0.9VDD), 3/3 ns (0.2VDD to 0.8VDD)
    ️· Duty Cycle: 45-55% (at 1/2VDD), 40-60% (at 1/2VDD)
    ️· Load Capacitance (CL) max: 15 pF
    ️· Oscillation Start Time max: 10 ms
    ️· Standby Function: Available (tristate)

    ## Ordering Information

    ️· Ordering Code: Model Name – Frequency (up to 9 digits) – Number for specifying an order (e.g., 2775W – 11.059000M – NSA5313A)
    ️· Contact sales representatives or visit the website (http://www.ndk.com/) for available frequencies and ordering codes.

    ## Absolute Maximum Ratings

    ️· Power Supply Voltage (VDD): -0.5 to +7.0 V DC
    ️· Storage Temperature Range: -55 to +125 °C

    ## PAD Connections

    ️· #1: Standby
    ️· #2: GND
    ️· #3: Output
    ️· #4: VDD

    ## Input and Output Characteristics

    ️· Input #1 (Level H): +2 V min. or OPEN selected.
    ️· Input #3: Oscillation output ON.
    ️· Input #1 (Level L): +0.8 V max. selected.
    ️· High impedance (weak pull-down)

    # 5.0±0.2 Crystal Clock Oscillator (2775 Series)

    ## General Description

    ️· Programmable crystal clock oscillator.
    ️· Suitable for compact mobile equipment (notebook PCs, mobile terminals, PC cards).
    ️· Supports frequencies from 1 to 125 MHz using PLL technology.
    ️· Dimensions: 5.0 x 3.2 x 1.0 mm, Weight: 0.06 g
    ️· Features automatic mounting via taping and IR reflow (lead-free).

    ## Specifications

    ️· Frequency Range:
    - 1 ≤ F ≤ 40 MHz
    - 40 < F ≤ 70 MHz
    - 70 < F ≤ 125 MHz
    *(Contact manufacturer for frequencies outside these ranges)*
    ️· Operating Temperature Range: -20 to +70 °C *(Contact manufacturer for different ranges)*
    ️· Frequency Stability: ±100 x 10⁻⁶
    ️· Power Supply Voltage: +5.0 ± 0.5 V
    ️· Consumption Current:
    - During operation: 25-50 mA (depending on frequency range)
    - During standby: 50 μA
    ️· Output Level: C-MOS
    - VOL max/VOH min: 0.1VDD/0.9VDD (IOL=8mA, IOH=–8mA)
    ️· Tr/Tf: 5/5 ns (0.1VDD to 0.9VDD), 3/3 ns (0.2VDD to 0.8VDD)
    ️· Duty Cycle: 45-55% (at 1/2VDD), 40-60% (at 1/2VDD)
    ️· Load Capacitance (CL) max: 15 pF
    ️· Oscillation Start Time max: 10 ms
    ️· Standby Function: Available (tristate)

    ## Ordering Information

    ️· Ordering Code: Model Name – Frequency (up to 9 digits) – Number for specifying an order (e.g., 2775W – 11.059000M – NSA5313A)
    ️· Contact sales representatives or visit the website (http://www.ndk.com/) for available frequencies and ordering codes.

    ## Absolute Maximum Ratings

    ️· Power Supply Voltage (VDD): -0.5 to +7.0 V DC
    ️· Storage Temperature Range: -55 to +125 °C

    ## PAD Connections

    ️· #1: Standby
    ️· #2: GND
    ️· #3: Output
    ️· #4: VDD

    ## Input and Output Characteristics

    ️· Input #1 (Level H): +2 V min. or OPEN selected.
    ️· Input #3: Oscillation output ON.
    ️· Input #1 (Level L): +0.8 V max. selected.
    ️· High impedance (weak pull-down)

    Part No.2775W
    ManufacturerNDK
    Size90 Kbytes
    Pages1 page
    Description1Crystal Clock Oscillator
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com