Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2795W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2795W Datasheet

  • # Example questions: ➢ What is the maximum allowable storage temperature for this crystal oscillator?
    ➢ What is the maximum consumption current of the oscillator when the power supply voltage is 5.0v and the temperature is 25°c?
    ➢ How does the input voltage level at pad #1 affect the frequency output of the oscillator?

  • Part No.2795W
    ManufacturerNDK
    Size90 Kbytes
    Pages1 page
    DescriptionCrystal Clock Oscillator
    Datasheet Summary with AI

    # 2795 Series Crystal Clock Oscillator

    ## General Description
    ️· Model: 2795W
    ️· Application: Compact mobile information equipment (PDA, notebook PC)
    ️· Features:
    - Frequency-writing technology enables meeting delivery deadlines.
    - Two frequencies selectable via input voltage (PAD #1).
    - Supports 1 to 125 MHz frequencies using PLL technology.
    - Compatible with IR reflow (lead-free) mounting.
    - Compact dimensions: 5.0 x 3.2 x 1.0 mm, weight 0.06 g.

    ## Specifications

    ️· Frequency Range: 1 MHz to 125 MHz (multiple ranges specified)
    ️· Operating Temperature Range: -20°C to +70°C (multiple ranges specified)
    ️· Frequency Stability: ±100 x 10⁻⁶ (multiple ranges specified)
    ️· Power Supply Voltage: +5.0 ± 0.5 V (multiple ranges specified)
    ️· Consumption Current: 25mA to 50mA (dependent on frequency)
    ️· Output Level: C-MOS (VOL/VOH: 0.1VDD/0.9VDD, IOL=8mA, IOH=–8mA)

    ️· Rise/Fall Time: 5/5 ns to 3/3 ns (dependent on voltage)
    ️· Duty Cycle: 45-55% (at 1/2VDD) to 40-60% (at 1/2VDD)
    ️· Load Capacitance (CL) Max: 15 pF
    ️· Oscillation Start Time Max: 10 ms

    ## Ordering Information
    ️· Code Format: 2795W – Frequency 1 – Frequency 2 – Number for specifying an order (e.g., NSA5333A)
    ️· Contact sales representatives or visit [http://www.ndk.com/](http://www.ndk.com/) for frequency availability and ordering numbers.

    ## Pin Configuration

    ️· PAD #1: Frequency Select
    ️· PAD #2: GND (Ground)
    ️· PAD #3: Output
    ️· PAD #4: VDD (Power Supply)

    ## Two Frequencies-switching Function
    ️· F1 Selection: Input PAD #1 is HIGH (0.7 VDD ≤ VIH ≤ VDD) or OPEN
    ️· F2 Selection: Input PAD #1 is LOW (+0.8 V max.)

    # 2795 Series Crystal Clock Oscillator

    ## General Description
    ️· Model: 2795W
    ️· Application: Compact mobile information equipment (PDA, notebook PC)
    ️· Features:
    - Frequency-writing technology enables meeting delivery deadlines.
    - Two frequencies selectable via input voltage (PAD #1).
    - Supports 1 to 125 MHz frequencies using PLL technology.
    - Compatible with IR reflow (lead-free) mounting.
    - Compact dimensions: 5.0 x 3.2 x 1.0 mm, weight 0.06 g.

    ## Specifications

    ️· Frequency Range: 1 MHz to 125 MHz (multiple ranges specified)
    ️· Operating Temperature Range: -20°C to +70°C (multiple ranges specified)
    ️· Frequency Stability: ±100 x 10⁻⁶ (multiple ranges specified)
    ️· Power Supply Voltage: +5.0 ± 0.5 V (multiple ranges specified)
    ️· Consumption Current: 25mA to 50mA (dependent on frequency)
    ️· Output Level: C-MOS (VOL/VOH: 0.1VDD/0.9VDD, IOL=8mA, IOH=–8mA)
    ️· Rise/Fall Time: 5/5 ns to 3/3 ns (dependent on voltage)
    ️· Duty Cycle: 45-55% (at 1/2VDD) to 40-60% (at 1/2VDD)
    ️· Load Capacitance (CL) Max: 15 pF
    ️· Oscillation Start Time Max: 10 ms

    ## Ordering Information
    ️· Code Format: 2795W – Frequency 1 – Frequency 2 – Number for specifying an order (e.g., NSA5333A)
    ️· Contact sales representatives or visit [http://www.ndk.com/](http://www.ndk.com/) for frequency availability and ordering numbers.

    ## Pin Configuration

    ️· PAD #1: Frequency Select
    ️· PAD #2: GND (Ground)
    ️· PAD #3: Output
    ️· PAD #4: VDD (Power Supply)

    ## Two Frequencies-switching Function
    ️· F1 Selection: Input PAD #1 is HIGH (0.7 VDD ≤ VIH ≤ VDD) or OPEN
    ️· F2 Selection: Input PAD #1 is LOW (+0.8 V max.)

    Part No.2795W
    ManufacturerNDK
    Size90 Kbytes
    Pages1 page
    DescriptionCrystal Clock Oscillator
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com