Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LNBP13SP-TR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LNBP13SP-TR Datasheet

  • # Example questions: ➢ Explain the relevance of these to the environmental friendliness and manufacturing of this device.
    ➢ What is the purpose of capacitor c1 in most of the example circuits?
    ➢ What is the maximum junction temperature (tj) for this device, and where can that specification be found within the document?

  • Part No.LNBP13SP-TR
    ManufacturerSTMICROELECTRONICS
    Size486 Kbytes
    Pages24 pages
    DescriptionLNBP supply and control voltage regulator (parallel interface)
    Datasheet Summary with AI

    1. Overview & Function

    ️· Purpose: These are LNBs (Low Noise Block Downconverters) used in satellite receiver systems. They take the high-frequency signal from the satellite dish, amplify it, and downconvert it to a lower frequency suitable for the receiver.
    ️· Key Features: Low noise figure, designed for single and dual antenna systems, and with options for serial bus control to minimize microcontroller I/O requirements. Also includes overload diagnostics and low-cost implementation options.

    2. Key Specifications (Based on what's visible)

    ️· Frequency Range: Not fully specified in this excerpt, but it's implied to be Ku-band.
    ️· Noise Figure: The primary focus is on *low* noise, which is critical for receiving weak satellite signals. (Specific numbers not fully visible)
    ️· Local Oscillator (LO) Frequency: (Not explicitly stated, but implied to be standard Ku-band LO frequencies).
    ️· Power Supply: Not fully detailed in this excerpt.
    ️· Package: Available in PowerSO-20 package.

    3. Main Features & Capabilities

    ️· Single and Dual Antenna Support: The LNB can be configured for use with one or two antennas.
    ️· Serial Bus Control: This is a significant feature. It allows the receiver/microcontroller to control the LNB (e.g., switch between antennas, change polarization) using a serial communication protocol, reducing the number of I/O pins needed on the microcontroller.
    ️· Overload Diagnostics: The LNB includes diagnostics to detect and potentially handle overload conditions (strong signals that could saturate the amplifier).
    ️· Low-Cost Options: Configurations and application examples are given to allow for cost-optimized receiver designs.
    ️· Master Receiver Port: Options for master receiver port implementations.
    ️· ECOPACK Packaging: Devices are available in lead-free ECOPACK packages, adhering to environmental standards.

    4. Application Examples & Schematics

    The datasheet includes several application schematics demonstrating how to integrate the LNB into a satellite receiver system:

    ️· Two Antenna Ports Receiver: Demonstrates a setup with two antennas for diversity or multiple satellite reception.
    ️· Single Antenna Receiver: A basic setup with a single antenna.
    ️· Serial Bus Implementation: A schematic showing how to connect the LNB to a microcontroller using a serial bus.
    ️· Low Cost Implementations: Schematics illustrating how to reduce component count and cost.
    ️· Overload Diagnostic Setup: Showing how to integrate the overload detection features.




    5. Package Mechanical Data
    ️· Package Type: PowerSO-20
    ️· Detailed dimensions are provided for the PowerSO-20 package, including various parameters like A, a1, a2, b, c, D, E, etc., with both millimeters and inches.

    1. Overview & Function

    ️· Purpose: These are LNBs (Low Noise Block Downconverters) used in satellite receiver systems. They take the high-frequency signal from the satellite dish, amplify it, and downconvert it to a lower frequency suitable for the receiver.
    ️· Key Features: Low noise figure, designed for single and dual antenna systems, and with options for serial bus control to minimize microcontroller I/O requirements. Also includes overload diagnostics and low-cost implementation options.

    2. Key Specifications (Based on what's visible)

    ️· Frequency Range: Not fully specified in this excerpt, but it's implied to be Ku-band.
    ️· Noise Figure: The primary focus is on *low* noise, which is critical for receiving weak satellite signals. (Specific numbers not fully visible)
    ️· Local Oscillator (LO) Frequency: (Not explicitly stated, but implied to be standard Ku-band LO frequencies).
    ️· Power Supply: Not fully detailed in this excerpt.
    ️· Package: Available in PowerSO-20 package.

    3. Main Features & Capabilities

    ️· Single and Dual Antenna Support: The LNB can be configured for use with one or two antennas.
    ️· Serial Bus Control: This is a significant feature. It allows the receiver/microcontroller to control the LNB (e.g., switch between antennas, change polarization) using a serial communication protocol, reducing the number of I/O pins needed on the microcontroller.
    ️· Overload Diagnostics: The LNB includes diagnostics to detect and potentially handle overload conditions (strong signals that could saturate the amplifier).
    ️· Low-Cost Options: Configurations and application examples are given to allow for cost-optimized receiver designs.
    ️· Master Receiver Port: Options for master receiver port implementations.
    ️· ECOPACK Packaging: Devices are available in lead-free ECOPACK packages, adhering to environmental standards.

    4. Application Examples & Schematics

    The datasheet includes several application schematics demonstrating how to integrate the LNB into a satellite receiver system:

    ️· Two Antenna Ports Receiver: Demonstrates a setup with two antennas for diversity or multiple satellite reception.
    ️· Single Antenna Receiver: A basic setup with a single antenna.
    ️· Serial Bus Implementation: A schematic showing how to connect the LNB to a microcontroller using a serial bus.
    ️· Low Cost Implementations: Schematics illustrating how to reduce component count and cost.
    ️· Overload Diagnostic Setup: Showing how to integrate the overload detection features.




    5. Package Mechanical Data
    ️· Package Type: PowerSO-20
    ️· Detailed dimensions are provided for the PowerSO-20 package, including various parameters like A, a1, a2, b, c, D, E, etc., with both millimeters and inches.

    Part No.LNBP13SP-TR
    ManufacturerSTMICROELECTRONICS
    Size486 Kbytes
    Pages24 pages
    DescriptionLNBP supply and control voltage regulator (parallel interface)
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com