Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC25BS5_002 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about XC25BS5_002 Datasheet

  • # Example questions: ➢ What are the recommended bypass capacitor and matching resistor placements to ensure optimal performance and minimize unwanted radiation?
    ➢ Under what conditions would each of these values be relevant or measured?
    ➢ What specific types of applications are explicitly *not* recommended for devices utilizing this ic, and why?

  • Part No.XC25BS5_002
    ManufacturerTOREX
    Size477 Kbytes
    Pages10 pages
    DescriptionPLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
    Datasheet Summary with AI

    # XC25BS5 Series PLL Clock Generator ICs

    ## GENERAL DESCRIPTION

    The XC25BS5 series are high frequency, low power consumption PLL clock generator ICs with divider and multiplier circuits. They offer selectable divider (1, 3-2047) and multiplier (6-2047) ratios. Output frequency (Q0) ranges from 3MHz to 30MHz and is determined by the reference clock (fCLKin) multiplied by N/M. Q1 output is selectable (reference frequency, frequency/2, GND, comparative frequency). Standby mode is supported for low power consumption.

    ## APPLICATIONS

    ️· Crystal oscillation modules
    ️· Personal computers
    ️· PDAs
    ️· Portable audio systems
    ️· Various system clocks

    ## FEATURES

    ️· Output Frequency: 3MHz ~ 30MHz
    ️· Input Frequency: 12kHz ~ 35MHz
    ️· Divider Ratio (M): 1, 3 ~ 2047
    ️· Multiplier Ratio (N): 6 ~ 2047
    ️· Operating Voltage: 2.97V ~ 5.5V
    ️· Package: SOT-26, USP-6B
    ️· Low Power Consumption: CMOS with standby function
    ️· Comparative Frequency: 12kHz ~ 500kHz

    ## PIN CONFIGURATION

    PIN # (SOT-26/USP-6B) PIN NAME FUNCTION
    1/3 Q0 PLL Output
    2/2 VSS GND
    3/1 CE Chip Enable
    4/6 Q1 Reference Oscillation, Frequency/2, GND, Comparative Frequency Output
    5/5 VDD Power Supply
    6/4 CLKin Reference Clock Input

    ## ELECTRICAL CHARACTERISTICS (EXAMPLE)

    ️· Supply Voltage: 2.97V – 3.63V
    ️· Input High Voltage (VIH): 2.7V
    ️· Output High Voltage (VOH): 2.5V (at IOH = -8mA)
    ️· Operating Temperature: -30°C to +80°C

    ## PACKAGING

    ️· SOT-26
    ️· USP-6B

    ## MARKING RULE

    Product series, ordering information, and assembly lot number are indicated on the package.

    # XC25BS5 Series PLL Clock Generator ICs

    ## GENERAL DESCRIPTION

    The XC25BS5 series are high frequency, low power consumption PLL clock generator ICs with divider and multiplier circuits. They offer selectable divider (1, 3-2047) and multiplier (6-2047) ratios. Output frequency (Q0) ranges from 3MHz to 30MHz and is determined by the reference clock (fCLKin) multiplied by N/M. Q1 output is selectable (reference frequency, frequency/2, GND, comparative frequency). Standby mode is supported for low power consumption.

    ## APPLICATIONS

    ️· Crystal oscillation modules
    ️· Personal computers
    ️· PDAs
    ️· Portable audio systems
    ️· Various system clocks

    ## FEATURES

    ️· Output Frequency: 3MHz ~ 30MHz
    ️· Input Frequency: 12kHz ~ 35MHz
    ️· Divider Ratio (M): 1, 3 ~ 2047
    ️· Multiplier Ratio (N): 6 ~ 2047
    ️· Operating Voltage: 2.97V ~ 5.5V
    ️· Package: SOT-26, USP-6B
    ️· Low Power Consumption: CMOS with standby function
    ️· Comparative Frequency: 12kHz ~ 500kHz

    ## PIN CONFIGURATION

    PIN # (SOT-26/USP-6B) PIN NAME FUNCTION
    1/3 Q0 PLL Output
    2/2 VSS GND
    3/1 CE Chip Enable
    4/6 Q1 Reference Oscillation, Frequency/2, GND, Comparative Frequency Output
    5/5 VDD Power Supply
    6/4 CLKin Reference Clock Input

    ## ELECTRICAL CHARACTERISTICS (EXAMPLE)

    ️· Supply Voltage: 2.97V – 3.63V
    ️· Input High Voltage (VIH): 2.7V
    ️· Output High Voltage (VOH): 2.5V (at IOH = -8mA)
    ️· Operating Temperature: -30°C to +80°C

    ## PACKAGING

    ️· SOT-26
    ️· USP-6B

    ## MARKING RULE

    Product series, ordering information, and assembly lot number are indicated on the package.

    Part No.XC25BS5_002
    ManufacturerTOREX
    Size477 Kbytes
    Pages10 pages
    DescriptionPLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)