| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CDCS502 Datasheet
# Example questions:
➢ What is the typical supply voltage range for the cdcs502pwr, based on the provided documentation?
➢ What package type is the cdcs502pwr and what is its pin count?
➢ How many units of the cdcs502pwr are packaged per reel?
# CDCS502 Crystal Oscillator / Clock Generator
## FEATURES
️· Spread Spectrum Capable
️· Fundamental Mode Crystal Oscillator
️· Selectable Frequency Multiplication
️· Integrated Crystal Clocking Capacitors
️· SSC Controllable via 2 External Pins (±0%, ±0.5%, ±1%, ±2% Center Spread)
️· Frequency Multiplication Selectable (x1 or x4)
️· 3.3V Single Power Supply
️· -40°C to 85°C Operating Temperature
️· 8-Pin TSSOP Package
## DESCRIPTION
The CDCS502 is a crystal oscillator with optional spread spectrum capability. It features an advanced gain-controlled fundamental mode oscillator stage with a 10pF load capacitance, accepting crystals from 8MHz to 32MHz (ESR up to 180Ω). The device can operate in x1 mode (standard crystal oscillator) or with frequency multiplication (x4). It utilizes a PLL to spread the clock signal with triangular modulation.
## FUNCTION TABLE
| FS | SSC_SEL 0 | SSC_SEL 1 | SSC Amount | fOUT / fIN | fOUT (at fIN = 27MHz) |
|---|---|---|---|---|---|
| 0 | 0 | 0 | ±0.00% | 1 | 27 MHz |
| 0 | 0 | 1 | ±0.50% | 1 | 27 MHz |
| 0 | 1 | 0 | ±1.00% | 1 | 27 MHz |
| 0 | 1 | 1 | ±2.00% | 1 | 27 MHz |
| 1 | 0 | 0 | ±0.00% | 4 | 108 MHz |
| 1 | 0 | 1 | ±0.50% | 4 | 108 MHz |
| 1 | 1 | 0 | ±1.00% | 4 | 108 MHz |
| 1 | 1 | 1 | ±2.00% | 4 | 108 MHz |
# CDCS502 Crystal Oscillator / Clock Generator
## FEATURES
️· Spread Spectrum Capable
️· Fundamental Mode Crystal Oscillator
️· Selectable Frequency Multiplication
️· Integrated Crystal Clocking Capacitors
️· SSC Controllable via 2 External Pins (±0%, ±0.5%, ±1%, ±2% Center Spread)
️· Frequency Multiplication Selectable (x1 or x4)
️· 3.3V Single Power Supply
️· -40°C to 85°C Operating Temperature
️· 8-Pin TSSOP Package
## DESCRIPTION
The CDCS502 is a crystal oscillator with optional spread spectrum capability. It features an advanced gain-controlled fundamental mode oscillator stage with a 10pF load capacitance, accepting crystals from 8MHz to 32MHz (ESR up to 180Ω). The device can operate in x1 mode (standard crystal oscillator) or with frequency multiplication (x4). It utilizes a PLL to spread the clock signal with triangular modulation.
## FUNCTION TABLE
| FS | SSC_SEL 0 | SSC_SEL 1 | SSC Amount | fOUT / fIN | fOUT (at fIN = 27MHz) |
|---|---|---|---|---|---|
| 0 | 0 | 0 | ±0.00% | 1 | 27 MHz |
| 0 | 0 | 1 | ±0.50% | 1 | 27 MHz |
| 0 | 1 | 0 | ±1.00% | 1 | 27 MHz |
| 0 | 1 | 1 | ±2.00% | 1 | 27 MHz |
| 1 | 0 | 0 | ±0.00% | 4 | 108 MHz |
| 1 | 0 | 1 | ±0.50% | 4 | 108 MHz |
| 1 | 1 | 0 | ±1.00% | 4 | 108 MHz |
| 1 | 1 | 1 | ±2.00% | 4 | 108 MHz |
| Part No. | CDCS502 |
| Manufacturer | TI |
| Size | 353 Kbytes |
| Pages | 11 pages |
| Description | Crystal Oscillator / Clock Generator with optional SSC |