| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RF210DAS50 Datasheet
# Example questions:
➢ What is the maximum operating voltage for these rf connectors?
➢ What are the available options for the connector's insulator material?
➢ What is the operating temperature range for these rf connectors?
# RF CONNECTORS
RFC SERIES
## Connector Styles & Types
️· Styles: BNC, SMA, SMB, F, N, UHF, TNC, FME, Mini UHF, MCX, MMCX, MHF, W. FL
️· Type: 01 thru 99
️· Mating Connectors: Adam Tech RF series connectors and all industry standard RF connectors
## Cable Type & Application
️· 00: PCB Mount
️· 01: 55U/58/58A/58C/140U/141/141A/142U/223U/303
️· 02: 174U/188A/316U
️· 03: 179U/187U
️· 04: 59/59A/59B/62/62AU/62B/62C 210
️· 05: RG 6/U
️· 06: RG 213/U
️· 07: .141-Semi-Rigid
️· 08: .085/.086-Semi-Rigid
️· AS: Adapter or Splitter
## Material & Electrical Specifications
️· Housing: Brass (Nickel plated) or Zinc diecast (Nickel plated)
️· Standard Insulators: Delrin, Polypropylene or Teflon (optional Hi-Temp Teflon available)
️· Contacts: Beryllium copper, Gold plated
️· Operating voltage: 150V AC max.
️· Contact resistance: 5 mΩ max. initial
️· Impedance: 50 or 75 ohms
️· Frequency range: 0 – 6 GHZ
## Mechanical & Temperature Characteristics
️· Engagement force: 4.5 lbs max
️· Disengagement force: 2 lbs min
️· Durability: 500 cycles
️· Operating temperature: -65°C to +165°C
️· Soldering process temperature: 235°C (Standard), 260°C (Hi-Temp)
## Options & Compliance
️· HT: Hi-Temp insulator (up to 260°C)
️· G: Gold plated body and contact
️· RoHS Compliant: 2002 / 95 / EC
# RF CONNECTORS
RFC SERIES
## Connector Styles & Types
️· Styles: BNC, SMA, SMB, F, N, UHF, TNC, FME, Mini UHF, MCX, MMCX, MHF, W. FL
️· Type: 01 thru 99
️· Mating Connectors: Adam Tech RF series connectors and all industry standard RF connectors
## Cable Type & Application
️· 00: PCB Mount
️· 01: 55U/58/58A/58C/140U/141/141A/142U/223U/303
️· 02: 174U/188A/316U
️· 03: 179U/187U
️· 04: 59/59A/59B/62/62AU/62B/62C 210
️· 05: RG 6/U
️· 06: RG 213/U
️· 07: .141-Semi-Rigid
️· 08: .085/.086-Semi-Rigid
️· AS: Adapter or Splitter
## Material & Electrical Specifications
️· Housing: Brass (Nickel plated) or Zinc diecast (Nickel plated)
️· Standard Insulators: Delrin, Polypropylene or Teflon (optional Hi-Temp Teflon available)
️· Contacts: Beryllium copper, Gold plated
️· Operating voltage: 150V AC max.
️· Contact resistance: 5 mΩ max. initial
️· Impedance: 50 or 75 ohms
️· Frequency range: 0 – 6 GHZ
## Mechanical & Temperature Characteristics
️· Engagement force: 4.5 lbs max
️· Disengagement force: 2 lbs min
️· Durability: 500 cycles
️· Operating temperature: -65°C to +165°C
️· Soldering process temperature: 235°C (Standard), 260°C (Hi-Temp)
## Options & Compliance
️· HT: Hi-Temp insulator (up to 260°C)
️· G: Gold plated body and contact
️· RoHS Compliant: 2002 / 95 / EC
| Part No. | RF210DAS50 |
| Manufacturer | ADAM-TECH |
| Size | 154 Kbytes |
| Pages | 1 page |
| Description | RF CONNECTORS |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |