Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AEH40 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AEH40 Datasheet

  • # Example questions: ➢ What is the i/o isolation voltage specified for this power supply?
    ➢ What is the maximum input current for the 3 vo device?
    ➢ How does the output voltage regulation vary between the 3 vo and 2 vo devices?

  • Part No.AEH40
    ManufacturerEMERSON-NETWORKPOWER
    Size91 Kbytes
    Pages2 pages
    DescriptionAEH40Series
    Datasheet Summary with AI

    # AEH40 Series Embedded Power

    ## Features

    ️· Delivers up to 40A output current
    ️· Basic Isolation
    ️· Ultra-High Efficiency (87%-89% for 3.3V, 80%-81% for 1.2V)
    ️· Improved thermal performance: 40A at 70ºC at 1.5ms-1 (300LFM)
    ️· High power density
    ️· Low output noise
    ️· Industry standard pinout
    ️· 2:1 wide input voltage range
    ️· Remote sense & Trim function (+10%/-20%)
    ️· Input under-voltage lockout
    ️· Output over-current lockout
    ️· Output over-voltage protection
    ️· Over temperature protection
    ️· RoHS Compliant

    ## Electrical Specifications

    ️· Input Voltage: 36 - 75 VDC
    ️· Output Voltage: 3.25 - 3.35 Vdc (3.3 Vdc Nominal) or 1.18 - 1.22 Vdc (1.2 Vdc Nominal)
    ️· Output Current: Up to 40A
    ️· Input Current (max.): 6.2 A (3.3 V), 2.0 A (1.2 V)
    ️· Isolation: 1500 Vdc, 1000 pF Capacitance, >10 Mohms Resistance
    ️· Switching Frequency: 280KHz (3.3V), 220KHz (1.2V)

    ## Environmental Specifications

    ️· Operating Temperature: -40 ºC to 70 ºC
    ️· Storage Temperature: -55 ºC to 125 ºC
    ️· MTBF: 2 Million hours (typ.)

    ## Ordering Information

    Vin (V) Vout (V) Iout (A) Effy Model Number
    36-75 3.3 40 89% AEH40F48N
    36-75 3.3 40 89% AEH40F48
    36-75 1.2 40 81% AEH40K48N
    36-75 1.2 40 81% AEH40K48

    ## Contact Information

    ️· Website: [www.astecpower.com](http://www.astecpower.com)
    ️· Technical Support: +1 888 41 ASTEC or +1 407 241 2752

    # AEH40 Series Embedded Power

    ## Features

    ️· Delivers up to 40A output current
    ️· Basic Isolation
    ️· Ultra-High Efficiency (87%-89% for 3.3V, 80%-81% for 1.2V)
    ️· Improved thermal performance: 40A at 70ºC at 1.5ms-1 (300LFM)
    ️· High power density
    ️· Low output noise
    ️· Industry standard pinout
    ️· 2:1 wide input voltage range
    ️· Remote sense & Trim function (+10%/-20%)
    ️· Input under-voltage lockout
    ️· Output over-current lockout
    ️· Output over-voltage protection
    ️· Over temperature protection
    ️· RoHS Compliant

    ## Electrical Specifications

    ️· Input Voltage: 36 - 75 VDC
    ️· Output Voltage: 3.25 - 3.35 Vdc (3.3 Vdc Nominal) or 1.18 - 1.22 Vdc (1.2 Vdc Nominal)
    ️· Output Current: Up to 40A
    ️· Input Current (max.): 6.2 A (3.3 V), 2.0 A (1.2 V)
    ️· Isolation: 1500 Vdc, 1000 pF Capacitance, >10 Mohms Resistance
    ️· Switching Frequency: 280KHz (3.3V), 220KHz (1.2V)

    ## Environmental Specifications

    ️· Operating Temperature: -40 ºC to 70 ºC
    ️· Storage Temperature: -55 ºC to 125 ºC
    ️· MTBF: 2 Million hours (typ.)

    ## Ordering Information

    Vin (V) Vout (V) Iout (A) Effy Model Number
    36-75 3.3 40 89% AEH40F48N
    36-75 3.3 40 89% AEH40F48
    36-75 1.2 40 81% AEH40K48N
    36-75 1.2 40 81% AEH40K48

    ## Contact Information

    ️· Website: [www.astecpower.com](http://www.astecpower.com)
    ️· Technical Support: +1 888 41 ASTEC or +1 407 241 2752

    Part No.AEH40
    ManufacturerEMERSON-NETWORKPOWER
    Size91 Kbytes
    Pages2 pages
    DescriptionAEH40Series