Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SF51 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SF51 Datasheet

  • # Example questions: ➢ What is the typical forward voltage drop at a forward current of 0.5a for the diodes tested at tj = 25°c, as shown in fig.3?
    ➢ What is the maximum surge current (as shown in fig.2) for the diodes tested under a non-sinusoidal peak forward current, assuming a single cycle?
    ➢ How does junction capacitance change with increasing reverse voltage for the sf51-sf54 and sf55-sf58 diodes?

  • Part No.SF51
    ManufacturerMIC
    Size55 Kbytes
    Pages2 pages
    DescriptionSUPER FAST RECOVERY RECTIFIER
    Datasheet Summary with AI

    1. General Description

    ️· Product Series: SF51 - SF58 (Rectifier Diodes)
    ️· Manufacturer: Unspecified (contact information: sales@cnmic.com, www.cnmic.com)
    ️· Application: Likely general-purpose rectification.
    ️· Key Features (implied): Fast switching speed, low forward voltage.

    2. Electrical Characteristics (Typical Values - Where Available)

    This is a composite, pulling data from various tables and charts. Values are nominal, typical, or peak unless otherwise stated. Consult the datasheet for absolute maximum ratings. Due to varying information display in image format, values should be cross-referenced with original documentation.

    Parameter Value (Typical) Unit Notes
    Forward Voltage (Vf) 0.4 - 0.8 V At specified current (usually 1A, see charts)
    Reverse Breakdown Voltage (Vr) 100 V
    Forward Current (If) 1A (implied) A See forward voltage charts. May have a higher max.
    Reverse Leakage Current (Ir) Not explicitly given, low µA Implied by description
    Reverse Recovery Time (trr) ~7ns max ns (For specific test circuit. Dependent on load conditions)
    Capacitance (Cj) ~ 0.01 PF At 1MHz and 25°C
    Forward Surge Current: 125 A For 8.3ms at 60Hz

    Important Notes on Electrical Characteristics:

    ️· The charts show the *relationship* between forward voltage and current for different devices in the series. They don't give a single "forward voltage" value, as it's dependent on the current being drawn.
    ️· Reverse breakdown voltage is listed as 100V, which is a general value. The datasheets would specify the exact rating for each model.
    ️· Recovery time is critically dependent on the test circuit.
    ️· The datasheet would list absolute maximum ratings for voltage, current, power dissipation, temperature, etc.

    3. Diagrams & Charts

    The document includes several diagrams and charts. Here's an explanation of each:

    ️· Test Circuit Diagram and Reverse Recovery Time Characteristics: Shows the test circuit used to measure the reverse recovery time. Highlights the rise time (7ns max) and input impedance (1MΩ, 22pF) for the test.
    ️· Forward Voltage vs. Current Charts: Multiple charts display the relationship between forward voltage and current for different diode models within the SF51-SF58 series. This is essential for understanding the diode's behavior under different load conditions.
    ️· Reverse Voltage Breakdown Chart: Illustrates the relationship between percentage of rated peak reverse voltage, and ambient temperature.
    ️· Forward Surge Current vs. Number of Cycles (8.3ms single half sine-wave): Shows surge current capability.
    ️· Junction Capacitance (Cj) Diagram: Demonstrates junction capacitance at 1MHz and 25 degrees Celsius.
    ️· Schematic/Circuit Diagram: Indicates two resistance components: 50 Ohm, and 10 Ohm.



    Important Considerations

    ️· Datasheet Required: This summary is based on the image provided. A complete datasheet is essential for accurate specifications, absolute maximum ratings, and detailed application information.
    ️· Image Quality: The quality of the images limits precision in data extraction.
    ️· Model Variations: The SF51-SF58 series likely encompasses variations with different voltage/current ratings. Refer to the datasheet for the exact specifications of each model.
    ️· Application Requirements: Consider device requirements when choosing a rectifier diode, as these will influence selection.

    1. General Description

    ️· Product Series: SF51 - SF58 (Rectifier Diodes)
    ️· Manufacturer: Unspecified (contact information: sales@cnmic.com, www.cnmic.com)
    ️· Application: Likely general-purpose rectification.
    ️· Key Features (implied): Fast switching speed, low forward voltage.

    2. Electrical Characteristics (Typical Values - Where Available)

    This is a composite, pulling data from various tables and charts. Values are nominal, typical, or peak unless otherwise stated. Consult the datasheet for absolute maximum ratings. Due to varying information display in image format, values should be cross-referenced with original documentation.

    Parameter Value (Typical) Unit Notes
    Forward Voltage (Vf) 0.4 - 0.8 V At specified current (usually 1A, see charts)
    Reverse Breakdown Voltage (Vr) 100 V
    Forward Current (If) 1A (implied) A See forward voltage charts. May have a higher max.
    Reverse Leakage Current (Ir) Not explicitly given, low µA Implied by description
    Reverse Recovery Time (trr) ~7ns max ns (For specific test circuit. Dependent on load conditions)
    Capacitance (Cj) ~ 0.01 PF At 1MHz and 25°C
    Forward Surge Current: 125 A For 8.3ms at 60Hz

    Important Notes on Electrical Characteristics:

    ️· The charts show the *relationship* between forward voltage and current for different devices in the series. They don't give a single "forward voltage" value, as it's dependent on the current being drawn.
    ️· Reverse breakdown voltage is listed as 100V, which is a general value. The datasheets would specify the exact rating for each model.
    ️· Recovery time is critically dependent on the test circuit.
    ️· The datasheet would list absolute maximum ratings for voltage, current, power dissipation, temperature, etc.

    3. Diagrams & Charts

    The document includes several diagrams and charts. Here's an explanation of each:

    ️· Test Circuit Diagram and Reverse Recovery Time Characteristics: Shows the test circuit used to measure the reverse recovery time. Highlights the rise time (7ns max) and input impedance (1MΩ, 22pF) for the test.
    ️· Forward Voltage vs. Current Charts: Multiple charts display the relationship between forward voltage and current for different diode models within the SF51-SF58 series. This is essential for understanding the diode's behavior under different load conditions.
    ️· Reverse Voltage Breakdown Chart: Illustrates the relationship between percentage of rated peak reverse voltage, and ambient temperature.
    ️· Forward Surge Current vs. Number of Cycles (8.3ms single half sine-wave): Shows surge current capability.
    ️· Junction Capacitance (Cj) Diagram: Demonstrates junction capacitance at 1MHz and 25 degrees Celsius.
    ️· Schematic/Circuit Diagram: Indicates two resistance components: 50 Ohm, and 10 Ohm.



    Important Considerations

    ️· Datasheet Required: This summary is based on the image provided. A complete datasheet is essential for accurate specifications, absolute maximum ratings, and detailed application information.
    ️· Image Quality: The quality of the images limits precision in data extraction.
    ️· Model Variations: The SF51-SF58 series likely encompasses variations with different voltage/current ratings. Refer to the datasheet for the exact specifications of each model.
    ️· Application Requirements: Consider device requirements when choosing a rectifier diode, as these will influence selection.

    Part No.SF51
    ManufacturerMIC
    Size55 Kbytes
    Pages2 pages
    DescriptionSUPER FAST RECOVERY RECTIFIER
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com