| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SN75LBC771 Datasheet
# Example questions:
➢ What is the typical capacitance (cl) used in the propagation and transition time tests for both the single-ended and differential drivers, and receivers?
➢ What is the typical load resistance (rl) used in the differential driver propagation and transition time tests?
➢ What happens to the receiver outputs if the inputs are left unconnected?
# SN75LBC771 GEOPORT TRANSCEIVER
## Overview
The SN75LBC771 is a low-power LinBiCMOS device incorporating drivers and receivers for a 9-pin GeoPort host interface. It supports data transmission up to 4 Mbit/s full duplex, replacing RS-232, AppleTalk, and printer ports. Compatible with both LocalTalk and AppleTalk.
## Key Features
️· Interface: 9-pin GeoPort host interface
️· Data Rate: Up to 4 Mbit/s full duplex
️· Compatibility: Replaces RS-232, AppleTalk, printer ports; compatible with LocalTalk and AppleTalk.
️· Technology: LinBiCMOS process
️· Hot-Plug Capability
## Electrical Characteristics
️· Supply Voltage: VCC: 4.75 – 5.25 V, VEE: -5.25 – -4.75 V
️· Input Voltage (VIH): 2 V
️· Output Voltage (VOH/VOL): Varies with load, typically 3.6-4.5V / -3.6 to -2 V
️· ESD Protection: Class 3 (6kV/500V)
️· Operating Temperature: 0°C to 70°C
## Functional Description
️· Drivers: Hybrid EIA/TIA-422-B and EIA/TIA-423-B drivers
️· Receivers: Hybrid EIA/TIA-422-B and EIA/TIA-423-B receivers
️· Fail-Safe Mechanisms: Ensure high output state when inputs are open.
️· Shutdown (SHDN): High impedance state when SHDN is high.
️· Driver Enable (DEN): High impedance state when DEN is high.
## Pin Configuration (Refer to datasheet for diagram)
️· Provides a 9-pin DW (R-PDSO-G**) package.
## Absolute Maximum Ratings
️· Positive Supply Voltage: -0.5 to 7 V
️· Negative Supply Voltage: -7 to 0.5 V
️· Operating Temperature: 0°C to 70°C
️· Storage Temperature: -65°C to 150°C
## Testing and Performance
️· Propagation Delay (tPHL/tPLH): ~40-75 ns
️· Rise/Fall Time (tr/tf): ~10-30 ns
# SN75LBC771 GEOPORT TRANSCEIVER
## Overview
The SN75LBC771 is a low-power LinBiCMOS device incorporating drivers and receivers for a 9-pin GeoPort host interface. It supports data transmission up to 4 Mbit/s full duplex, replacing RS-232, AppleTalk, and printer ports. Compatible with both LocalTalk and AppleTalk.
## Key Features
️· Interface: 9-pin GeoPort host interface
️· Data Rate: Up to 4 Mbit/s full duplex
️· Compatibility: Replaces RS-232, AppleTalk, printer ports; compatible with LocalTalk and AppleTalk.
️· Technology: LinBiCMOS process
️· Hot-Plug Capability
## Electrical Characteristics
️· Supply Voltage: VCC: 4.75 – 5.25 V, VEE: -5.25 – -4.75 V
️· Input Voltage (VIH): 2 V
️· Output Voltage (VOH/VOL): Varies with load, typically 3.6-4.5V / -3.6 to -2 V
️· ESD Protection: Class 3 (6kV/500V)
️· Operating Temperature: 0°C to 70°C
## Functional Description
️· Drivers: Hybrid EIA/TIA-422-B and EIA/TIA-423-B drivers
️· Receivers: Hybrid EIA/TIA-422-B and EIA/TIA-423-B receivers
️· Fail-Safe Mechanisms: Ensure high output state when inputs are open.
️· Shutdown (SHDN): High impedance state when SHDN is high.
️· Driver Enable (DEN): High impedance state when DEN is high.
## Pin Configuration (Refer to datasheet for diagram)
️· Provides a 9-pin DW (R-PDSO-G**) package.
## Absolute Maximum Ratings
️· Positive Supply Voltage: -0.5 to 7 V
️· Negative Supply Voltage: -7 to 0.5 V
️· Operating Temperature: 0°C to 70°C
️· Storage Temperature: -65°C to 150°C
## Testing and Performance
️· Propagation Delay (tPHL/tPLH): ~40-75 ns
️· Rise/Fall Time (tr/tf): ~10-30 ns
| Part No. | SN75LBC771 |
| Manufacturer | TI |
| Size | 199 Kbytes |
| Pages | 13 pages |
| Description | GEOPORTE TRANSCEIVER |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |