| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TOP100-12 Datasheet
# Example questions:
➢ What protection features are included in these power supplies?
➢ What is the input voltage range for the power supplies detailed in the document?
➢ What are the key safety and emc compliance standards met by the power supplies described in the document?
# PLN-100 Series Switching Power Supply
## Specifications
️· Model: PLN-100-12, PLN-100-15, PLN-100-20, PLN-100-24, PLN-100-27, PLN-100-36, PLN-100-48
️· DC Voltage: 12V, 15V, 20V, 24V, 27V, 36V, 48V
️· Rated Current: 5A (12V, 15V), 4.8A (20V), 4A (24V), 3.55A (27V), 2.65A (36V), 2A (48V)
️· Rated Power: 60W (12V, 15V), 96W (20V, 24V, 27V), 95.4W (36V), 96W (48V)
️· Output Voltage Adjustment Range: Varies by model (e.g., 13-16V for 12V model)
️· Line Regulation: 3.0%
️· Load Regulation: 0% to -15% (adjustable via SVR1), 3% to -25% (adjustable via SVR2)
️· Ripple & Noise: 150mVp-p (up to 27V), 200mVp-p (36V, 48V)
️· Setup/Rise Time: 1200ms/80ms (230VAC), 1200ms/80ms (115VAC)
️· Hold Up Time: 60ms/230VAC, 30ms/115VAC
️· Input Voltage: 90-264VAC, 127-370VDC
️· Frequency: 47-63Hz
️· Power Factor: >0.95 (230VAC/115VAC)
️· Efficiency: 83%-87%
️· Input Current: Varies by voltage
️· Inrush Current: 40A/230VAC
️· Leakage Current: 0.5mA/240VAC
## Safety & Standards
️· Safety Standards: UL1310 Class 2, UL879, TUV EN60950-1, EN61347-1, EN61347-2-13, CAN/CSA C22.2 No. 223-M91 (except 48V)
️· Withstand Voltage: I/P-O/P: 4.25KVDC
️· Isolation Resistance: I/P-O/P: 100M Ohms / 500VDC / 25 / 70% RH
️· Protection: Constant current limiting, latch off & auto-recovery
️· EMC: Complies with EN55015, EN55022, EN61000-3-2, EN61000-3-3, and EN61000-4 series
️· IP Rating: IP64
## Environmental
️· Operating Temperature: -30 to +50°C (refer to derating curve)
️· Operating Humidity: 20-90% RH (non-condensing)
️· Storage Temperature: -40 to +80°C
️· Storage Humidity: 10-95% RH
️· Vibration: 10-500Hz, 2G for 60 minutes
## Physical
️· Dimensions: 200 x 70.5 x 35mm
️· MTBF: 303.1K hours (MIL-HDBK-217F, 25°C)
# PLN-100 Series Switching Power Supply
## Specifications
️· Model: PLN-100-12, PLN-100-15, PLN-100-20, PLN-100-24, PLN-100-27, PLN-100-36, PLN-100-48
️· DC Voltage: 12V, 15V, 20V, 24V, 27V, 36V, 48V
️· Rated Current: 5A (12V, 15V), 4.8A (20V), 4A (24V), 3.55A (27V), 2.65A (36V), 2A (48V)
️· Rated Power: 60W (12V, 15V), 96W (20V, 24V, 27V), 95.4W (36V), 96W (48V)
️· Output Voltage Adjustment Range: Varies by model (e.g., 13-16V for 12V model)
️· Line Regulation: 3.0%
️· Load Regulation: 0% to -15% (adjustable via SVR1), 3% to -25% (adjustable via SVR2)
️· Ripple & Noise: 150mVp-p (up to 27V), 200mVp-p (36V, 48V)
️· Setup/Rise Time: 1200ms/80ms (230VAC), 1200ms/80ms (115VAC)
️· Hold Up Time: 60ms/230VAC, 30ms/115VAC
️· Input Voltage: 90-264VAC, 127-370VDC
️· Frequency: 47-63Hz
️· Power Factor: >0.95 (230VAC/115VAC)
️· Efficiency: 83%-87%
️· Input Current: Varies by voltage
️· Inrush Current: 40A/230VAC
️· Leakage Current: 0.5mA/240VAC
## Safety & Standards
️· Safety Standards: UL1310 Class 2, UL879, TUV EN60950-1, EN61347-1, EN61347-2-13, CAN/CSA C22.2 No. 223-M91 (except 48V)
️· Withstand Voltage: I/P-O/P: 4.25KVDC
️· Isolation Resistance: I/P-O/P: 100M Ohms / 500VDC / 25 / 70% RH
️· Protection: Constant current limiting, latch off & auto-recovery
️· EMC: Complies with EN55015, EN55022, EN61000-3-2, EN61000-3-3, and EN61000-4 series
️· IP Rating: IP64
## Environmental
️· Operating Temperature: -30 to +50°C (refer to derating curve)
️· Operating Humidity: 20-90% RH (non-condensing)
️· Storage Temperature: -40 to +80°C
️· Storage Humidity: 10-95% RH
️· Vibration: 10-500Hz, 2G for 60 minutes
## Physical
️· Dimensions: 200 x 70.5 x 35mm
️· MTBF: 303.1K hours (MIL-HDBK-217F, 25°C)
| Part No. | TOP100-12 |
| Manufacturer | TRUMPOWER |
| Size | 124 Kbytes |
| Pages | 2 pages |
| Description | 60-96 WATT AC/DC SWITCHING POWER SUPPLIES |