Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS-X50190B-C1-R0 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ATS-X50190B-C1-R0 Datasheet

  • # Example questions: ➢ What type of thermal interface material is included with this heat sink as standard?
    ➢ How does the thermal resistance change when transitioning from unducted to ducted airflow at an air velocity of 500 ft/min?
    ➢ What are the dimensions of this heat sink, specifically its length, width, and height?

  • Part No.ATS-X50190B-C1-R0
    ManufacturerATS
    Size647 Kbytes
    Pages1 page
    DescriptionHigh Performance BGA Cooling
    Datasheet Summary with AI

    # High Performance BGA Cooling Solutions w/ superGRIP™ Attachment

    ## Product Details
    ️· ATS Part #: ATS-X50190B-C1-R0
    ️· Dimensions:
    - Length: 19 mm
    - Width: 19 mm
    - Height: 7.5 mm
    - Fin Tip to Fin Tip: 31.5 mm
    ️· Material: Chomerics T766
    ️· Finish: Blue-anodized
    ️· Designed for: 19 x 19 mm BGA components

    ## Features & Benefits
    ️· superGRIP™ Attachment: Allows for detachment and reattachment without component or PCB damage.
    ️· Strong & Uniform Force: Optimizes performance with phase-changing TIMs.
    ️· No PCB Drilling: Eliminates the need for mounting holes.
    ️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
    ️· Phase Change Material: Features clean break, reworkable Chomerics T-766.

    ## Thermal Performance
    ️· Air Velocity & Thermal Resistance (°C/W):
    - 200 FT/MIN (1.0 M/S): 16.5 °C/W (unducted flow), 12.9 °C/W (ducted flow)
    - 300 FT/MIN (1.5 M/S): 13.4 °C/W (unducted flow)
    - 400 FT/MIN (2.0 M/S): 11.6 °C/W (unducted flow)
    - 500 FT/MIN (2.5 M/S): 10.3 °C/W (unducted flow)
    - 600 FT/MIN (3.0 M/S): 9.4 °C/W (unducted flow)
    - 700 FT/MIN (3.5 M/S): 8.7 °C/W (unducted flow)
    - 800 FT/MIN (4.0 M/S): 8.2 °C/W (unducted flow)

    ## Important Notes
    ️· Heat sink dimensions have tolerances up to .99 mm.
    ️· Thermal performance data is for reference only.
    ️· ATS reserves the right to change products.
    ️· Additional tooling fees and a typical lead time of 4-6 weeks may apply.
    ️· Contact ATS for custom options.
    ️· Visit [www.qats.com](http://www.qats.com) or call 781.769.2800 (North America) or +31 (0) 3569 84715 (Europe) for more information.

    # High Performance BGA Cooling Solutions w/ superGRIP™ Attachment

    ## Product Details
    ️· ATS Part #: ATS-X50190B-C1-R0
    ️· Dimensions:
    - Length: 19 mm
    - Width: 19 mm
    - Height: 7.5 mm
    - Fin Tip to Fin Tip: 31.5 mm
    ️· Material: Chomerics T766
    ️· Finish: Blue-anodized
    ️· Designed for: 19 x 19 mm BGA components

    ## Features & Benefits
    ️· superGRIP™ Attachment: Allows for detachment and reattachment without component or PCB damage.
    ️· Strong & Uniform Force: Optimizes performance with phase-changing TIMs.
    ️· No PCB Drilling: Eliminates the need for mounting holes.
    ️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
    ️· Phase Change Material: Features clean break, reworkable Chomerics T-766.

    ## Thermal Performance
    ️· Air Velocity & Thermal Resistance (°C/W):
    - 200 FT/MIN (1.0 M/S): 16.5 °C/W (unducted flow), 12.9 °C/W (ducted flow)
    - 300 FT/MIN (1.5 M/S): 13.4 °C/W (unducted flow)
    - 400 FT/MIN (2.0 M/S): 11.6 °C/W (unducted flow)
    - 500 FT/MIN (2.5 M/S): 10.3 °C/W (unducted flow)
    - 600 FT/MIN (3.0 M/S): 9.4 °C/W (unducted flow)
    - 700 FT/MIN (3.5 M/S): 8.7 °C/W (unducted flow)
    - 800 FT/MIN (4.0 M/S): 8.2 °C/W (unducted flow)

    ## Important Notes
    ️· Heat sink dimensions have tolerances up to .99 mm.
    ️· Thermal performance data is for reference only.
    ️· ATS reserves the right to change products.
    ️· Additional tooling fees and a typical lead time of 4-6 weeks may apply.
    ️· Contact ATS for custom options.
    ️· Visit [www.qats.com](http://www.qats.com) or call 781.769.2800 (North America) or +31 (0) 3569 84715 (Europe) for more information.

    Part No.ATS-X50190B-C1-R0
    ManufacturerATS
    Size647 Kbytes
    Pages1 page
    DescriptionHigh Performance BGA Cooling