| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ATS-X50210P-C1-R0 Datasheet
# Example questions:
➢ How does the thermal resistance change when using ducted versus unducted airflow at a velocity of 500 ft/min?
➢ What is the typical lead time required to receive this product after placing an order?
➢ What are the dimensions of the heat sink, including length, width, and height?
# High Performance BGA Cooling Solutions w/ superGRIP™ Attachment
## Product Details
️· ATS Part #: ATS-X50210P-C1-R0
️· Dimensions:
- Length: 21 mm
- Width: 21 mm
- Height: 17.5 mm
- Fin Tip to Fin Tip: 38.2 mm
️· Material: Chomerics T766
️· Finish: Blue-Anodized
️· Designed for: 21 x 21 mm BGA components
## Features & Benefits
️· superGRIP™ Attachment: Allows heat sink detachment and reattachment without component or PCB damage.
️· Strong, Uniform Force: Maximizes performance of phase-changing TIMs.
️· No PCB Drilling: Eliminates the need for mounting holes.
️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
️· Phase Change Material: Uses clean break, reworkable Chomerics T-766.
## Thermal Performance
️· Air Velocity & Thermal Resistance:
- 200 FT/MIN (1.0 M/S): 5.4 °C/W (Unducted Flow), 4.3 °C/W (Ducted Flow)
- 300 FT/MIN (1.5 M/S): 4.4 °C/W (Unducted Flow), 3.9 °C/W (Ducted Flow)
- 400 FT/MIN (2.0 M/S): 3.9 °C/W (Unducted Flow), 3.5 °C/W (Ducted Flow)
- 500 FT/MIN (2.5 M/S): 3.5 °C/W (Unducted Flow), 3.2 °C/W (Ducted Flow)
- 600 FT/MIN (3.0 M/S): 3.2 °C/W (Unducted Flow), 3.0 °C/W (Ducted Flow)
- 700 FT/MIN (3.5 M/S): 3.0 °C/W (Unducted Flow), 2.8 °C/W (Ducted Flow)
- 800 FT/MIN (4.0 M/S): 2.8 °C/W (Unducted Flow)
## Notes
️· Length and width dimensions refer to the size of the component.
️· Heat sink dimensions have tolerances up to .99 mm.
️· Thermal performance data is for reference only.
️· ATS reserves the right to update products without notice.
️· Additional tooling fees and a lead time of 4-6 weeks may be required.
️· Contact ATS for custom options.
️· Visit www.qats.com or call 781.769.2800 (North America) or +31 (0) 3569 84715 (Europe) for more information.
# High Performance BGA Cooling Solutions w/ superGRIP™ Attachment
## Product Details
️· ATS Part #: ATS-X50210P-C1-R0
️· Dimensions:
- Length: 21 mm
- Width: 21 mm
- Height: 17.5 mm
- Fin Tip to Fin Tip: 38.2 mm
️· Material: Chomerics T766
️· Finish: Blue-Anodized
️· Designed for: 21 x 21 mm BGA components
## Features & Benefits
️· superGRIP™ Attachment: Allows heat sink detachment and reattachment without component or PCB damage.
️· Strong, Uniform Force: Maximizes performance of phase-changing TIMs.
️· No PCB Drilling: Eliminates the need for mounting holes.
️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
️· Phase Change Material: Uses clean break, reworkable Chomerics T-766.
## Thermal Performance
️· Air Velocity & Thermal Resistance:
- 200 FT/MIN (1.0 M/S): 5.4 °C/W (Unducted Flow), 4.3 °C/W (Ducted Flow)
- 300 FT/MIN (1.5 M/S): 4.4 °C/W (Unducted Flow), 3.9 °C/W (Ducted Flow)
- 400 FT/MIN (2.0 M/S): 3.9 °C/W (Unducted Flow), 3.5 °C/W (Ducted Flow)
- 500 FT/MIN (2.5 M/S): 3.5 °C/W (Unducted Flow), 3.2 °C/W (Ducted Flow)
- 600 FT/MIN (3.0 M/S): 3.2 °C/W (Unducted Flow), 3.0 °C/W (Ducted Flow)
- 700 FT/MIN (3.5 M/S): 3.0 °C/W (Unducted Flow), 2.8 °C/W (Ducted Flow)
- 800 FT/MIN (4.0 M/S): 2.8 °C/W (Unducted Flow)
## Notes
️· Length and width dimensions refer to the size of the component.
️· Heat sink dimensions have tolerances up to .99 mm.
️· Thermal performance data is for reference only.
️· ATS reserves the right to update products without notice.
️· Additional tooling fees and a lead time of 4-6 weeks may be required.
️· Contact ATS for custom options.
️· Visit www.qats.com or call 781.769.2800 (North America) or +31 (0) 3569 84715 (Europe) for more information.
| Part No. | ATS-X50210P-C1-R0 |
| Manufacturer | ATS |
| Size | 662 Kbytes |
| Pages | 1 page |
| Description | High Performance BGA Cooling |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |