| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ATS-X50230B-C1-R0 Datasheet
# Example questions:
➢ How does the thermal resistance change with an air velocity of 600 ft/min?
➢ What are the dimensions of the heat sink designed for?
➢ What is the typical lead time for receiving this product after ordering?
# High Performance BGA Cooling Solutions w/ superGRIP™ Attachment
## Product Details
️· ATS Part #: ATS-X50230B-C1-R0
️· Dimensions:
- Length: 23 mm
- Width: 23 mm
- Height: 7.5 mm
- Fin Tip to Fin Tip: 37.5 mm
️· Interface Material: Chomerics T766
️· Finish: Blue-Anodized
️· Designed for: 23 x 23 mm BGA components
## Features & Benefits
️· Space Efficient: Requires minimal space around the component’s perimeter; ideal for densely populated PCBs.
️· Reworkable: Allows detachment and reattachment without damaging the component or PCB.
️· TIM Performance: Strong, uniform attachment force for optimal performance with phase-changing TIMs.
️· Holeless Mounting: Eliminates the need for PCB mounting holes.
️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
️· Phase Change Material: Includes clean break, reworkable Chomerics T-766 phase change material.
## Thermal Performance
️· Air Velocity (FT/MIN):
- 200: 1.0 °C/W (Unducted Flow) / 10.9 °C/W (Ducted Flow)
- 300: 1.5 °C/W (Unducted Flow) / 8.7 °C/W (Ducted Flow)
- 400: 2.0 °C/W (Unducted Flow) / 7.5 °C/W (Ducted Flow)
- 500: 2.5 °C/W (Unducted Flow) / 6.7 °C/W (Ducted Flow)
- 600: 3.0 °C/W (Unducted Flow) / 6.2 °C/W (Ducted Flow)
- 700: 3.5 °C/W (Unducted Flow) / 5.7 °C/W (Ducted Flow)
- 800: 4.0 °C/W (Unducted Flow) / 5.3 °C/W (Ducted Flow)
## Notes
️· Dimensions of the heat sink are subject to tolerances of up to .99 mm.
️· Thermal performance data are for reference only; actual performance may vary.
️· ATS reserves the right to update or change products.
️· Additional tooling fees and a minimum lead time of 4-6 weeks may be required.
️· Contact ATS for custom options.
For more information, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
REV0_042109
# High Performance BGA Cooling Solutions w/ superGRIP™ Attachment
## Product Details
️· ATS Part #: ATS-X50230B-C1-R0
️· Dimensions:
- Length: 23 mm
- Width: 23 mm
- Height: 7.5 mm
- Fin Tip to Fin Tip: 37.5 mm
️· Interface Material: Chomerics T766
️· Finish: Blue-Anodized
️· Designed for: 23 x 23 mm BGA components
## Features & Benefits
️· Space Efficient: Requires minimal space around the component’s perimeter; ideal for densely populated PCBs.
️· Reworkable: Allows detachment and reattachment without damaging the component or PCB.
️· TIM Performance: Strong, uniform attachment force for optimal performance with phase-changing TIMs.
️· Holeless Mounting: Eliminates the need for PCB mounting holes.
️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
️· Phase Change Material: Includes clean break, reworkable Chomerics T-766 phase change material.
## Thermal Performance
️· Air Velocity (FT/MIN):
- 200: 1.0 °C/W (Unducted Flow) / 10.9 °C/W (Ducted Flow)
- 300: 1.5 °C/W (Unducted Flow) / 8.7 °C/W (Ducted Flow)
- 400: 2.0 °C/W (Unducted Flow) / 7.5 °C/W (Ducted Flow)
- 500: 2.5 °C/W (Unducted Flow) / 6.7 °C/W (Ducted Flow)
- 600: 3.0 °C/W (Unducted Flow) / 6.2 °C/W (Ducted Flow)
- 700: 3.5 °C/W (Unducted Flow) / 5.7 °C/W (Ducted Flow)
- 800: 4.0 °C/W (Unducted Flow) / 5.3 °C/W (Ducted Flow)
## Notes
️· Dimensions of the heat sink are subject to tolerances of up to .99 mm.
️· Thermal performance data are for reference only; actual performance may vary.
️· ATS reserves the right to update or change products.
️· Additional tooling fees and a minimum lead time of 4-6 weeks may be required.
️· Contact ATS for custom options.
For more information, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
REV0_042109
| Part No. | ATS-X50230B-C1-R0 |
| Manufacturer | ATS |
| Size | 648 Kbytes |
| Pages | 1 page |
| Description | High Performance BGA Cooling |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |