| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ATS-X50230P-C1-R0 Datasheet
# Example questions:
➢ What are the length and width dimensions of this heat sink component?
➢ How does the thermal resistance change when using ducted flow at an air velocity of 500 ft/min?
➢ What is the typical lead time required to receive this product after placing an order?
# ATS-X50230P-C1-R0: High Performance BGA Cooling Solution
## Product Details
️· ATS Part #: ATS-X50230P-C1-R0
️· Dimensions:
- Length: 23 mm
- Width: 23 mm
- Height: 17.5 mm
- Fin Tip to Fin Tip: 41.5 mm
️· Material: Chomerics T766
️· Finish: Blue-Anodized
️· Designed For: 23 x 23 mm BGA components
## Features & Benefits
️· superGRIP™ Attachment: Allows for detachment and reattachment without damaging the component or PCB.
️· Space Optimization: Requires minimal space around the component; suitable for densely populated PCBs.
️· TIM Performance: Strong, uniform attachment force maximizes performance of phase-changing TIMs.
️· Holeless Mounting: Eliminates the need for PCB mounting holes.
️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
️· Phase Change Material: Comes standard with clean break, reworkable Chomerics T-766 phase change material.
## Thermal Performance
️· Air Velocity (FT/MIN) | Thermal Resistance (°C/W)
- 200 | 1.0 (Unducted Flow) / 5.1 (Ducted Flow)
- 300 | 1.5 (Unducted Flow) / 4.2 (Ducted Flow)
- 400 | 2.0 (Unducted Flow) / 3.6 (Ducted Flow)
- 500 | 2.5 (Unducted Flow) / 3.3 (Ducted Flow)
- 600 | 3.0 (Unducted Flow) / 3 (Ducted Flow)
- 700 | 3.5 (Unducted Flow) / 2.8 (Ducted Flow)
- 800 | 4.0 (Unducted Flow) / 2.6 (Ducted Flow)
## Notes & Contact
️· Length and width dimensions refer to the component size. Heat sink dimensions may have a tolerance of up to 0.99 mm.
️· Thermal performance data is for reference only.
️· ATS reserves the right to modify products.
️· Additional tooling fees and a lead time of 4-6 weeks may be required.
️· Website: www.qats.com
️· North America: 781.769.2800
️· Europe: +31 (0) 3569 84715
# ATS-X50230P-C1-R0: High Performance BGA Cooling Solution
## Product Details
️· ATS Part #: ATS-X50230P-C1-R0
️· Dimensions:
- Length: 23 mm
- Width: 23 mm
- Height: 17.5 mm
- Fin Tip to Fin Tip: 41.5 mm
️· Material: Chomerics T766
️· Finish: Blue-Anodized
️· Designed For: 23 x 23 mm BGA components
## Features & Benefits
️· superGRIP™ Attachment: Allows for detachment and reattachment without damaging the component or PCB.
️· Space Optimization: Requires minimal space around the component; suitable for densely populated PCBs.
️· TIM Performance: Strong, uniform attachment force maximizes performance of phase-changing TIMs.
️· Holeless Mounting: Eliminates the need for PCB mounting holes.
️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
️· Phase Change Material: Comes standard with clean break, reworkable Chomerics T-766 phase change material.
## Thermal Performance
️· Air Velocity (FT/MIN) | Thermal Resistance (°C/W)
- 200 | 1.0 (Unducted Flow) / 5.1 (Ducted Flow)
- 300 | 1.5 (Unducted Flow) / 4.2 (Ducted Flow)
- 400 | 2.0 (Unducted Flow) / 3.6 (Ducted Flow)
- 500 | 2.5 (Unducted Flow) / 3.3 (Ducted Flow)
- 600 | 3.0 (Unducted Flow) / 3 (Ducted Flow)
- 700 | 3.5 (Unducted Flow) / 2.8 (Ducted Flow)
- 800 | 4.0 (Unducted Flow) / 2.6 (Ducted Flow)
## Notes & Contact
️· Length and width dimensions refer to the component size. Heat sink dimensions may have a tolerance of up to 0.99 mm.
️· Thermal performance data is for reference only.
️· ATS reserves the right to modify products.
️· Additional tooling fees and a lead time of 4-6 weeks may be required.
️· Website: www.qats.com
️· North America: 781.769.2800
️· Europe: +31 (0) 3569 84715
| Part No. | ATS-X50230P-C1-R0 |
| Manufacturer | ATS |
| Size | 662 Kbytes |
| Pages | 1 page |
| Description | High Performance BGA Cooling |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |