Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS-X50250P-C1-R0 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ATS-X50250P-C1-R0 Datasheet

  • # Example questions: ➢ What are the dimensions of the heat sink designed for bga components?
    ➢ How does the thermal resistance change when using ducted flow compared to unducted flow at an air velocity of 500 ft/min?
    ➢ What is the typical lead time for receiving an order of this product?

  • Part No.ATS-X50250P-C1-R0
    ManufacturerATS
    Size663 Kbytes
    Pages1 page
    DescriptionHigh Performance BGA Cooling
    Datasheet Summary with AI

    # ATS-X50250P-C1-R0: High Performance BGA Cooling Solution

    ## Product Details

    ️· ATS Part #: ATS-X50250P-C1-R0
    ️· Dimensions:
    - Length: 25 mm
    - Width: 25 mm
    - Height: 17.5 mm
    - Fin Tip to Fin Tip: 44.9 mm
    ️· Material: Chomerics T766
    ️· Finish: Blue-Anodized
    ️· Designed for: 25 x 25 mm BGA components

    ## Features & Benefits

    ️· superGRIP™ Attachment: Allows for detachment and reattachment without component or PCB damage.
    ️· Space-Saving: Requires minimal space around the component.
    ️· TIM Performance: Strong, uniform attachment force maximizes performance of phase-changing TIMs.
    ️· Holeless Mounting: Eliminates the need for PCB mounting holes.
    ️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
    ️· Phase Change Material: Includes clean break, reworkable, Chomerics T-766 phase change material.

    ## Thermal Performance

    ️· Air Velocity & Thermal Resistance:
    - 200 FT/MIN (1.0 m/s): 3.9 °C/W (Unducted Flow), 2.1 °C/W (Ducted Flow)
    - 300 FT/MIN (1.5 m/s): 3.2 °C/W (Unducted Flow), 2.3 °C/W (Ducted Flow)
    - 400 FT/MIN (2.0 m/s): 2.7 °C/W (Unducted Flow), 2.5 °C/W (Ducted Flow)
    - 500 FT/MIN (2.5 m/s): 2.5 °C/W (Unducted Flow)
    - 600 FT/MIN (3.0 m/s): 2.3 °C/W (Unducted Flow)
    - 700 FT/MIN (3.5 m/s): 2.1 °C/W (Unducted Flow)
    - 800 FT/MIN (4.0 m/s): 2.0 °C/W (Unducted Flow)

    ## Important Notes

    ️· Heat sink dimensions may have tolerances up to .99 mm.
    ️· Thermal performance data is for reference only.
    ️· ATS reserves the right to update product specifications.
    ️· Additional tooling fees and a lead time of 4-6 weeks may be required.
    ️· Contact ATS for custom options.
    ️· Visit www.qats.com or call 781.769.2800 (North America) or +31 (0) 3569 84715 (Europe) for more information.

    # ATS-X50250P-C1-R0: High Performance BGA Cooling Solution

    ## Product Details

    ️· ATS Part #: ATS-X50250P-C1-R0
    ️· Dimensions:
    - Length: 25 mm
    - Width: 25 mm
    - Height: 17.5 mm
    - Fin Tip to Fin Tip: 44.9 mm
    ️· Material: Chomerics T766
    ️· Finish: Blue-Anodized
    ️· Designed for: 25 x 25 mm BGA components

    ## Features & Benefits

    ️· superGRIP™ Attachment: Allows for detachment and reattachment without component or PCB damage.
    ️· Space-Saving: Requires minimal space around the component.
    ️· TIM Performance: Strong, uniform attachment force maximizes performance of phase-changing TIMs.
    ️· Holeless Mounting: Eliminates the need for PCB mounting holes.
    ️· maxiFLOW™ Heat Sink: Maximizes convection (air) cooling.
    ️· Phase Change Material: Includes clean break, reworkable, Chomerics T-766 phase change material.

    ## Thermal Performance

    ️· Air Velocity & Thermal Resistance:
    - 200 FT/MIN (1.0 m/s): 3.9 °C/W (Unducted Flow), 2.1 °C/W (Ducted Flow)
    - 300 FT/MIN (1.5 m/s): 3.2 °C/W (Unducted Flow), 2.3 °C/W (Ducted Flow)
    - 400 FT/MIN (2.0 m/s): 2.7 °C/W (Unducted Flow), 2.5 °C/W (Ducted Flow)
    - 500 FT/MIN (2.5 m/s): 2.5 °C/W (Unducted Flow)
    - 600 FT/MIN (3.0 m/s): 2.3 °C/W (Unducted Flow)
    - 700 FT/MIN (3.5 m/s): 2.1 °C/W (Unducted Flow)
    - 800 FT/MIN (4.0 m/s): 2.0 °C/W (Unducted Flow)

    ## Important Notes

    ️· Heat sink dimensions may have tolerances up to .99 mm.
    ️· Thermal performance data is for reference only.
    ️· ATS reserves the right to update product specifications.
    ️· Additional tooling fees and a lead time of 4-6 weeks may be required.
    ️· Contact ATS for custom options.
    ️· Visit www.qats.com or call 781.769.2800 (North America) or +31 (0) 3569 84715 (Europe) for more information.

    Part No.ATS-X50250P-C1-R0
    ManufacturerATS
    Size663 Kbytes
    Pages1 page
    DescriptionHigh Performance BGA Cooling
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com