| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CM10-CR2P-S Datasheet
# Example questions:
➢ What is the maximum wire gauge (awg) supported by the connectors described in the document?
➢ What materials are the dust caps for the receptacles made of?
➢ For the 10-pin straight cable receptacle, what is the diameter of the main key position mark?
1. Overview & Series Introduction:
️· CM10 Series: This is a range of circular connectors manufactured by DDK. They appear to be designed for robust and potentially waterproof applications.
️· Variations: The series includes Straight Plugs, Right Angle Plugs, Cable Receptacles (straight & keyed), and dust caps.
️· Termination Types: Primarily soldering termination. Crimping is an option for some configurations.
2. Connector Types & Specifications:
️· Straight/Right Angle Plugs:
- Available in 2-Pin and 10-Pin configurations.
- Contact Size: Suitable for conductors up to 20 AWG.
- Maximum Insulation Diameter: 1.87 mm
- Cable Outside Diameter: Suitable for Cabtyre cable (4.0 to 11.6mm). Contact DDK for alternatives.
️· Cable Receptacles:
- Straight and Keyed versions.
- 10-Pin and 2-Pin.
- Contact Size: Up to 20 AWG
- Ground lug connection to shell available on Pin 10.
- Individually Waterproof
️· Dust Caps:
- Red plastic, for protecting receptacles.
️· Supporting Cover:
- For both Straight and Right Angle Plugs.
3. Key Contacts & Terminations:
️· Contact P/N Structure: The contact part numbers use a consistent naming convention (e.g., CM10-#22SC(C3)(D8)-100). The variations indicate:
- CM10: Series identifier
- #22: Appears to be a gauge
- SC: Contact Type - Soldering or Crimping
- (C3): A configuration or variant detail
- (D8): Another configuration detail
- 100/4000: Quantity
4. Dimensions & Mated Sizes:
️· Mated Dimensions: Show typical lengths of straight-plug and right-angle-plug combinations.
️· Supporting Covers: Dimensions are provided, and the covers are key for supporting and protecting connections.
5. Important Notes and Warnings:
️· Cable Compatibility: The listed cable diameter range is specific to Cabtyre cable. Other cables need to be verified with DDK.
️· Dimensions Subject to Change: All dimensions in the catalog are subject to change without notice. Always refer to the latest drawings from DDK.
️· Key Marking: Marked with Key Position
6. Part Number Decoding (Example):
️· CM10-#22SC(C3)(D8)-100:
- Series: CM10
- Contact Size: #22 (gauge)
- Termination: Soldering (SC)
- Configuration: C3 and D8 denote sub-configurations.
- Quantity: 100 pieces
Overall Impression:
The CM10 series is a modular connector system with several variations to suit different cable types and connection orientations. The documentation, while detailed, emphasizes the importance of verifying cable compatibility and staying up-to-date with the latest drawings from DDK.
1. Overview & Series Introduction:
️· CM10 Series: This is a range of circular connectors manufactured by DDK. They appear to be designed for robust and potentially waterproof applications.
️· Variations: The series includes Straight Plugs, Right Angle Plugs, Cable Receptacles (straight & keyed), and dust caps.
️· Termination Types: Primarily soldering termination. Crimping is an option for some configurations.
2. Connector Types & Specifications:
️· Straight/Right Angle Plugs:
- Available in 2-Pin and 10-Pin configurations.
- Contact Size: Suitable for conductors up to 20 AWG.
- Maximum Insulation Diameter: 1.87 mm
- Cable Outside Diameter: Suitable for Cabtyre cable (4.0 to 11.6mm). Contact DDK for alternatives.
️· Cable Receptacles:
- Straight and Keyed versions.
- 10-Pin and 2-Pin.
- Contact Size: Up to 20 AWG
- Ground lug connection to shell available on Pin 10.
- Individually Waterproof
️· Dust Caps:
- Red plastic, for protecting receptacles.
️· Supporting Cover:
- For both Straight and Right Angle Plugs.
3. Key Contacts & Terminations:
️· Contact P/N Structure: The contact part numbers use a consistent naming convention (e.g., CM10-#22SC(C3)(D8)-100). The variations indicate:
- CM10: Series identifier
- #22: Appears to be a gauge
- SC: Contact Type - Soldering or Crimping
- (C3): A configuration or variant detail
- (D8): Another configuration detail
- 100/4000: Quantity
4. Dimensions & Mated Sizes:
️· Mated Dimensions: Show typical lengths of straight-plug and right-angle-plug combinations.
️· Supporting Covers: Dimensions are provided, and the covers are key for supporting and protecting connections.
5. Important Notes and Warnings:
️· Cable Compatibility: The listed cable diameter range is specific to Cabtyre cable. Other cables need to be verified with DDK.
️· Dimensions Subject to Change: All dimensions in the catalog are subject to change without notice. Always refer to the latest drawings from DDK.
️· Key Marking: Marked with Key Position
6. Part Number Decoding (Example):
️· CM10-#22SC(C3)(D8)-100:
- Series: CM10
- Contact Size: #22 (gauge)
- Termination: Soldering (SC)
- Configuration: C3 and D8 denote sub-configurations.
- Quantity: 100 pieces
Overall Impression:
The CM10 series is a modular connector system with several variations to suit different cable types and connection orientations. The documentation, while detailed, emphasizes the importance of verifying cable compatibility and staying up-to-date with the latest drawings from DDK.
| Part No. | CM10-CR2P-S |
| Manufacturer | DDK |
| Size | 334 Kbytes |
| Pages | 5 pages |
| Description | One-Touch Locking Style Small Sized Circular Connectors |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |