| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HR5770 Datasheet
# Example questions:
➢ What is the maximum operating temperature for the hr5770 filter?
➢ What broadcom chipsets is this bandpass filter specifically designed to work with?
➢ What is the minimum return loss at 8mhz for the hr5770 filter?
# HR5770 Bandpass Filter
## Features
️· Designed for Broadcom iLine 10 Chipset (BCM4100 & BCM4210)
️· Includes isolation and EMI filtering
️· Withstands 235°C peak infrared reflow temperature
️· Operating temperature: 0°C to +70°C
️· Storage temperature: -25°C to +125°C
## Electrical Specifications (@ 25°C)
Turns Ratio
️· HR5770 (20-18:1): 1:0.667
️· HR5770 (20-18:5-7): 1:2
Isolation Voltage (Vrms)
️· Pins (1-3-5-7) shorted to (18-20): 1500V
Return Loss (dB Min)
️· [Input Pin 20-18, Output 5-7]
- 6MHz: -5 dB
- 8MHz: -9.5 dB
- 9MHz: -9.5 dB
Insertion Loss (dB Max)
️· [Input Pin 5-7, Output 20-18]: 4.25 - 9.75 MHz - 1.1 MHz
Attenuation (dB Min)
️· [Input Pin 5-7, Output 20-18]: 22 MHz - 54 MHz - 200KHz - 22MHz
Common to Differential Mode Rejection (dB Min)
️· [Input Pin 5-7, Output 20-18]: -35 dB - 50 dB - 40 dB
## Contact Information
️· Bothhand USA
️· sales@bothhandusa.com
️· http://www.bothhand.com
️· Phone: 978-887-8050
️· Fax: 978-887-5434
# HR5770 Bandpass Filter
## Features
️· Designed for Broadcom iLine 10 Chipset (BCM4100 & BCM4210)
️· Includes isolation and EMI filtering
️· Withstands 235°C peak infrared reflow temperature
️· Operating temperature: 0°C to +70°C
️· Storage temperature: -25°C to +125°C
## Electrical Specifications (@ 25°C)
Turns Ratio
️· HR5770 (20-18:1): 1:0.667
️· HR5770 (20-18:5-7): 1:2
Isolation Voltage (Vrms)
️· Pins (1-3-5-7) shorted to (18-20): 1500V
Return Loss (dB Min)
️· [Input Pin 20-18, Output 5-7]
- 6MHz: -5 dB
- 8MHz: -9.5 dB
- 9MHz: -9.5 dB
Insertion Loss (dB Max)
️· [Input Pin 5-7, Output 20-18]: 4.25 - 9.75 MHz - 1.1 MHz
Attenuation (dB Min)
️· [Input Pin 5-7, Output 20-18]: 22 MHz - 54 MHz - 200KHz - 22MHz
Common to Differential Mode Rejection (dB Min)
️· [Input Pin 5-7, Output 20-18]: -35 dB - 50 dB - 40 dB
## Contact Information
️· Bothhand USA
️· sales@bothhandusa.com
️· http://www.bothhand.com
️· Phone: 978-887-8050
️· Fax: 978-887-5434
| Part No. | HR5770 |
| Manufacturer | BOTHHAND |
| Size | 156 Kbytes |
| Pages | 1 page |
| Description | HOME PHONE NETWORKING BANDPASS FILTER |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |