Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B3W-9012-B2N Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about B3W-9012-B2N Datasheet

  • # Example questions: ➢ What is the maximum operating current (ifm) for a red led?
    ➢ What is the difference in operating force (of) between the standard-force (b3w-90@0) and high-force (b3w-90@2) switches?
    ➢ If you are using a 5v power source and a green led with a forward voltage (vf) of 1v, and you want to achieve a forward current (if) of 20ma, what would be the required limiting resistance (r) in ohms?

  • Part No.B3W-9012-B2N
    ManufacturerOMRON
    Size875 Kbytes
    Pages10 pages
    DescriptionIlluminated Tactile Switches
    Datasheet Summary with AI

    1. Product Description: Illuminated Tactile Switches (B3W-9 series)

    ️· Type: SPST-NO Momentary
    ️· Variants: Standard and High-force
    ️· Application: Designed for illuminated tactile sensing.

    2. Electrical Characteristics (Initial)

    Characteristic Standard-Force (B3W-90) High-Force (B3W-92)
    Switching Capacity 1-50mA, 5-24VDC (resistive) Same as Standard-Force
    Contact Resistance 100mΩ max. (1mA, 5VDC) Same as Standard-Force
    Insulation Resistance 100MΩ min. (250VDC) Same as Standard-Force
    Dielectric Strength 500VAC, 50/60 Hz (1 min) Same as Standard-Force
    Bounce Time 5ms max. Same as Standard-Force
    Vibration Resistance Malfunction: 10-55Hz, 1.5mm amplitude Same as Standard-Force
    Shock Resistance Destruction: 1000 m/s²; Malfunction: 100 m/s² Same as Standard-Force
    Operating Temperature -25°C to 70°C Same as Standard-Force
    Operating Humidity 35% to 85% Same as Standard-Force
    Life Expectancy (Switch Section) 1,000,000 operations min. 300,000 operations min.

    3. Operating Characteristics

    Item Standard-Force (B3W-90) High-Force (B3W-92)
    Operating Force (OF) max. 160 gf 230 gf
    Releasing Force (RF) min. 20 gf 50 gf
    Pretravel (PT) 0.25+0.2/-0.1 mm 0.25+0.2/-0.1 mm

    4. LED Specifications (Color and Electrical)

    LED Color Red Green Green (High Brightness) Yellow Blue
    Max. Forward Current (IFM) 27 mA 27 mA 27 mA 45 mA 27 mA
    Recommended Operating Current (IF) 20 mA 20 mA 10 mA 20 mA 10 mA
    Typical Forward Voltage (VF) 1.8 V 2.1 V 3.7 V 2.4 V 3.7 V
    Max. Reverse Voltage (VR) 5 V 5 V 5 V 5 V 5 V
    Operating Temperature -25°C to 70°C -25°C to 70°C -25°C to 70°C -25°C to 70°C -25°C to 70°C
    | Note: For Red/Green combination, recommended operating current is 12mA for red, 20mA for green.

    5. Important Notes and Guidelines

    ️· Polarity: Pay attention to LED polarity (anode and cathode - marked on Dimensions).
    ️· Limiting Resistors: The switch *does not* have built-in limiting resistors. Use a limiting resistor, calculated with the formula: R = [(Voltage used) - (LED Forward Voltage)] / (LED Forward Current).

    1. Product Description: Illuminated Tactile Switches (B3W-9 series)

    ️· Type: SPST-NO Momentary
    ️· Variants: Standard and High-force
    ️· Application: Designed for illuminated tactile sensing.

    2. Electrical Characteristics (Initial)

    Characteristic Standard-Force (B3W-90) High-Force (B3W-92)
    Switching Capacity 1-50mA, 5-24VDC (resistive) Same as Standard-Force
    Contact Resistance 100mΩ max. (1mA, 5VDC) Same as Standard-Force
    Insulation Resistance 100MΩ min. (250VDC) Same as Standard-Force
    Dielectric Strength 500VAC, 50/60 Hz (1 min) Same as Standard-Force
    Bounce Time 5ms max. Same as Standard-Force
    Vibration Resistance Malfunction: 10-55Hz, 1.5mm amplitude Same as Standard-Force
    Shock Resistance Destruction: 1000 m/s²; Malfunction: 100 m/s² Same as Standard-Force
    Operating Temperature -25°C to 70°C Same as Standard-Force
    Operating Humidity 35% to 85% Same as Standard-Force
    Life Expectancy (Switch Section) 1,000,000 operations min. 300,000 operations min.

    3. Operating Characteristics

    Item Standard-Force (B3W-90) High-Force (B3W-92)
    Operating Force (OF) max. 160 gf 230 gf
    Releasing Force (RF) min. 20 gf 50 gf
    Pretravel (PT) 0.25+0.2/-0.1 mm 0.25+0.2/-0.1 mm

    4. LED Specifications (Color and Electrical)

    LED Color Red Green Green (High Brightness) Yellow Blue
    Max. Forward Current (IFM) 27 mA 27 mA 27 mA 45 mA 27 mA
    Recommended Operating Current (IF) 20 mA 20 mA 10 mA 20 mA 10 mA
    Typical Forward Voltage (VF) 1.8 V 2.1 V 3.7 V 2.4 V 3.7 V
    Max. Reverse Voltage (VR) 5 V 5 V 5 V 5 V 5 V
    Operating Temperature -25°C to 70°C -25°C to 70°C -25°C to 70°C -25°C to 70°C -25°C to 70°C
    | Note: For Red/Green combination, recommended operating current is 12mA for red, 20mA for green.

    5. Important Notes and Guidelines

    ️· Polarity: Pay attention to LED polarity (anode and cathode - marked on Dimensions).
    ️· Limiting Resistors: The switch *does not* have built-in limiting resistors. Use a limiting resistor, calculated with the formula: R = [(Voltage used) - (LED Forward Voltage)] / (LED Forward Current).

    Part No.B3W-9012-B2N
    ManufacturerOMRON
    Size875 Kbytes
    Pages10 pages
    DescriptionIlluminated Tactile Switches