| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B3W-9012-G2N Datasheet
# Example questions:
➢ What is the maximum operating current (ifm) for a red led?
➢ What is the difference in operating force (of) between the standard-force (b3w-90@0) and high-force (b3w-90@2) switches?
➢ If you are using a 5v power source and a green led with a forward voltage (vf) of 1v, and you want to achieve a forward current (if) of 20ma, what would be the required limiting resistance (r) in ohms?
1. Product Description: Illuminated Tactile Switches (B3W-9 series)
️· Type: SPST-NO Momentary
️· Variants: Standard and High-force
️· Application: Designed for illuminated tactile sensing.
2. Electrical Characteristics (Initial)
| Characteristic | Standard-Force (B3W-90) | High-Force (B3W-92) |
|---|---|---|
| Switching Capacity | 1-50mA, 5-24VDC (resistive) | Same as Standard-Force |
| Contact Resistance | 100mΩ max. (1mA, 5VDC) | Same as Standard-Force |
| Insulation Resistance | 100MΩ min. (250VDC) | Same as Standard-Force |
| Dielectric Strength | 500VAC, 50/60 Hz (1 min) | Same as Standard-Force |
| Bounce Time | 5ms max. | Same as Standard-Force |
| Vibration Resistance | Malfunction: 10-55Hz, 1.5mm amplitude | Same as Standard-Force |
| Shock Resistance | Destruction: 1000 m/s²; Malfunction: 100 m/s² | Same as Standard-Force |
| Operating Temperature | -25°C to 70°C | Same as Standard-Force |
| Operating Humidity | 35% to 85% | Same as Standard-Force |
| Life Expectancy (Switch Section) | 1,000,000 operations min. | 300,000 operations min. |
| Item | Standard-Force (B3W-90) | High-Force (B3W-92) |
|---|---|---|
| Operating Force (OF) max. | 160 gf | 230 gf |
| Releasing Force (RF) min. | 20 gf | 50 gf |
| Pretravel (PT) | 0.25+0.2/-0.1 mm | 0.25+0.2/-0.1 mm |
| LED Color | Red | Green | Green (High Brightness) | Yellow | Blue |
|---|---|---|---|---|---|
| Max. Forward Current (IFM) | 27 mA | 27 mA | 27 mA | 45 mA | 27 mA |
| Recommended Operating Current (IF) | 20 mA | 20 mA | 10 mA | 20 mA | 10 mA |
| Typical Forward Voltage (VF) | 1.8 V | 2.1 V | 3.7 V | 2.4 V | 3.7 V |
| Max. Reverse Voltage (VR) | 5 V | 5 V | 5 V | 5 V | 5 V |
| Operating Temperature | -25°C to 70°C | -25°C to 70°C | -25°C to 70°C | -25°C to 70°C | -25°C to 70°C |
1. Product Description: Illuminated Tactile Switches (B3W-9 series)
️· Type: SPST-NO Momentary
️· Variants: Standard and High-force
️· Application: Designed for illuminated tactile sensing.
2. Electrical Characteristics (Initial)
| Characteristic | Standard-Force (B3W-90) | High-Force (B3W-92) |
|---|---|---|
| Switching Capacity | 1-50mA, 5-24VDC (resistive) | Same as Standard-Force |
| Contact Resistance | 100mΩ max. (1mA, 5VDC) | Same as Standard-Force |
| Insulation Resistance | 100MΩ min. (250VDC) | Same as Standard-Force |
| Dielectric Strength | 500VAC, 50/60 Hz (1 min) | Same as Standard-Force |
| Bounce Time | 5ms max. | Same as Standard-Force |
| Vibration Resistance | Malfunction: 10-55Hz, 1.5mm amplitude | Same as Standard-Force |
| Shock Resistance | Destruction: 1000 m/s²; Malfunction: 100 m/s² | Same as Standard-Force |
| Operating Temperature | -25°C to 70°C | Same as Standard-Force |
| Operating Humidity | 35% to 85% | Same as Standard-Force |
| Life Expectancy (Switch Section) | 1,000,000 operations min. | 300,000 operations min. |
| Item | Standard-Force (B3W-90) | High-Force (B3W-92) |
|---|---|---|
| Operating Force (OF) max. | 160 gf | 230 gf |
| Releasing Force (RF) min. | 20 gf | 50 gf |
| Pretravel (PT) | 0.25+0.2/-0.1 mm | 0.25+0.2/-0.1 mm |
| LED Color | Red | Green | Green (High Brightness) | Yellow | Blue |
|---|---|---|---|---|---|
| Max. Forward Current (IFM) | 27 mA | 27 mA | 27 mA | 45 mA | 27 mA |
| Recommended Operating Current (IF) | 20 mA | 20 mA | 10 mA | 20 mA | 10 mA |
| Typical Forward Voltage (VF) | 1.8 V | 2.1 V | 3.7 V | 2.4 V | 3.7 V |
| Max. Reverse Voltage (VR) | 5 V | 5 V | 5 V | 5 V | 5 V |
| Operating Temperature | -25°C to 70°C | -25°C to 70°C | -25°C to 70°C | -25°C to 70°C | -25°C to 70°C |
| Part No. | B3W-9012-G2N |
| Manufacturer | OMRON |
| Size | 875 Kbytes |
| Pages | 10 pages |
| Description | Illuminated Tactile Switches |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |