| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about USB50403C Datasheet
# Example questions:
➢ How does the rohs compliance affect the part numbering for these devices?
➢ What is the maximum operating temperature for the devices described?
➢ What is the primary function of the usb504xxc product, and what type of protection does it offer?
1. Product Identification
️· Product Type: Bidirectional TVS (Transient Voltage Suppressor) Array
️· Manufacturer: Microsemi (now Microchip Technology – Microsemi was acquired by Microchip)
️· Series: USB504xxC (specifically, models USB50403C, USB50405C, USB50412C, USB50415C, USB50424C)
️· Website: [http://www.microsemi.com/](http://www.microsemi.com/) (for current data - the URL may have changed now that Microsemi is part of Microchip)
2. Key Features & Benefits
️· Protection: Protects 1 bidirectional line.
️· Surge Protection: Complies with IEC 6000-4-2 and IEC 6000-4-4 standards.
️· Isolation: Provides electrically isolated protection.
️· Flammability Rating: UL 94V-0
️· RoHS Compliant: Available with RoHS compliance (indicated by "e3" suffix in part number).
️· Ultra-Low Capacitance: 3 pF per line pair. This is important for high-speed data lines.
️· Ultra-Low Leakage: Minimizes power loss when in a quiescent state.
3. Applications
️· Universal Serial Bus (USB) interfaces
️· I/O Transceivers
️· General purpose transient voltage suppression
4. Mechanical & Environmental Specifications
️· Package: Molded SOT-143 Surface Mount
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
️· Weight: 0.035 grams (approximate)
️· Marking: Device body is marked with the part number.
️· Pin #1 Identification: Identified by a dot on the top of the device.
5. Electrical Characteristics (Key Parameters)
| Part Number | VWM (V) | VBR (@ 1mA) (V) | VC @ 1A (V) | VC @ 5A (V) | ID @ VWM (µA) | C (pF @ 1MHz) | αVBR (mV/°C) |
|---|---|---|---|---|---|---|---|
| USB50403C | 3.3 | 4 | 8 | 11 | 200 | 3 | -5 |
| USB50405C | 5.0 | 6.0 | 10.8 | 13 | 40 | 3 | 1 |
| USB50412C | 12.0 | 13.3 | 19 | 26 | 1 | 3 | 8 |
| USB50415C | 15.0 | 16.7 | 24 | 32 | 1 | 3 | 11 |
| USB50424C | 24.0 | 26.7 | 43 | 57 | 1 | 3 | 28 |
1. Product Identification
️· Product Type: Bidirectional TVS (Transient Voltage Suppressor) Array
️· Manufacturer: Microsemi (now Microchip Technology – Microsemi was acquired by Microchip)
️· Series: USB504xxC (specifically, models USB50403C, USB50405C, USB50412C, USB50415C, USB50424C)
️· Website: [http://www.microsemi.com/](http://www.microsemi.com/) (for current data - the URL may have changed now that Microsemi is part of Microchip)
2. Key Features & Benefits
️· Protection: Protects 1 bidirectional line.
️· Surge Protection: Complies with IEC 6000-4-2 and IEC 6000-4-4 standards.
️· Isolation: Provides electrically isolated protection.
️· Flammability Rating: UL 94V-0
️· RoHS Compliant: Available with RoHS compliance (indicated by "e3" suffix in part number).
️· Ultra-Low Capacitance: 3 pF per line pair. This is important for high-speed data lines.
️· Ultra-Low Leakage: Minimizes power loss when in a quiescent state.
3. Applications
️· Universal Serial Bus (USB) interfaces
️· I/O Transceivers
️· General purpose transient voltage suppression
4. Mechanical & Environmental Specifications
️· Package: Molded SOT-143 Surface Mount
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
️· Weight: 0.035 grams (approximate)
️· Marking: Device body is marked with the part number.
️· Pin #1 Identification: Identified by a dot on the top of the device.
5. Electrical Characteristics (Key Parameters)
| Part Number | VWM (V) | VBR (@ 1mA) (V) | VC @ 1A (V) | VC @ 5A (V) | ID @ VWM (µA) | C (pF @ 1MHz) | αVBR (mV/°C) |
|---|---|---|---|---|---|---|---|
| USB50403C | 3.3 | 4 | 8 | 11 | 200 | 3 | -5 |
| USB50405C | 5.0 | 6.0 | 10.8 | 13 | 40 | 3 | 1 |
| USB50412C | 12.0 | 13.3 | 19 | 26 | 1 | 3 | 8 |
| USB50415C | 15.0 | 16.7 | 24 | 32 | 1 | 3 | 11 |
| USB50424C | 24.0 | 26.7 | 43 | 57 | 1 | 3 | 28 |
| Part No. | USB50403C |
| Manufacturer | MICROSEMI |
| Size | 105 Kbytes |
| Pages | 2 pages |
| Description | Bidirectional TVSarray ? |