Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB50403CE3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USB50403CE3 Datasheet

  • # Example questions: ➢ How does the rohs compliance affect the part numbering for these devices?
    ➢ What is the maximum operating temperature for the devices described?
    ➢ What is the primary function of the usb504xxc product, and what type of protection does it offer?

  • Part No.USB50403CE3
    ManufacturerMICROSEMI
    Size105 Kbytes
    Pages2 pages
    DescriptionBidirectional TVSarray ?
    Datasheet Summary with AI

    1. Product Identification

    ️· Product Type: Bidirectional TVS (Transient Voltage Suppressor) Array
    ️· Manufacturer: Microsemi (now Microchip Technology – Microsemi was acquired by Microchip)
    ️· Series: USB504xxC (specifically, models USB50403C, USB50405C, USB50412C, USB50415C, USB50424C)
    ️· Website: [http://www.microsemi.com/](http://www.microsemi.com/) (for current data - the URL may have changed now that Microsemi is part of Microchip)

    2. Key Features & Benefits

    ️· Protection: Protects 1 bidirectional line.
    ️· Surge Protection: Complies with IEC 6000-4-2 and IEC 6000-4-4 standards.
    ️· Isolation: Provides electrically isolated protection.
    ️· Flammability Rating: UL 94V-0
    ️· RoHS Compliant: Available with RoHS compliance (indicated by "e3" suffix in part number).
    ️· Ultra-Low Capacitance: 3 pF per line pair. This is important for high-speed data lines.
    ️· Ultra-Low Leakage: Minimizes power loss when in a quiescent state.

    3. Applications

    ️· Universal Serial Bus (USB) interfaces
    ️· I/O Transceivers
    ️· General purpose transient voltage suppression

    4. Mechanical & Environmental Specifications

    ️· Package: Molded SOT-143 Surface Mount
    ️· Operating Temperature: -55°C to +150°C
    ️· Storage Temperature: -55°C to +150°C
    ️· Weight: 0.035 grams (approximate)
    ️· Marking: Device body is marked with the part number.
    ️· Pin #1 Identification: Identified by a dot on the top of the device.

    5. Electrical Characteristics (Key Parameters)

    Part Number VWM (V) VBR (@ 1mA) (V) VC @ 1A (V) VC @ 5A (V) ID @ VWM (µA) C (pF @ 1MHz) αVBR (mV/°C)
    USB50403C 3.3 4 8 11 200 3 -5
    USB50405C 5.0 6.0 10.8 13 40 3 1
    USB50412C 12.0 13.3 19 26 1 3 8
    USB50415C 15.0 16.7 24 32 1 3 11
    USB50424C 24.0 26.7 43 57 1 3 28

    ️· VWM (Voltage Withstand Maximum): The maximum DC voltage that the device can withstand continuously.
    ️· VBR (Breakdown Voltage): The voltage at which the device begins to conduct significantly.
    ️· VC (Clamping Voltage): The voltage across the device when it is conducting to protect the circuit. Lower clamping voltage means better protection.
    ️· ID (Leakage Current): The small amount of current that flows through the device when it's not actively clamping.
    ️· C (Capacitance): The capacitance of the device at a given frequency.
    ️· αVBR (Temperature Coefficient of Breakdown Voltage): How much the breakdown voltage changes with temperature.

    6. Symbols and Definitions

    ️· VWM: Stands for "Voltage Withstand Maximum", indicates the max dc voltage that can be applied.
    ️· VBR: Indicates "Breakdown Voltage" at 1mA.
    ️· VC: Represents the "Clamping Voltage" at 1A.
    ️· ID: Indicates "Leakage Current" at VWM.
    ️· C: Represents “Capacitance” at 1MHz.
    ️· αVBR: Shows how the Breakdown Voltage changes with Temperature.

    Important Notes:

    ️· Microchip Acquisition: Microsemi is now part of Microchip Technology. Check the Microchip website for the latest product information and datasheets.
    ️· Datasheets: This information is a summary. Always refer to the complete datasheet for detailed specifications, application notes, and other important information.
    ️· RoHS: “e3” indicates compliance.

    1. Product Identification

    ️· Product Type: Bidirectional TVS (Transient Voltage Suppressor) Array
    ️· Manufacturer: Microsemi (now Microchip Technology – Microsemi was acquired by Microchip)
    ️· Series: USB504xxC (specifically, models USB50403C, USB50405C, USB50412C, USB50415C, USB50424C)
    ️· Website: [http://www.microsemi.com/](http://www.microsemi.com/) (for current data - the URL may have changed now that Microsemi is part of Microchip)

    2. Key Features & Benefits

    ️· Protection: Protects 1 bidirectional line.
    ️· Surge Protection: Complies with IEC 6000-4-2 and IEC 6000-4-4 standards.
    ️· Isolation: Provides electrically isolated protection.
    ️· Flammability Rating: UL 94V-0
    ️· RoHS Compliant: Available with RoHS compliance (indicated by "e3" suffix in part number).
    ️· Ultra-Low Capacitance: 3 pF per line pair. This is important for high-speed data lines.
    ️· Ultra-Low Leakage: Minimizes power loss when in a quiescent state.

    3. Applications

    ️· Universal Serial Bus (USB) interfaces
    ️· I/O Transceivers
    ️· General purpose transient voltage suppression

    4. Mechanical & Environmental Specifications

    ️· Package: Molded SOT-143 Surface Mount
    ️· Operating Temperature: -55°C to +150°C
    ️· Storage Temperature: -55°C to +150°C
    ️· Weight: 0.035 grams (approximate)
    ️· Marking: Device body is marked with the part number.
    ️· Pin #1 Identification: Identified by a dot on the top of the device.

    5. Electrical Characteristics (Key Parameters)

    Part Number VWM (V) VBR (@ 1mA) (V) VC @ 1A (V) VC @ 5A (V) ID @ VWM (µA) C (pF @ 1MHz) αVBR (mV/°C)
    USB50403C 3.3 4 8 11 200 3 -5
    USB50405C 5.0 6.0 10.8 13 40 3 1
    USB50412C 12.0 13.3 19 26 1 3 8
    USB50415C 15.0 16.7 24 32 1 3 11
    USB50424C 24.0 26.7 43 57 1 3 28

    ️· VWM (Voltage Withstand Maximum): The maximum DC voltage that the device can withstand continuously.
    ️· VBR (Breakdown Voltage): The voltage at which the device begins to conduct significantly.
    ️· VC (Clamping Voltage): The voltage across the device when it is conducting to protect the circuit. Lower clamping voltage means better protection.
    ️· ID (Leakage Current): The small amount of current that flows through the device when it's not actively clamping.
    ️· C (Capacitance): The capacitance of the device at a given frequency.
    ️· αVBR (Temperature Coefficient of Breakdown Voltage): How much the breakdown voltage changes with temperature.

    6. Symbols and Definitions

    ️· VWM: Stands for "Voltage Withstand Maximum", indicates the max dc voltage that can be applied.
    ️· VBR: Indicates "Breakdown Voltage" at 1mA.
    ️· VC: Represents the "Clamping Voltage" at 1A.
    ️· ID: Indicates "Leakage Current" at VWM.
    ️· C: Represents “Capacitance” at 1MHz.
    ️· αVBR: Shows how the Breakdown Voltage changes with Temperature.

    Important Notes:

    ️· Microchip Acquisition: Microsemi is now part of Microchip Technology. Check the Microchip website for the latest product information and datasheets.
    ️· Datasheets: This information is a summary. Always refer to the complete datasheet for detailed specifications, application notes, and other important information.
    ️· RoHS: “e3” indicates compliance.

    Part No.USB50403CE3
    ManufacturerMICROSEMI
    Size105 Kbytes
    Pages2 pages
    DescriptionBidirectional TVSarray ?