Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC25BS7 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about XC25BS7_1 Datasheet

  • # Example questions: ➢ What types of power supplies are *not* recommended for use with the xc25bs7 series and why?
    ➢ Describe the correct power-up sequence for the xc25bs7 series, as specified in the datasheet, to ensure proper operation.
    ➢ What is the recommended operating supply voltage range for the xc25bs7 series, as indicated in the datasheet?

  • Part No.XC25BS7_1
    ManufacturerTOREX
    Size307 Kbytes
    Pages13 pages
    DescriptionPLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
    Datasheet Summary with AI

    # XC25BS7 Series PLL Clock Generator ICs

    ## General Description
    ️· High frequency, low power consumption PLL clock generator ICs with divider/multiplier circuits.
    ️· Input divider ratios (M): 1 to 256.
    ️· Output divider ratios (N): 1 to 256.
    ️· Output frequency (fQ0): 1MHz to 100MHz.
    ️· Reference clock oscillation (fCLKin): 32kHz to 36MHz.
    ️· CE pin for stand-by function, reducing current consumption.
    ️· Semi-custom product - contact Torex for specific requirements.

    ## Applications
    ️· Clock for Imaging dot control
    ️· Microcomputer and HDD drives
    ️· Cordless phones
    ️· Wireless communication equipment
    ️· PDAs
    ️· Cameras, VCRs
    ️· Various system clocks

    ## Features
    ️· Input Frequency: 32kHz ~ 36MHz
    ️· Output Frequency: 1MHz ~ 100MHz
    ️· Output Divider (N): 1 to 256
    ️· Input Divider (M): 1 to 256
    ️· Operating Voltage Range: 2.50V ~ 5.50V
    ️· Low Power Consumption: CMOS with stand-by function (10μA max)
    ️· Packages: SOT-25, USP-6C
    ️· RoHS Compliant, Pb Free

    ## Pin Configuration
    ️· SOT-25: 1-VSS, 2-CE, 3-Q0, 4-VDD, 5-CLKin
    ️· USP-6C: 1-Q0, 2-VSS, 3-CE, 4-CLKin, 5-NC, 6-VDD

    ## Electrical Characteristics
    ️· Supply Voltage: 2.97V to 3.63V
    ️· Input Frequency: 45kHz to 60kHz
    ️· Operating Temperature: -40°C to +85°C
    ️· Standby Current: 10µA (Max)

    ## Absolute Maximum Ratings
    ️· Supply Voltage: VSS - 0.3V to VSS + 7.0V
    ️· Operating Temperature: -40 to +85°C
    ️· Storage Temperature: -55 to +125°C

    ## Ordering Information
    ️· XC25BS7①②③-④ (*1)
    - ①②③: Product Number
    - ④: Package type.
    ️· “-G” suffix: Halogen and Antimony free.

    # XC25BS7 Series PLL Clock Generator ICs

    ## General Description
    ️· High frequency, low power consumption PLL clock generator ICs with divider/multiplier circuits.
    ️· Input divider ratios (M): 1 to 256.
    ️· Output divider ratios (N): 1 to 256.
    ️· Output frequency (fQ0): 1MHz to 100MHz.
    ️· Reference clock oscillation (fCLKin): 32kHz to 36MHz.
    ️· CE pin for stand-by function, reducing current consumption.
    ️· Semi-custom product - contact Torex for specific requirements.

    ## Applications
    ️· Clock for Imaging dot control
    ️· Microcomputer and HDD drives
    ️· Cordless phones
    ️· Wireless communication equipment
    ️· PDAs
    ️· Cameras, VCRs
    ️· Various system clocks

    ## Features
    ️· Input Frequency: 32kHz ~ 36MHz
    ️· Output Frequency: 1MHz ~ 100MHz
    ️· Output Divider (N): 1 to 256
    ️· Input Divider (M): 1 to 256
    ️· Operating Voltage Range: 2.50V ~ 5.50V
    ️· Low Power Consumption: CMOS with stand-by function (10μA max)
    ️· Packages: SOT-25, USP-6C
    ️· RoHS Compliant, Pb Free

    ## Pin Configuration
    ️· SOT-25: 1-VSS, 2-CE, 3-Q0, 4-VDD, 5-CLKin
    ️· USP-6C: 1-Q0, 2-VSS, 3-CE, 4-CLKin, 5-NC, 6-VDD

    ## Electrical Characteristics
    ️· Supply Voltage: 2.97V to 3.63V
    ️· Input Frequency: 45kHz to 60kHz
    ️· Operating Temperature: -40°C to +85°C
    ️· Standby Current: 10µA (Max)

    ## Absolute Maximum Ratings
    ️· Supply Voltage: VSS - 0.3V to VSS + 7.0V
    ️· Operating Temperature: -40 to +85°C
    ️· Storage Temperature: -55 to +125°C

    ## Ordering Information
    ️· XC25BS7①②③-④ (*1)
    - ①②③: Product Number
    - ④: Package type.
    ️· “-G” suffix: Halogen and Antimony free.

    Part No.XC25BS7_1
    ManufacturerTOREX
    Size307 Kbytes
    Pages13 pages
    DescriptionPLL Clock Generator ICs with Built-In Divider/Multiplier Circuits