Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PXI-5441 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PXI-5441 Datasheet

  • # Example questions: ➢ What are the key differences in amplitude range between the main output path and the direct path of the ni 5751 arbitrary waveform generator?
    ➢ How does increasing the onboard memory option (from 32mb to 256mb or 512mb) affect the maximum waveform playtime at a sample rate of 100 ms/s with osp disabled?
    ➢ What certifications and compliances does the ni 5751 meet?

  • Part No.PXI-5441
    ManufacturerNI
    Size289 Kbytes
    Pages7 pages
    Description100 MS/s, 16-bit Arbitrary Waveform Generator with Onboard Signal Processing
    Datasheet Summary with AI

    1. Overview

    This document details the specifications for a National Instruments (NI) arbitrary waveform generator, likely a module designed for use within a PXI (PCI eXtensions for Instrumentation) system. It allows for precise generation of electrical signals, including arbitrary waveforms, standard waveforms (sine, square, etc.), and sequence-based signals. It’s intended for applications needing high-precision signal generation.

    2. Key Features

    ️· Arbitrary Waveform Generation: Generates custom waveforms beyond standard shapes.
    ️· Sequence Mode: Combines multiple waveform segments into complex sequences.
    ️· Standard Waveform Support: Includes common waveforms like sine, square, triangle, ramp, and noise.
    ️· Memory Options: Available with 32 MB, 32MB, 256 MB, or 512 MB of onboard memory.
    ️· High-Speed Digital I/O: 16 LVDS data lines for communication.
    ️· Flexible Triggering: Supports various triggering sources and modes (Single, Continuous, Stepped, Burst).
    ️· PXI Integration: Designed for use within a PXI chassis.
    ️· Self-Calibration: Automatic calibration of DC gain and offset.

    3. Performance Specifications

    This is the most detailed section and is broken down into subsections.

    ️· Sample Rate & Resolution: Maximum sample rate of 100 MS/s (MegaSamples per second).
    ️· Amplitude Range:
    - Main Output Path: 12 Vpp (peak-to-peak) to 5.64 mVpp (can be scaled)
    - Direct Path: 1 Vpp to 0.707 Vpp (50 Ω load)
    ️· Accuracy:
    - DC Accuracy: ± 0.4% of Amplitude ± 0.05% of Offset ± 1 mV
    - AC Amplitude Accuracy: ± 1.0% of Amplitude ± 1 mV at 50 kHz
    ️· Signal Quality:
    - SINAD (Signal-to-Noise and Distortion): Ranges from 60dB to 66dB, depending on path and frequency (see table in datasheet).
    - Spurious Free Dynamic Range: Generally between -71 dBc and -89 dBFS (peak-to-peak voltage).
    ️· Frequency Characteristics:
    - Maximum Frequencies for Standard Waveforms: Sine (43 MHz), Square (25 MHz), Triangle/Ramp (5 MHz), Noise (5 MHz)
    ️· Phase Noise & Jitter:
    - System Phase Noise: Typically -137 dBc/Hz (10 kHz offset) for Divide-by-N.
    - System Output Jitter: < 4.0 ps rms.
    ️· Digital Output: 16 LVDS data lines, ANSI/TIA/EIA-644 compliant.
    ️· Triggering: Various trigger sources (PFI, PXI_TRIG, software, immediate) and modes.
    ️· Memory Utilization: Varies depending on memory size; the datasheet gives examples in terms of waveforms and segments possible.

    4. Environmental & Compliance

    ️· Operating Temperature: 0°C to +55°C
    ️· Storage Temperature: -25°C to +85°C
    ️· Humidity: 10% to 90%, non-condensing.
    ️· Compliance: CE Marked

    5. Summary of Important Considerations

    ️· PXI Ecosystem: This device *requires* a PXI chassis and controller to function. It's not a standalone device.
    ️· Memory Capacity: The memory size is a critical factor in the complexity of waveforms and sequences that can be generated.
    ️· Amplitude Scaling: The amplitude ranges are adjustable and provide flexibility.
    ️· Signal Integrity: Pay attention to the SINAD and spurious free dynamic range values when considering signal quality for demanding applications.
    ️· Triggering: Carefully select triggering options to control waveform generation precisely.
    ️· Calibration: Periodic external calibration (every 2 years) is recommended to maintain accuracy.
    ️· Operating Conditions: The datasheet specifications are valid under the specified operating conditions, as noted throughout the document.

    IMPORTANT NOTES & LIMITATIONS:

    ️· Datasheet Version: This information is based on the provided datasheet. Specifications can change over time. Always refer to the latest datasheet from NI’s website for the most accurate information.
    ️· Operating Conditions: The specifications are dependent on proper system setup, cabling, and power supply. The "specified operating conditions" listed in the datasheet are crucial.
    ️· Application Specifics: The performance in a real-world application may vary depending on the specific use case.
    ️· Complexity: Understanding and utilizing the full capabilities of this device requires a good understanding of PXI systems, signal generation principles, and NI’s software tools.
    ️· Abbreviations: Vpp (peak-to-peak), SINAD (Signal-to-Noise and Distortion), dBc (decibels relative to carrier), dBFS (decibels relative to full scale).

    1. Overview

    This document details the specifications for a National Instruments (NI) arbitrary waveform generator, likely a module designed for use within a PXI (PCI eXtensions for Instrumentation) system. It allows for precise generation of electrical signals, including arbitrary waveforms, standard waveforms (sine, square, etc.), and sequence-based signals. It’s intended for applications needing high-precision signal generation.

    2. Key Features

    ️· Arbitrary Waveform Generation: Generates custom waveforms beyond standard shapes.
    ️· Sequence Mode: Combines multiple waveform segments into complex sequences.
    ️· Standard Waveform Support: Includes common waveforms like sine, square, triangle, ramp, and noise.
    ️· Memory Options: Available with 32 MB, 32MB, 256 MB, or 512 MB of onboard memory.
    ️· High-Speed Digital I/O: 16 LVDS data lines for communication.
    ️· Flexible Triggering: Supports various triggering sources and modes (Single, Continuous, Stepped, Burst).
    ️· PXI Integration: Designed for use within a PXI chassis.
    ️· Self-Calibration: Automatic calibration of DC gain and offset.

    3. Performance Specifications

    This is the most detailed section and is broken down into subsections.

    ️· Sample Rate & Resolution: Maximum sample rate of 100 MS/s (MegaSamples per second).
    ️· Amplitude Range:
    - Main Output Path: 12 Vpp (peak-to-peak) to 5.64 mVpp (can be scaled)
    - Direct Path: 1 Vpp to 0.707 Vpp (50 Ω load)
    ️· Accuracy:
    - DC Accuracy: ± 0.4% of Amplitude ± 0.05% of Offset ± 1 mV
    - AC Amplitude Accuracy: ± 1.0% of Amplitude ± 1 mV at 50 kHz
    ️· Signal Quality:
    - SINAD (Signal-to-Noise and Distortion): Ranges from 60dB to 66dB, depending on path and frequency (see table in datasheet).
    - Spurious Free Dynamic Range: Generally between -71 dBc and -89 dBFS (peak-to-peak voltage).
    ️· Frequency Characteristics:
    - Maximum Frequencies for Standard Waveforms: Sine (43 MHz), Square (25 MHz), Triangle/Ramp (5 MHz), Noise (5 MHz)
    ️· Phase Noise & Jitter:
    - System Phase Noise: Typically -137 dBc/Hz (10 kHz offset) for Divide-by-N.
    - System Output Jitter: < 4.0 ps rms.
    ️· Digital Output: 16 LVDS data lines, ANSI/TIA/EIA-644 compliant.
    ️· Triggering: Various trigger sources (PFI, PXI_TRIG, software, immediate) and modes.
    ️· Memory Utilization: Varies depending on memory size; the datasheet gives examples in terms of waveforms and segments possible.

    4. Environmental & Compliance

    ️· Operating Temperature: 0°C to +55°C
    ️· Storage Temperature: -25°C to +85°C
    ️· Humidity: 10% to 90%, non-condensing.
    ️· Compliance: CE Marked

    5. Summary of Important Considerations

    ️· PXI Ecosystem: This device *requires* a PXI chassis and controller to function. It's not a standalone device.
    ️· Memory Capacity: The memory size is a critical factor in the complexity of waveforms and sequences that can be generated.
    ️· Amplitude Scaling: The amplitude ranges are adjustable and provide flexibility.
    ️· Signal Integrity: Pay attention to the SINAD and spurious free dynamic range values when considering signal quality for demanding applications.
    ️· Triggering: Carefully select triggering options to control waveform generation precisely.
    ️· Calibration: Periodic external calibration (every 2 years) is recommended to maintain accuracy.
    ️· Operating Conditions: The datasheet specifications are valid under the specified operating conditions, as noted throughout the document.

    IMPORTANT NOTES & LIMITATIONS:

    ️· Datasheet Version: This information is based on the provided datasheet. Specifications can change over time. Always refer to the latest datasheet from NI’s website for the most accurate information.
    ️· Operating Conditions: The specifications are dependent on proper system setup, cabling, and power supply. The "specified operating conditions" listed in the datasheet are crucial.
    ️· Application Specifics: The performance in a real-world application may vary depending on the specific use case.
    ️· Complexity: Understanding and utilizing the full capabilities of this device requires a good understanding of PXI systems, signal generation principles, and NI’s software tools.
    ️· Abbreviations: Vpp (peak-to-peak), SINAD (Signal-to-Noise and Distortion), dBc (decibels relative to carrier), dBFS (decibels relative to full scale).

    Part No.PXI-5441
    ManufacturerNI
    Size289 Kbytes
    Pages7 pages
    Description100 MS/s, 16-bit Arbitrary Waveform Generator with Onboard Signal Processing