| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SDR620CTJ_1 Datasheet
# Example questions:
➢ What is the maximum average rectified forward current (io) for the sdr62 series, and what is the value for doubler configurations?
➢ How does the peak repetitive reverse voltage (vrrm) differ between the sdr620ctj, sdr621ctj, and sdr622ctj models?
➢ What are the different package options available for the sdr62 series, and which one is designated by the 'j' suffix?
# SDR620CTJ, CAJ, DJ, DRJ thru SDR622CTJ, CAJ, DJ, DRJ
## Overview
️· Hyper Fast Centertap Rectifier
️· 40 Amps, 100-200 Volts
️· 35 nsec Recovery Time
## Key Features
️· Replaces Two 1N5816 Devices
️· High Surge Rating
️· Low Reverse Leakage Current
️· Low Junction Capacitance
️· Isolated Hermetically Sealed Package
️· Gold Eutectic Die Attach Available
️· Ultrasonic Aluminum Wire Bonds
️· Custom Lead Forming Available
️· TX, TXV, and Space Level Screening Available
## Maximum Ratings
️· Peak Repetitive Reverse Voltage (VRRM): 100V, 150V, 200V (depending on model)
️· Average Rectified Forward Current (IO): 40A (20A/leg for Doublers)
️· Peak Surge Current (IFSM): 200A
️· Operating & Storage Temperature (Tstg): -65°C to +175°C
️· Thermal Resistance (RθJC): 0.95°C/W, 1.7°C/W
## Electrical Characteristics (Per Leg)
️· Forward Voltage Drop (VF): 1.05-1.25V @ 10A, 25°C
️· Reverse Leakage Current (IR): 10 μA @ 25°C, 100 μA @ 100°C
️· Reverse Recovery Time (trr): 35ns
️· Junction Capacitance (CJ): 225pF
## Pin Assignments
️· CT: Anode 1, Cathode, Anode 2
️· CA: Cathode 1, Anode, Cathode 2
️· D: Cathode 1, Cathode 2/Anode 1, Anode 2
️· DR: Anode 1, Cathode 1/Anode 2, Cathode 2
## Ordering Information
️· Contact factory for price, availability, and operating curves.
️· Screened to MIL-PRF-19500 available.
️· Data Sheet #: RH0071H
# SDR620CTJ, CAJ, DJ, DRJ thru SDR622CTJ, CAJ, DJ, DRJ
## Overview
️· Hyper Fast Centertap Rectifier
️· 40 Amps, 100-200 Volts
️· 35 nsec Recovery Time
## Key Features
️· Replaces Two 1N5816 Devices
️· High Surge Rating
️· Low Reverse Leakage Current
️· Low Junction Capacitance
️· Isolated Hermetically Sealed Package
️· Gold Eutectic Die Attach Available
️· Ultrasonic Aluminum Wire Bonds
️· Custom Lead Forming Available
️· TX, TXV, and Space Level Screening Available
## Maximum Ratings
️· Peak Repetitive Reverse Voltage (VRRM): 100V, 150V, 200V (depending on model)
️· Average Rectified Forward Current (IO): 40A (20A/leg for Doublers)
️· Peak Surge Current (IFSM): 200A
️· Operating & Storage Temperature (Tstg): -65°C to +175°C
️· Thermal Resistance (RθJC): 0.95°C/W, 1.7°C/W
## Electrical Characteristics (Per Leg)
️· Forward Voltage Drop (VF): 1.05-1.25V @ 10A, 25°C
️· Reverse Leakage Current (IR): 10 μA @ 25°C, 100 μA @ 100°C
️· Reverse Recovery Time (trr): 35ns
️· Junction Capacitance (CJ): 225pF
## Pin Assignments
️· CT: Anode 1, Cathode, Anode 2
️· CA: Cathode 1, Anode, Cathode 2
️· D: Cathode 1, Cathode 2/Anode 1, Anode 2
️· DR: Anode 1, Cathode 1/Anode 2, Cathode 2
## Ordering Information
️· Contact factory for price, availability, and operating curves.
️· Screened to MIL-PRF-19500 available.
️· Data Sheet #: RH0071H
| Part No. | SDR620CTJ_1 |
| Manufacturer | SSDI |
| Size | 117 Kbytes |
| Pages | 2 pages |
| Description | HYPER FAST CENTERTAP RECTIFIER |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |