Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC74LVQ646 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MC74LVQ646 Datasheet

  • # Example questions: ➢ What are the input voltage conditions specified in figure 3 for measuring tplh and tphl, and what does 'rt' represent in that figure?
    ➢ What is the typical power dissipation capacitance (cpd) of the mc74lvq646 at a frequency of 10mhz and vcc = 3v?
    ➢ What is the minimum le (latch enable) pulse width required for proper operation of the mc74lvq646?

  • Part No.MC74LVQ646
    ManufacturerMOTOROLA
    Size230 Kbytes
    Pages10 pages
    DescriptionLOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
    Datasheet Summary with AI

    1. Device Description

    ️· The MC74LVQ646 is a 16-bit bidirectional register/shift register. It's a member of the LVQ (Low Voltage Quad) family, designed for TTL-compatible input levels and output drive.
    ️· It can be used as a simple register (parallel data in, parallel data out) or as a shift register (serial data in, serial data out).

    2. Key Features & Benefits

    ️· Bidirectional Data Transfer: Allows data to flow in either direction.
    ️· TTL Compatible: Works well with standard TTL logic circuits.
    ️· Low Power Consumption: A key advantage of the LVQ family.
    ️· High-Speed Operation: Relatively fast switching speeds.
    ️· Wide Operating Voltage Range: Operates with a range of supply voltages.
    ️· Standard Packaging: Available in several package types.

    3. Electrical Characteristics (Important Numbers)

    ️· Supply Voltage (VCC): Typically 2.0V to 5.5V. (Check the specific application's voltage requirements.)
    ️· Input Voltage (VIH): Minimum voltage required for a logic high (typically 2.0V).
    ️· Input Voltage (VIL): Maximum voltage for a logic low (typically 0.8V).
    ️· Output Voltage (VOH): Minimum output voltage for a logic high (usually 3.5V @ 1.6 mA load current).
    ️· Output Voltage (VOL): Maximum output voltage for a logic low (usually 0.4V @ 2.0mA load current).
    ️· Propagation Delays: Critically important for timing in digital circuits. These are the time it takes for a signal to pass through the register. Look at "Waveform 1" and "Waveform 3" in the datasheet for timings. (The datasheet indicates delays on the order of ~10-15ns)
    ️· Setup and Hold Times (ts & th): These are *critical* for ensuring that data is reliably latched into the register. (Setup time is 2.5ns, Hold Time is 1.5ns).
    ️· Power Dissipation Capacitance (CPD): A measure of the power consumed by the device; important for power budget calculations.
    ️· Input and Output Capacitances: Influences the circuit's frequency response and needs to be accounted for in layout.

    4. Timing Information and Waveforms

    ️· Waveform 1 (SAB to B and SBA to A, An to Bn Propagation Delays): Shows the propagation delay between inputs and outputs.
    ️· Waveform 2 (OE/DIR to An/Bn Output Enable and Disable Times): Shows the timing for enabling/disabling the register output.
    ️· Waveform 3 (Clock to Bn/An Propagation Delays, Clock Minimum Pulse Width, An/Bn to Clock Setup and Hold Times): Illustrates the relationship between the clock signal and the register’s data inputs, highlighting setup and hold times. These waveforms are vital for designing timing circuits.
    ️· Waveform 4 (Input Pulse Definition): Defines the characteristics of the input signal used in the timing tests.

    5. Test Circuit and Conditions

    ️· The datasheet provides a test circuit (Figure 4) with specific component values (CL, RL, RT) used for the timing tests. These conditions should be considered when interpreting the timing specifications.
    ️· CL = 50pF: This includes probe and jig capacitance. This is important because it affects the measured timing.
    ️· RL = 500Ω: The load resistance.

    6. Physical Dimensions & Packaging

    ️· The datasheet includes detailed outline dimensions for different package types. These are essential for PCB layout.

    Important Notes for Use:

    ️· Read the Entire Datasheet: This summary captures the highlights, but the full datasheet contains more details that may be important for your specific application.
    ️· Understand Load Conditions: The timing characteristics are specified under specific load conditions. If your circuit has a different load, the actual timing may vary.
    ️· Timing Margins: Always include appropriate timing margins in your circuit design to account for variations in component values, temperature, and noise.

    1. Device Description

    ️· The MC74LVQ646 is a 16-bit bidirectional register/shift register. It's a member of the LVQ (Low Voltage Quad) family, designed for TTL-compatible input levels and output drive.
    ️· It can be used as a simple register (parallel data in, parallel data out) or as a shift register (serial data in, serial data out).

    2. Key Features & Benefits

    ️· Bidirectional Data Transfer: Allows data to flow in either direction.
    ️· TTL Compatible: Works well with standard TTL logic circuits.
    ️· Low Power Consumption: A key advantage of the LVQ family.
    ️· High-Speed Operation: Relatively fast switching speeds.
    ️· Wide Operating Voltage Range: Operates with a range of supply voltages.
    ️· Standard Packaging: Available in several package types.

    3. Electrical Characteristics (Important Numbers)

    ️· Supply Voltage (VCC): Typically 2.0V to 5.5V. (Check the specific application's voltage requirements.)
    ️· Input Voltage (VIH): Minimum voltage required for a logic high (typically 2.0V).
    ️· Input Voltage (VIL): Maximum voltage for a logic low (typically 0.8V).
    ️· Output Voltage (VOH): Minimum output voltage for a logic high (usually 3.5V @ 1.6 mA load current).
    ️· Output Voltage (VOL): Maximum output voltage for a logic low (usually 0.4V @ 2.0mA load current).
    ️· Propagation Delays: Critically important for timing in digital circuits. These are the time it takes for a signal to pass through the register. Look at "Waveform 1" and "Waveform 3" in the datasheet for timings. (The datasheet indicates delays on the order of ~10-15ns)
    ️· Setup and Hold Times (ts & th): These are *critical* for ensuring that data is reliably latched into the register. (Setup time is 2.5ns, Hold Time is 1.5ns).
    ️· Power Dissipation Capacitance (CPD): A measure of the power consumed by the device; important for power budget calculations.
    ️· Input and Output Capacitances: Influences the circuit's frequency response and needs to be accounted for in layout.

    4. Timing Information and Waveforms

    ️· Waveform 1 (SAB to B and SBA to A, An to Bn Propagation Delays): Shows the propagation delay between inputs and outputs.
    ️· Waveform 2 (OE/DIR to An/Bn Output Enable and Disable Times): Shows the timing for enabling/disabling the register output.
    ️· Waveform 3 (Clock to Bn/An Propagation Delays, Clock Minimum Pulse Width, An/Bn to Clock Setup and Hold Times): Illustrates the relationship between the clock signal and the register’s data inputs, highlighting setup and hold times. These waveforms are vital for designing timing circuits.
    ️· Waveform 4 (Input Pulse Definition): Defines the characteristics of the input signal used in the timing tests.

    5. Test Circuit and Conditions

    ️· The datasheet provides a test circuit (Figure 4) with specific component values (CL, RL, RT) used for the timing tests. These conditions should be considered when interpreting the timing specifications.
    ️· CL = 50pF: This includes probe and jig capacitance. This is important because it affects the measured timing.
    ️· RL = 500Ω: The load resistance.

    6. Physical Dimensions & Packaging

    ️· The datasheet includes detailed outline dimensions for different package types. These are essential for PCB layout.

    Important Notes for Use:

    ️· Read the Entire Datasheet: This summary captures the highlights, but the full datasheet contains more details that may be important for your specific application.
    ️· Understand Load Conditions: The timing characteristics are specified under specific load conditions. If your circuit has a different load, the actual timing may vary.
    ️· Timing Margins: Always include appropriate timing margins in your circuit design to account for variations in component values, temperature, and noise.

    Part No.MC74LVQ646
    ManufacturerMOTOROLA
    Size230 Kbytes
    Pages10 pages
    DescriptionLOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com