Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KAS1102RT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about KAS1102RT Datasheet

  • # Example questions: ➢ What is the operating temperature range for these slide dip switches?
    ➢ What is the maximum current rating for the switch contacts?
    ➢ What are the available actuator options and how do they affect the switch’s functionality?

  • Part No.KAS1102RT
    ManufacturerE-SWITCH
    Size147 Kbytes
    Pages2 pages
    DescriptionSLIDE DIP SWITCHES
    Datasheet Summary with AI

    # SERIES KAS SWITCHES

    ## FEATURES & BENEFITS
    · Available in 2 to 12 positions
    · Tape seal option
    · Vertical & right angle options

    ## SPECIFICATIONS
    Electrical Characteristics
    · Switch Function: SPST, 2 thru 12 positions (except position 11)
    · Contact Rating: Switch: 25mA @ 24V DC, Carry: 100mA @ 50V DC
    · Insulation Resistance: 100 M Ω Min. @ 500V DC
    · Contact Resistance: Initial: 50 m Ω typical @ 2-4V DC @ 100mA, After Life: 100mΩ typical @ 2-4 DC @ 100mA
    · Operating Life: 2,000 make-and-break cycles, each circuit
    · Dielectric Strength: 500V RMS min. @ sea level between adjacent terminals
    Environmental
    · Operating/Storage Temperature Range: -40° C to 85° C
    · Vibration: To MIL-STD-202F, Method 201 A
    · Shock: To MIL-STD-202F, Method 213B, Condition A
    Mechanical
    · Operating Force: 1000 gf max.
    · Travel (Actuator): 2.0 mm typical
    Materials
    · Housing and Actuator: Glass filled polyester (PBT) UL94-V0
    · Contacts: Phosphor Bronze with gold plate over nickel plate
    · Terminals: Phosphor Bronze with gold plate over nickel plate
    · Tape: Mylar

    ## HOW TO ORDER
    · Position: 2 to 12
    · Termination: (None) = Std. Unsealed
    · Seal: T = Top Tape Sealed
    · Actuator: R = Recessed Actuator (Top Side OFF), E = Extended Actuator (Top Side OFF)

    ## TERMINATION OPTIONS
    · PC Pin
    · Right Angle PC Pin
    · Position 1 denotes Pin No. 1

    ## ACTUATOR OPTIONS
    · Recessed (Top Side OFF)
    · Extended (Top Side OFF)

    ## SEAL OPTIONS
    · Top Tape Sealed
    · Top Tape Sealed

    # SERIES KAS SWITCHES

    ## FEATURES & BENEFITS
    · Available in 2 to 12 positions
    · Tape seal option
    · Vertical & right angle options

    ## SPECIFICATIONS
    Electrical Characteristics
    · Switch Function: SPST, 2 thru 12 positions (except position 11)
    · Contact Rating: Switch: 25mA @ 24V DC, Carry: 100mA @ 50V DC
    · Insulation Resistance: 100 M Ω Min. @ 500V DC
    · Contact Resistance: Initial: 50 m Ω typical @ 2-4V DC @ 100mA, After Life: 100mΩ typical @ 2-4 DC @ 100mA
    · Operating Life: 2,000 make-and-break cycles, each circuit
    · Dielectric Strength: 500V RMS min. @ sea level between adjacent terminals
    Environmental
    · Operating/Storage Temperature Range: -40° C to 85° C
    · Vibration: To MIL-STD-202F, Method 201 A
    · Shock: To MIL-STD-202F, Method 213B, Condition A
    Mechanical
    · Operating Force: 1000 gf max.
    · Travel (Actuator): 2.0 mm typical
    Materials
    · Housing and Actuator: Glass filled polyester (PBT) UL94-V0
    · Contacts: Phosphor Bronze with gold plate over nickel plate
    · Terminals: Phosphor Bronze with gold plate over nickel plate
    · Tape: Mylar

    ## HOW TO ORDER
    · Position: 2 to 12
    · Termination: (None) = Std. Unsealed
    · Seal: T = Top Tape Sealed
    · Actuator: R = Recessed Actuator (Top Side OFF), E = Extended Actuator (Top Side OFF)

    ## TERMINATION OPTIONS
    · PC Pin
    · Right Angle PC Pin
    · Position 1 denotes Pin No. 1

    ## ACTUATOR OPTIONS
    · Recessed (Top Side OFF)
    · Extended (Top Side OFF)

    ## SEAL OPTIONS
    · Top Tape Sealed
    · Top Tape Sealed

    Part No.KAS1102RT
    ManufacturerE-SWITCH
    Size147 Kbytes
    Pages2 pages
    DescriptionSLIDE DIP SWITCHES
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com