Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP703EN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SP703EN Datasheet

  • # Example questions: ➢ Describe the conditions under which the backup-battery switchover occurs, and how the sp703/704 manages power sources during this transition.
    ➢ What are the four key functions provided by the sp703/704 devices?
    ➢ How does the power-fail comparator (pfi/pfo) function, and what is its purpose in the system?

  • Part No.SP703EN
    ManufacturerSIPEX
    Size216 Kbytes
    Pages16 pages
    DescriptionLow Power Microprocessor Supervisory with Battery Switch-Over
    Datasheet Summary with AI

    Okay, here's a summary of the provided document (SP703/704 datasheet), breaking down the key features, operation, and applications.

    SP703/704: Low-Voltage Microprocessor Supervisory Circuit

    Core Function: This is an integrated circuit designed to monitor and protect microprocessors (µPs) and associated digital circuitry. It provides four main functions:

    1. Battery Backup: Switches to a backup battery (connected to V<sub>BATT</sub>) to maintain power to CMOS RAM or other logic when the primary power (V<sub>CC</sub>) fails.
    2. Reset Output: Generates a reset signal to the µP during power-up, power-down, and brownout conditions, ensuring a known starting state. It also responds to a manual reset input.
    3. Power-Fail Comparator: Detects under-voltage conditions on a separate power rail (PFI) and signals this to the µP, allowing for controlled shutdown.
    4. Low Battery Detection: Monitors the backup battery and can signal a low-battery condition.

    Key Features & Differences:

    ️· Two Versions: SP703 and SP704. The main difference is the reset threshold voltage:
    - SP703: Resets when V<sub>CC</sub> drops below 4.65V.
    - SP704: Resets when V<sub>CC</sub> drops below 4.4V.
    ️· Manual Reset: A manual reset input is available.
    ️· Power-Fail Warning: The PFI/PFO pins enable detection of failing power supplies.
    ️· Low Power Consumption: Optimized for battery-powered applications.

    How it Works (Operation):

    ️· Reset Output: Asserted (low) during power-up, brownout, or manual reset. Remains low for a fixed period after V<sub>CC</sub> exceeds the reset threshold.
    ️· Battery Backup Switching: When V<sub>CC</sub> falls below the reset threshold, the circuit switches to the backup battery (V<sub>BATT</sub>) to maintain power to critical loads.
    ️· Power-Fail Comparator: Compares the voltage on the PFI pin to an internal 1.25V reference. If PFI falls below 1.25V, the PFO output goes low, signaling a power-fail condition.
    ️· Switchover Comparators: Ensures V<sub>BATT</sub> only connects to the circuit when V<sub>CC</sub> is lower.

    Applications:

    ️· Automotive Systems
    ️· Intelligent Instruments
    ️· Battery-Powered Computers
    ️· Battery-Powered Controllers
    ️· Any application requiring reliable power monitoring and protection for a microprocessor.




    In essence, the SP703/704 is a comprehensive power management IC designed to improve the reliability and robustness of microprocessor-based systems.

    SP703/704: Low-Voltage Microprocessor Supervisory Circuit

    Core Function: This is an integrated circuit designed to monitor and protect microprocessors (µPs) and associated digital circuitry. It provides four main functions:

    1. Battery Backup: Switches to a backup battery (connected to V<sub>BATT</sub>) to maintain power to CMOS RAM or other logic when the primary power (V<sub>CC</sub>) fails.
    2. Reset Output: Generates a reset signal to the µP during power-up, power-down, and brownout conditions, ensuring a known starting state. It also responds to a manual reset input.
    3. Power-Fail Comparator: Detects under-voltage conditions on a separate power rail (PFI) and signals this to the µP, allowing for controlled shutdown.
    4. Low Battery Detection: Monitors the backup battery and can signal a low-battery condition.

    Key Features & Differences:

    ️· Two Versions: SP703 and SP704. The main difference is the reset threshold voltage:
    - SP703: Resets when V<sub>CC</sub> drops below 4.65V.
    - SP704: Resets when V<sub>CC</sub> drops below 4.4V.
    ️· Manual Reset: A manual reset input is available.
    ️· Power-Fail Warning: The PFI/PFO pins enable detection of failing power supplies.
    ️· Low Power Consumption: Optimized for battery-powered applications.

    How it Works (Operation):

    ️· Reset Output: Asserted (low) during power-up, brownout, or manual reset. Remains low for a fixed period after V<sub>CC</sub> exceeds the reset threshold.
    ️· Battery Backup Switching: When V<sub>CC</sub> falls below the reset threshold, the circuit switches to the backup battery (V<sub>BATT</sub>) to maintain power to critical loads.
    ️· Power-Fail Comparator: Compares the voltage on the PFI pin to an internal 1.25V reference. If PFI falls below 1.25V, the PFO output goes low, signaling a power-fail condition.
    ️· Switchover Comparators: Ensures V<sub>BATT</sub> only connects to the circuit when V<sub>CC</sub> is lower.

    Applications:

    ️· Automotive Systems
    ️· Intelligent Instruments
    ️· Battery-Powered Computers
    ️· Battery-Powered Controllers
    ️· Any application requiring reliable power monitoring and protection for a microprocessor.




    In essence, the SP703/704 is a comprehensive power management IC designed to improve the reliability and robustness of microprocessor-based systems.

    Part No.SP703EN
    ManufacturerSIPEX
    Size216 Kbytes
    Pages16 pages
    DescriptionLow Power Microprocessor Supervisory with Battery Switch-Over