| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSAC09R-7400 Datasheet
# Example questions:
➢ What is the operating temperature range for reliable performance of this power adapter?
➢ Which interchangeable clip types are available for use with this adapter, and what regions do they correspond to?
➢ What is the maximum output current this power adapter can deliver at 5v?
# PSAC09R Adapter - 9W Interchangeable Plug Series
## Features
️· Double Insulated
️· Low Leakage Current
️· Field Changeable AC Plugs
️· Micro-USB Connector
️· Efficiency Level V Compliance
️· Class B EMI
️· Ecodesign ErP Directive Compliant
️· CC/CV for Battery Charging
## Applications
️· Wireless Communications
️· Portable Equipment
️· Networking
️· Peripherals
## Safety Approvals
️· cUL/UL
️· CE
️· SAA
️· C-Tick
## Mechanical Characteristics
️· Length: 71.7mm (2.82in)
️· Height: 29.79mm (1.17in)
️· Width: 45mm (1.77in)
️· Weight: 120g (4.23oz)
## Output Specifications
️· Model: PSAC09R-050
️· DC Output Voltage: 5V
️· Load: 0A - 1.8A
️· Ripple (P-P Max): 100mV
️· Output Power: 9W
## Input Specifications
️· AC Input Voltage Rating: 100-240V AC
️· AC Input Voltage Range: 90-264V AC
️· AC Input Frequency: 50-60Hz
️· Input Current: 0.3A (RMS) max at 115V AC
️· Leakage Current: 0.25mA max at 240V AC
️· Inrush Current: 60A max at 230VAC
️· Input Power Saving: <0.3W
## Protection & Other Characteristics
️· Over-Voltage Protection: Zener Clamping
️· Over-Current Protection: 125%, auto restart
️· Hold-up Time: 10ms min at 120V AC
️· Insulation Resistance: 100M ohm at 500V DC
️· MTBF: 100K hours minimum
️· DC Output Connector: Micro USB
## Environmental Specifications
️· Operating Temperature: 0-40°C
️· Non-Operating Temperature: -40-85°C
️· Humidity: 5-90%
️· Emissions: FCC Class B, EN55022 Class B
## Interchangeable Clips (Sold Separately)
️· RPA: N. America
️· RPI: India
️· PRB: Brazil
️· RPK: UK
️· RPC: China
️· RPN: Argentina
️· RPE: Europe
️· RPS: Australia
️· RPH: Korea
️· RPX: IEC320 C8
# PSAC09R Adapter - 9W Interchangeable Plug Series
## Features
️· Double Insulated
️· Low Leakage Current
️· Field Changeable AC Plugs
️· Micro-USB Connector
️· Efficiency Level V Compliance
️· Class B EMI
️· Ecodesign ErP Directive Compliant
️· CC/CV for Battery Charging
## Applications
️· Wireless Communications
️· Portable Equipment
️· Networking
️· Peripherals
## Safety Approvals
️· cUL/UL
️· CE
️· SAA
️· C-Tick
## Mechanical Characteristics
️· Length: 71.7mm (2.82in)
️· Height: 29.79mm (1.17in)
️· Width: 45mm (1.77in)
️· Weight: 120g (4.23oz)
## Output Specifications
️· Model: PSAC09R-050
️· DC Output Voltage: 5V
️· Load: 0A - 1.8A
️· Ripple (P-P Max): 100mV
️· Output Power: 9W
## Input Specifications
️· AC Input Voltage Rating: 100-240V AC
️· AC Input Voltage Range: 90-264V AC
️· AC Input Frequency: 50-60Hz
️· Input Current: 0.3A (RMS) max at 115V AC
️· Leakage Current: 0.25mA max at 240V AC
️· Inrush Current: 60A max at 230VAC
️· Input Power Saving: <0.3W
## Protection & Other Characteristics
️· Over-Voltage Protection: Zener Clamping
️· Over-Current Protection: 125%, auto restart
️· Hold-up Time: 10ms min at 120V AC
️· Insulation Resistance: 100M ohm at 500V DC
️· MTBF: 100K hours minimum
️· DC Output Connector: Micro USB
## Environmental Specifications
️· Operating Temperature: 0-40°C
️· Non-Operating Temperature: -40-85°C
️· Humidity: 5-90%
️· Emissions: FCC Class B, EN55022 Class B
## Interchangeable Clips (Sold Separately)
️· RPA: N. America
️· RPI: India
️· PRB: Brazil
️· RPK: UK
️· RPC: China
️· RPN: Argentina
️· RPE: Europe
️· RPS: Australia
️· RPH: Korea
️· RPX: IEC320 C8
| Part No. | PSAC09R-7400 |
| Manufacturer | PHIHONG |
| Size | 123 Kbytes |
| Pages | 3 pages |
| Description | 9W Interchangeable Plug Series with Micro-USB Connector |