| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LS100-15 Datasheet
# Example questions:
➢ What safety agency approvals does the ls series power supply have?
➢ What is the standard warranty period for the ls series power supplies?
➢ For the ls100-12, -15, -24, -36, and -48 models, what two derating conditions are specified?
# LS Series Power Supplies
## General Features
️· Cost: Very low cost
️· Power Range: 25W to 150W
️· Size: Small form factor
️· Input Voltage: 115VAC or 230VAC selectable
️· Surge Protection: Withstands 300VAC surges (5 seconds)
️· Warranty: Three-year warranty
## Specifications (Common to all models)
️· Input Frequency: 47 - 63Hz
️· Overcurrent Protection: >110%
️· Operating Temperature: -25 to +70°C (derating applies - see notes)
️· Storage Temperature: -40 to +85°C
️· Operating Humidity: 20 - 90% RH (non-condensing)
️· Cooling: Convection
️· Safety Standards: UL60950-1, EN60950-1, IEC60950-1, CE Mark
️· EMI Standards: EN55011/EN55022-B, FCC-B
## Model-Specific Details
| Model | Power (W) | Input Voltage | Input Current (115/230VAC) | Max Output Current | Size (LxWxH) | Weight (g) |
|---|---|---|---|---|---|---|
| LS25 | 25 | 88-264VAC | 0.7/0.4A | 2.85A (3.3V) - 22A(24V) | 3.1 x 2.0 x 1.1 in | 170 |
| LS35 | 35 | 88-264VAC | 0.8/0.55A | 2.85A (3.3V) - 22A(24V) | 3.9 x 3.2 x 1.4 in | 270 |
| LS50 | 50 | 88-264VAC | 1.3/0.8A | 2.85A (3.3V) - 22A(24V) | 3.9 x 3.8 x 1.4 in | 350 |
| LS75 | 75 | 88-264VAC | 1.6/1.0A | 2.85A (3.3V) - 22A(24V) | 5.1 x 3.8 x 1.5 in | 410 |
| LS100 | 100 | 88-264VAC | 2.2/1.2A | 2.85A (3.3V) - 22A(24V) | 6.3 x 3.8 x 1.5 in | 600 |
| LS150 | 150 | 88-264VAC | 3.5/2A | 2.85A (3.3V) - 22A(24V) | 7.8 x 3.9 x 1.5 in | 700 |
## Important Notes
️· Derating: Operating temperature affects maximum load. See datasheet for specific derating curves.
️· Input Select: Some models support 115/230VAC input voltage selection.
️· MTBF: Up to 906,997 hours (depending on the model)
️· LED Indicator: Green LED indicates power on.
# LS Series Power Supplies
## General Features
️· Cost: Very low cost
️· Power Range: 25W to 150W
️· Size: Small form factor
️· Input Voltage: 115VAC or 230VAC selectable
️· Surge Protection: Withstands 300VAC surges (5 seconds)
️· Warranty: Three-year warranty
## Specifications (Common to all models)
️· Input Frequency: 47 - 63Hz
️· Overcurrent Protection: >110%
️· Operating Temperature: -25 to +70°C (derating applies - see notes)
️· Storage Temperature: -40 to +85°C
️· Operating Humidity: 20 - 90% RH (non-condensing)
️· Cooling: Convection
️· Safety Standards: UL60950-1, EN60950-1, IEC60950-1, CE Mark
️· EMI Standards: EN55011/EN55022-B, FCC-B
## Model-Specific Details
| Model | Power (W) | Input Voltage | Input Current (115/230VAC) | Max Output Current | Size (LxWxH) | Weight (g) |
|---|---|---|---|---|---|---|
| LS25 | 25 | 88-264VAC | 0.7/0.4A | 2.85A (3.3V) - 22A(24V) | 3.1 x 2.0 x 1.1 in | 170 |
| LS35 | 35 | 88-264VAC | 0.8/0.55A | 2.85A (3.3V) - 22A(24V) | 3.9 x 3.2 x 1.4 in | 270 |
| LS50 | 50 | 88-264VAC | 1.3/0.8A | 2.85A (3.3V) - 22A(24V) | 3.9 x 3.8 x 1.4 in | 350 |
| LS75 | 75 | 88-264VAC | 1.6/1.0A | 2.85A (3.3V) - 22A(24V) | 5.1 x 3.8 x 1.5 in | 410 |
| LS100 | 100 | 88-264VAC | 2.2/1.2A | 2.85A (3.3V) - 22A(24V) | 6.3 x 3.8 x 1.5 in | 600 |
| LS150 | 150 | 88-264VAC | 3.5/2A | 2.85A (3.3V) - 22A(24V) | 7.8 x 3.9 x 1.5 in | 700 |
| Part No. | LS100-15 |
| Manufacturer | TDK |
| Size | 533 Kbytes |
| Pages | 2 pages |
| Description | Single Output General Purpose Power Supplies |