Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS100-24 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LS100-24 Datasheet

  • # Example questions: ➢ What safety agency approvals does the ls series power supply have?
    ➢ What is the standard warranty period for the ls series power supplies?
    ➢ For the ls100-12, -15, -24, -36, and -48 models, what two derating conditions are specified?

  • Part No.LS100-24
    ManufacturerTDK
    Size533 Kbytes
    Pages2 pages
    DescriptionSingle Output General Purpose Power Supplies
    Datasheet Summary with AI

    # LS Series Power Supplies

    ## General Features

    ️· Cost: Very low cost
    ️· Power Range: 25W to 150W
    ️· Size: Small form factor
    ️· Input Voltage: 115VAC or 230VAC selectable
    ️· Surge Protection: Withstands 300VAC surges (5 seconds)
    ️· Warranty: Three-year warranty

    ## Specifications (Common to all models)

    ️· Input Frequency: 47 - 63Hz
    ️· Overcurrent Protection: >110%
    ️· Operating Temperature: -25 to +70°C (derating applies - see notes)
    ️· Storage Temperature: -40 to +85°C
    ️· Operating Humidity: 20 - 90% RH (non-condensing)
    ️· Cooling: Convection
    ️· Safety Standards: UL60950-1, EN60950-1, IEC60950-1, CE Mark

    ️· EMI Standards: EN55011/EN55022-B, FCC-B

    ## Model-Specific Details

    | Model | Power (W) | Input Voltage | Input Current (115/230VAC) | Max Output Current | Size (LxWxH) | Weight (g) |
    |---|---|---|---|---|---|---|
    | LS25 | 25 | 88-264VAC | 0.7/0.4A | 2.85A (3.3V) - 22A(24V) | 3.1 x 2.0 x 1.1 in | 170 |
    | LS35 | 35 | 88-264VAC | 0.8/0.55A | 2.85A (3.3V) - 22A(24V) | 3.9 x 3.2 x 1.4 in | 270 |
    | LS50 | 50 | 88-264VAC | 1.3/0.8A | 2.85A (3.3V) - 22A(24V) | 3.9 x 3.8 x 1.4 in | 350 |
    | LS75 | 75 | 88-264VAC | 1.6/1.0A | 2.85A (3.3V) - 22A(24V) | 5.1 x 3.8 x 1.5 in | 410 |
    | LS100 | 100 | 88-264VAC | 2.2/1.2A | 2.85A (3.3V) - 22A(24V) | 6.3 x 3.8 x 1.5 in | 600 |
    | LS150 | 150 | 88-264VAC | 3.5/2A | 2.85A (3.3V) - 22A(24V) | 7.8 x 3.9 x 1.5 in | 700 |

    ## Important Notes

    ️· Derating: Operating temperature affects maximum load. See datasheet for specific derating curves.
    ️· Input Select: Some models support 115/230VAC input voltage selection.
    ️· MTBF: Up to 906,997 hours (depending on the model)
    ️· LED Indicator: Green LED indicates power on.

    # LS Series Power Supplies

    ## General Features

    ️· Cost: Very low cost
    ️· Power Range: 25W to 150W
    ️· Size: Small form factor
    ️· Input Voltage: 115VAC or 230VAC selectable
    ️· Surge Protection: Withstands 300VAC surges (5 seconds)
    ️· Warranty: Three-year warranty

    ## Specifications (Common to all models)

    ️· Input Frequency: 47 - 63Hz
    ️· Overcurrent Protection: >110%
    ️· Operating Temperature: -25 to +70°C (derating applies - see notes)
    ️· Storage Temperature: -40 to +85°C
    ️· Operating Humidity: 20 - 90% RH (non-condensing)
    ️· Cooling: Convection
    ️· Safety Standards: UL60950-1, EN60950-1, IEC60950-1, CE Mark
    ️· EMI Standards: EN55011/EN55022-B, FCC-B

    ## Model-Specific Details

    Model Power (W) Input Voltage Input Current (115/230VAC) Max Output Current Size (LxWxH) Weight (g)
    LS25 25 88-264VAC 0.7/0.4A 2.85A (3.3V) - 22A(24V) 3.1 x 2.0 x 1.1 in 170
    LS35 35 88-264VAC 0.8/0.55A 2.85A (3.3V) - 22A(24V) 3.9 x 3.2 x 1.4 in 270
    LS50 50 88-264VAC 1.3/0.8A 2.85A (3.3V) - 22A(24V) 3.9 x 3.8 x 1.4 in 350
    LS75 75 88-264VAC 1.6/1.0A 2.85A (3.3V) - 22A(24V) 5.1 x 3.8 x 1.5 in 410
    LS100 100 88-264VAC 2.2/1.2A 2.85A (3.3V) - 22A(24V) 6.3 x 3.8 x 1.5 in 600
    LS150 150 88-264VAC 3.5/2A 2.85A (3.3V) - 22A(24V) 7.8 x 3.9 x 1.5 in 700

    ## Important Notes

    ️· Derating: Operating temperature affects maximum load. See datasheet for specific derating curves.
    ️· Input Select: Some models support 115/230VAC input voltage selection.
    ️· MTBF: Up to 906,997 hours (depending on the model)
    ️· LED Indicator: Green LED indicates power on.

    Part No.LS100-24
    ManufacturerTDK
    Size533 Kbytes
    Pages2 pages
    DescriptionSingle Output General Purpose Power Supplies