Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-80-12 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VOF-80-12 Datasheet

  • # Example questions: ➢ What molex series housing is specified for the dc output connector (cn2)?
    ➢ What is the typical input current draw when operating the power supply from a 220 vac source?
    ➢ What is the maximum allowable operating temperature for this power supply?

  • Part No.VOF-80-12
    ManufacturerCUI
    Size250 Kbytes
    Pages5 pages
    DescriptionAC-DC POWER SUPPLY
    Datasheet Summary with AI

    1. General Description:

    ️· The CUI VOF-80 is an AC-DC power supply designed for various applications. It delivers regulated DC output voltages.
    ️· It appears to be a modular, compact design.

    2. Input Specifications:

    ️· Input Voltage: 85 - 264 VAC (Universal) or 120 - 375 VDC
    ️· Input Frequency: 47 - 63 Hz
    ️· Input Current: 1.5A @ 110VAC, 0.8A @ 220VAC
    ️· Inrush Current: 25A @ 115VAC (cold start), 50A @ 220VAC (cold start)
    ️· Input Fuse: Built-in (non-user serviceable)

    3. Output Specifications:

    ️· Regulation:
    - Line Regulation: ±0.5% (at full load)
    - Load Regulation: ±1% (from full load to 10% load)
    ️· Temperature Coefficient: ±0.05%/°C
    ️· Hold-up Time: 8ms @ 115VAC input
    ️· Adjustability: Output voltage can be adjusted using a trim pot (-10% to +5%)
    ️· Switching Frequency: 65 kHz

    4. Protection Features:

    ️· Overvoltage Protection: 6.8V (for 3.3V and 5V models), 135% (for other models)
    ️· Overcurrent Protection: Automatically recovers at 105% of rated current
    ️· Short Circuit Protection: Continuous operation, but long-term short circuits may reduce reliability

    5. Safety and Compliance:

    ️· Isolation Voltage: 3000 VAC (primary to secondary), 1500 VAC (primary to transformer core), 1500 VAC (primary to ground)
    ️· Isolation Resistance: 50 MΩ at 500 VDC
    ️· Certifications: TUV EN60950, CE, UL/cUL 60950-1
    ️· EMI/EMC: FCC Class B, EN55022 Class B
    ️· Leakage Current: 1.5 mA
    ️· RoHS Compliant: Yes
    ️· MTBF: 250,000 hours (according to MIL-HDBK-217F)

    6. Environmental Conditions:

    ️· Operating Temperature: See derating curve (generally 0°C to 60°C)
    ️· Storage Temperature: -20°C to 85°C
    ️· Operating Humidity: Non-condensing (20% to 90%)
    ️· Storage Humidity: Non-condensing (20% to 95%)
    ️· Altitude:
    - Operating: 10,000 ft (3,000 m)
    - Storage: 30,000 ft (9,000 m)

    7. Mechanical Specifications:

    ️· Dimensions: 4 x 2 x 1.40 inches (102 x 2 x 35.6 mm)
    ️· Weight: 0.2 kg
    ️· Cooling: Free air convection or forced air (derating may be required)

    8. Connectors:

    ️· AC Input: Mates with Molex housing 09-50-7031 (2878 series crimp contact)
    ️· DC Output: Mates with Molex housing 09-50-7061 (2878 series crimp contact)

    Important Notes:

    ️· Derating Curves: The datasheet references derating curves for operating temperature and voltage. Refer to those curves for specific limitations.
    ️· Revisions: The datasheet has undergone revisions; this summary is based on the 08/16/2012 version. Always use the latest revision.

    1. General Description:

    ️· The CUI VOF-80 is an AC-DC power supply designed for various applications. It delivers regulated DC output voltages.
    ️· It appears to be a modular, compact design.

    2. Input Specifications:

    ️· Input Voltage: 85 - 264 VAC (Universal) or 120 - 375 VDC
    ️· Input Frequency: 47 - 63 Hz
    ️· Input Current: 1.5A @ 110VAC, 0.8A @ 220VAC
    ️· Inrush Current: 25A @ 115VAC (cold start), 50A @ 220VAC (cold start)
    ️· Input Fuse: Built-in (non-user serviceable)

    3. Output Specifications:

    ️· Regulation:
    - Line Regulation: ±0.5% (at full load)
    - Load Regulation: ±1% (from full load to 10% load)
    ️· Temperature Coefficient: ±0.05%/°C
    ️· Hold-up Time: 8ms @ 115VAC input
    ️· Adjustability: Output voltage can be adjusted using a trim pot (-10% to +5%)
    ️· Switching Frequency: 65 kHz

    4. Protection Features:

    ️· Overvoltage Protection: 6.8V (for 3.3V and 5V models), 135% (for other models)
    ️· Overcurrent Protection: Automatically recovers at 105% of rated current
    ️· Short Circuit Protection: Continuous operation, but long-term short circuits may reduce reliability

    5. Safety and Compliance:

    ️· Isolation Voltage: 3000 VAC (primary to secondary), 1500 VAC (primary to transformer core), 1500 VAC (primary to ground)
    ️· Isolation Resistance: 50 MΩ at 500 VDC
    ️· Certifications: TUV EN60950, CE, UL/cUL 60950-1
    ️· EMI/EMC: FCC Class B, EN55022 Class B
    ️· Leakage Current: 1.5 mA
    ️· RoHS Compliant: Yes
    ️· MTBF: 250,000 hours (according to MIL-HDBK-217F)

    6. Environmental Conditions:

    ️· Operating Temperature: See derating curve (generally 0°C to 60°C)
    ️· Storage Temperature: -20°C to 85°C
    ️· Operating Humidity: Non-condensing (20% to 90%)
    ️· Storage Humidity: Non-condensing (20% to 95%)
    ️· Altitude:
    - Operating: 10,000 ft (3,000 m)
    - Storage: 30,000 ft (9,000 m)

    7. Mechanical Specifications:

    ️· Dimensions: 4 x 2 x 1.40 inches (102 x 2 x 35.6 mm)
    ️· Weight: 0.2 kg
    ️· Cooling: Free air convection or forced air (derating may be required)

    8. Connectors:

    ️· AC Input: Mates with Molex housing 09-50-7031 (2878 series crimp contact)
    ️· DC Output: Mates with Molex housing 09-50-7061 (2878 series crimp contact)

    Important Notes:

    ️· Derating Curves: The datasheet references derating curves for operating temperature and voltage. Refer to those curves for specific limitations.
    ️· Revisions: The datasheet has undergone revisions; this summary is based on the 08/16/2012 version. Always use the latest revision.

    Part No.VOF-80-12
    ManufacturerCUI
    Size250 Kbytes
    Pages5 pages
    DescriptionAC-DC POWER SUPPLY