Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS1020-100 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DS1020-100 Datasheet

  • # Example questions: ➢ G., tdsc, tdhe). explain what 'tdse' represents and under what conditions it is measured, referencing the document if needed.
    ➢ What are the key differences between the parallel and serial modes of operation for the ds1020, and when might you choose one over the other?
    ➢ What is the maximum allowable storage temperature for the ds1020, and what is a potential consequence of exceeding this limit?

  • Part No.DS1020-100
    ManufacturerMAXIM
    Size196 Kbytes
    Pages9 pages
    DescriptionProgrammable 8-Bit Silicon Delay Line
    Datasheet Summary with AI

    1. Device Overview: Dallas Semiconductor DS1020 Silicon Delay Line

    ️· Function: This is a programmable silicon delay line, meaning it creates a time delay in a signal. The delay can be adjusted electronically.
    ️· Modes of Operation: It operates in two main modes:
    - Parallel Mode (S=1): Suitable for applications where a single, fixed delay is needed, either non-latched (E=1) or latched.
    - Serial Mode (S=0): Used for creating sequences or more complex timing patterns.

    2. Electrical Characteristics & Ratings

    ️· Absolute Maximum Ratings: Define the stress levels the chip can handle without damage. These are not operational limits, but safety margins.
    - Voltage on Pins: -1.0V to +7.0V
    - Operating Temp: 0°C to 70°C
    ️· DC Electrical Characteristics: Define typical operating conditions.
    - Supply Voltage (VCC): 4.75V - 5.25V
    ️· AC Electrical Characteristics: Define timing parameters – how fast signals must be, and how long delays are. These are critical for correct device operation. Key parameters include:
    - Clock Frequency: Up to 10 MHz
    - Data Setup & Hold Times: Critical for serial data integrity.
    - Enable Width: The duration the 'Enable' signal must be active.

    3. Timing and Delay

    ️· Delay Measurement: Measured between 1.5V levels of rising/falling edges on input and output signals.
    ️· Tolerance: Delays are within tolerances outlined in "Table 1" which contains the values of the delay in nanoseconds for various input values.
    ️· Key Timing Parameters:
    - tPLH/tPHL: Input to Output Delay (Rising and Falling edges).
    - tWI: Input Pulse Width
    - tDSC/tDHC: Data Setup/Hold times for serial mode.
    - tPDV/tPDX: Parallel Input Valid to Delay Valid and parallel input change to delay invalid.

    4. Test Conditions & Setup

    ️· Test Environment: Precise temperature (25°C ± 3°C), supply voltage (5V ± 0.1V), controlled input signals.
    ️· Input Signal: Defined voltage levels (High = 3.0V, Low = 0.0V), impedance (50 ohms max), and rise/fall times (3.0 ns max).
    ️· Output Loading: Output is loaded with a 74F04 IC.
    ️· Automated Testing: Uses precision pulse generators, time interval counters, and computer control for automated testing.

    5. Key Terminology

    ️· Period: Time between pulses
    ️· Pulse Width (tWI): Duration of a pulse.
    ️· Rise/Fall Times: Time taken for a signal to transition.
    ️· PLH/PHL: Rise/Fall Time Delay
    ️· Setup/Hold Times: Critical timing constraints for data validity in serial mode.

    Essentially, the document describes a programmable delay line with detailed specifications for electrical characteristics, timing parameters, test conditions, and terminology used.

    1. Device Overview: Dallas Semiconductor DS1020 Silicon Delay Line

    ️· Function: This is a programmable silicon delay line, meaning it creates a time delay in a signal. The delay can be adjusted electronically.
    ️· Modes of Operation: It operates in two main modes:
    - Parallel Mode (S=1): Suitable for applications where a single, fixed delay is needed, either non-latched (E=1) or latched.
    - Serial Mode (S=0): Used for creating sequences or more complex timing patterns.

    2. Electrical Characteristics & Ratings

    ️· Absolute Maximum Ratings: Define the stress levels the chip can handle without damage. These are not operational limits, but safety margins.
    - Voltage on Pins: -1.0V to +7.0V
    - Operating Temp: 0°C to 70°C
    ️· DC Electrical Characteristics: Define typical operating conditions.
    - Supply Voltage (VCC): 4.75V - 5.25V
    ️· AC Electrical Characteristics: Define timing parameters – how fast signals must be, and how long delays are. These are critical for correct device operation. Key parameters include:
    - Clock Frequency: Up to 10 MHz
    - Data Setup & Hold Times: Critical for serial data integrity.
    - Enable Width: The duration the 'Enable' signal must be active.

    3. Timing and Delay

    ️· Delay Measurement: Measured between 1.5V levels of rising/falling edges on input and output signals.
    ️· Tolerance: Delays are within tolerances outlined in "Table 1" which contains the values of the delay in nanoseconds for various input values.
    ️· Key Timing Parameters:
    - tPLH/tPHL: Input to Output Delay (Rising and Falling edges).
    - tWI: Input Pulse Width
    - tDSC/tDHC: Data Setup/Hold times for serial mode.
    - tPDV/tPDX: Parallel Input Valid to Delay Valid and parallel input change to delay invalid.

    4. Test Conditions & Setup

    ️· Test Environment: Precise temperature (25°C ± 3°C), supply voltage (5V ± 0.1V), controlled input signals.
    ️· Input Signal: Defined voltage levels (High = 3.0V, Low = 0.0V), impedance (50 ohms max), and rise/fall times (3.0 ns max).
    ️· Output Loading: Output is loaded with a 74F04 IC.
    ️· Automated Testing: Uses precision pulse generators, time interval counters, and computer control for automated testing.

    5. Key Terminology

    ️· Period: Time between pulses
    ️· Pulse Width (tWI): Duration of a pulse.
    ️· Rise/Fall Times: Time taken for a signal to transition.
    ️· PLH/PHL: Rise/Fall Time Delay
    ️· Setup/Hold Times: Critical timing constraints for data validity in serial mode.

    Essentially, the document describes a programmable delay line with detailed specifications for electrical characteristics, timing parameters, test conditions, and terminology used.

    Part No.DS1020-100
    ManufacturerMAXIM
    Size196 Kbytes
    Pages9 pages
    DescriptionProgrammable 8-Bit Silicon Delay Line
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com