| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SRC48-0413 Datasheet
# Example questions:
➢ Explain the purpose of the optical power monitor (pm) and how it's used to measure optical power. what information does monitoring the current provide?
➢ Why is this done, and what benefit does it provide?
➢ What are the key differences between the short/intermediate reach and long reach receiver versions in terms of the photodiode used and temperature range?
1. Overview
️· The SRC48 is a 24-pin receiver designed for OC-48/STM-16 applications. It converts optical signals into electrical signals.
️· It's available in two variants:
- Short/Intermediate Reach: Uses a PIN photodiode.
- Long Reach: Uses an avalanche photodiode (APD).
️· It features a Signal Detect circuit that provides a logic low output when the incoming optical signal is insufficient.
2. Key Specifications
️· Data Rate: 2.48832 Gbps (OC-48/STM-16)
️· Wavelength Range: 1100 nm to 1600 nm
️· Operating Temperature: -40°C to 85°C (specific part dependent on ordering)
️· Supply Voltage: 5.0V (typical)
️· Output Voltage Swing: 0.4V to 0.95V (typical)
️· Jitter Tolerance: Complies with ITU-T G.958.
️· Signal Detect Hysteresis: 0.5 to 1.0 dB
3. Features & Functions
️· Photocurrent Monitoring: The photocurrent can be monitored via a voltage drop across an external resistor connected to the PM pin.
️· APD Bias Voltage: The APD Bias Voltage is temperature compensated.
️· Differential Outputs: DATA and CLOCK outputs are differential and need to be AC-coupled into a 50-ohm load.
️· Signal Detect Output: Provides a logic low signal if optical signal is too weak.
4. Ordering Information & Options
️· Ordering codes include options for:
- Reach (Short/Intermediate/Long)
- Pigtail type (FC, ST, SC)
- Operating temperature range
5. Related Products
️· STX-48 (Transmitter)
️· SRX-48 (Receiver without clock recovery)
️· DTR-2488-SM/SM2 (Transceivers)
️· DTC-48 (Transceiver with clock recovery)
6. Pinout
The document provides a detailed pinout diagram, showing the function of each of the 24 pins.
7. Important Notes
️· Transmission lines are recommended for the DATA and CLOCK outputs.
️· No termination resistors are needed for the SIGNAL DETECT outputs.
️· Oplink Communications reserves the right to make changes without notice.
1. Overview
️· The SRC48 is a 24-pin receiver designed for OC-48/STM-16 applications. It converts optical signals into electrical signals.
️· It's available in two variants:
- Short/Intermediate Reach: Uses a PIN photodiode.
- Long Reach: Uses an avalanche photodiode (APD).
️· It features a Signal Detect circuit that provides a logic low output when the incoming optical signal is insufficient.
2. Key Specifications
️· Data Rate: 2.48832 Gbps (OC-48/STM-16)
️· Wavelength Range: 1100 nm to 1600 nm
️· Operating Temperature: -40°C to 85°C (specific part dependent on ordering)
️· Supply Voltage: 5.0V (typical)
️· Output Voltage Swing: 0.4V to 0.95V (typical)
️· Jitter Tolerance: Complies with ITU-T G.958.
️· Signal Detect Hysteresis: 0.5 to 1.0 dB
3. Features & Functions
️· Photocurrent Monitoring: The photocurrent can be monitored via a voltage drop across an external resistor connected to the PM pin.
️· APD Bias Voltage: The APD Bias Voltage is temperature compensated.
️· Differential Outputs: DATA and CLOCK outputs are differential and need to be AC-coupled into a 50-ohm load.
️· Signal Detect Output: Provides a logic low signal if optical signal is too weak.
4. Ordering Information & Options
️· Ordering codes include options for:
- Reach (Short/Intermediate/Long)
- Pigtail type (FC, ST, SC)
- Operating temperature range
5. Related Products
️· STX-48 (Transmitter)
️· SRX-48 (Receiver without clock recovery)
️· DTR-2488-SM/SM2 (Transceivers)
️· DTC-48 (Transceiver with clock recovery)
6. Pinout
The document provides a detailed pinout diagram, showing the function of each of the 24 pins.
7. Important Notes
️· Transmission lines are recommended for the DATA and CLOCK outputs.
️· No termination resistors are needed for the SIGNAL DETECT outputs.
️· Oplink Communications reserves the right to make changes without notice.
| Part No. | SRC48-0413 |
| Manufacturer | OPLINK |
| Size | 762 Kbytes |
| Pages | 4 pages |
| Description | OC-48/STM-16 Receiver with Clock Recovery |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |