Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5140HASST Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AS5140HASST Datasheet

  • # Example questions: ➢ What is the maximum allowable x-y offset between the ic package center and the magnet axis?
    ➢ What is the maximum sampling rate (fs) for absolute output when the ambient temperature is between -40°c and +150°c?
    ➢ What is the typical operating voltage range for the as5140h when in 3v operation?

  • Part No.AS5140HASST
    ManufacturerAMSCO
    Size2Mb
    Pages38 pages
    Description10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
    Datasheet Summary with AI

    1. Electrical System Specifications (Table 11 & 12)

    ️· Resolution:
    - 10-bit: 0.352 degrees
    ️· Least Significant Bit (LSB):
    - 7-bit: 2.813 degrees
    - 8-bit: 1.406 degrees
    - 9-bit: 0.703 degrees
    - 10-bit: 0.352 degrees
    ️· Integral Non-Linearity (INL):
    - Optimum (best magnet placement, 25°C): ±0.5 degrees
    - Across Temperature (-40 to +150°C): ±0.9 degrees
    - Across Displacement Tolerance: ±1.4 degrees
    ️· Differential Non-Linearity (DNL): ±0.176 degrees
    ️· Transition Noise (TN): 0.12 Deg RMS
    ️· Hysteresis: 0.704 degrees
    ️· Power-On Reset Thresholds:
    - On Voltage: 1.37 - 1.9 - 2.6 V
    - Off Voltage: 1.08 - 1.9 - 2.6 V
    ️· Power-Up Time: 50 ms
    ️· System Propagation Delay:
    - Absolute Output: 48 µs
    - Incremental Output: 192 µs
    ️· Sampling Rate:
    - Absolute Output (25°C): 9.90 - 10.94 kHz
    - Absolute Output (-40 to +150°C): 9.38 - 11.46 kHz
    ️· Read-out Clock Frequency: 1 MHz

    2. Magnetic Input Specifications (Table 2)

    ️· Magnet Type: NdFeB (Neodymium Iron Boron) or SmCo (Samarium Cobalt) recommended.
    ️· Magnetic Input Field Amplitude (Bpeak): 45 - 75 mT (milliTesla)
    ️· Magnetic Offset (Boffset): ±10 mT
    ️· Field Non-Linearity: 5%
    ️· Input Frequency:
    - Absolute Mode: 10 Hz (at 600 RPM)
    - Incremental Mode: 166 Hz (at 10,000 RPM)
    ️· Displacement Radius (max X-Y offset): 0.25 mm
    ️· Chip Placement Tolerance: ±0.235 mm
    ️· Magnet Temperature Drift:
    - NdFeB: -0.12%/K
    - SmCo: -0.035%/K

    3. Programming Conditions (Table 4)

    ️· Programming Voltage (Vprog): 3.0 - 3.6 V
    ️· Programming Voltage Off Level (VprogOff): 0 - 1 V
    ️· Programming Current (IPROG): 100 mA

    1. Electrical System Specifications (Table 11 & 12)

    ️· Resolution:
    - 10-bit: 0.352 degrees
    ️· Least Significant Bit (LSB):
    - 7-bit: 2.813 degrees
    - 8-bit: 1.406 degrees
    - 9-bit: 0.703 degrees
    - 10-bit: 0.352 degrees
    ️· Integral Non-Linearity (INL):
    - Optimum (best magnet placement, 25°C): ±0.5 degrees
    - Across Temperature (-40 to +150°C): ±0.9 degrees
    - Across Displacement Tolerance: ±1.4 degrees
    ️· Differential Non-Linearity (DNL): ±0.176 degrees
    ️· Transition Noise (TN): 0.12 Deg RMS
    ️· Hysteresis: 0.704 degrees
    ️· Power-On Reset Thresholds:
    - On Voltage: 1.37 - 1.9 - 2.6 V
    - Off Voltage: 1.08 - 1.9 - 2.6 V
    ️· Power-Up Time: 50 ms
    ️· System Propagation Delay:
    - Absolute Output: 48 µs
    - Incremental Output: 192 µs
    ️· Sampling Rate:
    - Absolute Output (25°C): 9.90 - 10.94 kHz
    - Absolute Output (-40 to +150°C): 9.38 - 11.46 kHz
    ️· Read-out Clock Frequency: 1 MHz

    2. Magnetic Input Specifications (Table 2)

    ️· Magnet Type: NdFeB (Neodymium Iron Boron) or SmCo (Samarium Cobalt) recommended.
    ️· Magnetic Input Field Amplitude (Bpeak): 45 - 75 mT (milliTesla)
    ️· Magnetic Offset (Boffset): ±10 mT
    ️· Field Non-Linearity: 5%
    ️· Input Frequency:
    - Absolute Mode: 10 Hz (at 600 RPM)
    - Incremental Mode: 166 Hz (at 10,000 RPM)
    ️· Displacement Radius (max X-Y offset): 0.25 mm
    ️· Chip Placement Tolerance: ±0.235 mm
    ️· Magnet Temperature Drift:
    - NdFeB: -0.12%/K
    - SmCo: -0.035%/K

    3. Programming Conditions (Table 4)

    ️· Programming Voltage (Vprog): 3.0 - 3.6 V
    ️· Programming Voltage Off Level (VprogOff): 0 - 1 V
    ️· Programming Current (IPROG): 100 mA

    Part No.AS5140HASST
    ManufacturerAMSCO
    Size2Mb
    Pages38 pages
    Description10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures