| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
# 99SMOM Standard SMD Clock Oscillators
## Specifications
General
· Part Number: 99SMOM (final part number determined by frequency, stability, temperature, & voltage)
· Frequency Range: 1.0 MHz to 125.0 MHz (varies by model)
· Frequency Stability: ±25 ppm to ±100 ppm (-10°C to +70°C)
· Package: Standard SMD
Electrical Characteristics
· Supply Voltage (VDD): +1.8V, +2.5V, +3.3V, or +5V ±5%/±10%
· Input Voltage (High/Low): VIH: 70%VDD min / VIL: 20%VDD max (or VIH: +2V min / VIL: +0.8V max)
· Operating Temperature: -10°C to +70°C (Standard), -40°C to +85°C (W version)
· Input Current (Open/High): 2.0 mA max (24mA max, 60mA max, 50mA max depending on model)
· Standby Current (Low): 3 μA to 50 μA max (depending on model)
· Output Symmetry: 40% to 60% at 50% VDD
· Rise/Fall Time: 3ns - 6ns max (depending on frequency range)
· Output Voltage (High/Low): Defined by VDD levels (10-90% VDD)
· Load Capacitance: 5 pF to 15 pF (CMOS)
Absolute Maximum Ratings
· Supply Voltage: -0.5V to +7.0V DC
· Storage Temperature: -55°C to +125°C
Reliability
· Aging: ±5 ppm max. at +25°C ±3°C for first year
· Reflow: +250°C ±10°C for 10 seconds, +170°C ±10°C for 1-2 minutes (preheating)
## Package Information
· Dimensions: Refer to datasheet diagrams (various dimensions given)
· Pin Connections:
- 1: "L" (Open or High for Standby)
- 2: GND
- 3: Output
- 4: VDD
## Tape & Reel
· Quantity/Reel: 1000 pcs
· Reel Diameter: Refer to datasheet diagram.
# 99SMOM Standard SMD Clock Oscillators
## Specifications
General
· Part Number: 99SMOM (final part number determined by frequency, stability, temperature, & voltage)
· Frequency Range: 1.0 MHz to 125.0 MHz (varies by model)
· Frequency Stability: ±25 ppm to ±100 ppm (-10°C to +70°C)
· Package: Standard SMD
Electrical Characteristics
· Supply Voltage (VDD): +1.8V, +2.5V, +3.3V, or +5V ±5%/±10%
· Input Voltage (High/Low): VIH: 70%VDD min / VIL: 20%VDD max (or VIH: +2V min / VIL: +0.8V max)
· Operating Temperature: -10°C to +70°C (Standard), -40°C to +85°C (W version)
· Input Current (Open/High): 2.0 mA max (24mA max, 60mA max, 50mA max depending on model)
· Standby Current (Low): 3 μA to 50 μA max (depending on model)
· Output Symmetry: 40% to 60% at 50% VDD
· Rise/Fall Time: 3ns - 6ns max (depending on frequency range)
· Output Voltage (High/Low): Defined by VDD levels (10-90% VDD)
· Load Capacitance: 5 pF to 15 pF (CMOS)
Absolute Maximum Ratings
· Supply Voltage: -0.5V to +7.0V DC
· Storage Temperature: -55°C to +125°C
Reliability
· Aging: ±5 ppm max. at +25°C ±3°C for first year
· Reflow: +250°C ±10°C for 10 seconds, +170°C ±10°C for 1-2 minutes (preheating)
## Package Information
· Dimensions: Refer to datasheet diagrams (various dimensions given)
· Pin Connections:
- 1: "L" (Open or High for Standby)
- 2: GND
- 3: Output
- 4: VDD
## Tape & Reel
· Quantity/Reel: 1000 pcs
· Reel Diameter: Refer to datasheet diagram.
| Part No. | 99SMOM |
| Manufacturer | WK |
| Size | 106 Kbytes |
| Pages | 1 page |
| Description | Crystal Clock Oscillators |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |