| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FP6345PM Datasheet
# Example questions:
➢ What is the typical gain of the tm6345pm at a frequency of 1100 mhz?
➢ Besides the tm6345pm, what other model numbers are available with different package types?
➢ What is the maximum allowable dc voltage that can be applied to the tm6345pm?
# RF AMPLIFIER MODEL TM6345PM
## Features
️· Superior Phase Noise Performance
️· Output Power: +17 dBm Typical
️· Low Noise Figure: 2.5 dB Typical
️· Operating Temperature: -55 ºC to +85 ºC
️· Environmental Screening Available
## Available Models
️· TM6345PM, 4 Pin TO-8 (T4)
️· TN6345PM, 4 Pin Surface Mount (SM3)
️· FP6345PM, 4 Pin Flatpack (FP4)
️· BX6345PM, Connectorized Housing (H1)
## Performance Data
Intermodulation Performance (at 25 ºC)
️· Second Order Harmonic Intercept Point: +54 dBm (Typ.)
️· Second Order Two Tone Intercept Point: +46 dBm (Typ.)
️· Third Order Two Tone Intercept Point: +33 dBm (Typ.)
Maximum Ratings
️· Ambient Operating Temperature: -55ºC to +100 ºC
️· Storage Temperature: -62ºC to +125 ºC
️· Case Temperature: +125 ºC
️· DC Voltage: +18 Volts
️· Continuous RF Input Power: +13 dBm
️· Short Term RF Input Power: 50 mW (1 Minute Max.)
️· Maximum Peak Power: 0.5 Watt (3 µsec Max.)
Guaranteed Phase Noise Performance
️· See table for frequency and corresponding minimum phase noise values (dBc/Hz) across 10 MHz to 1100 MHz range.
Specifications
️· Frequency: 10 - 1100 MHz
️· Gain: 12.3 dB (at 25 ºC); 10.5 dB (-55 ºC to +85 ºC)
️· Power @ 1 dB Compression: +17.0 dBm (at 25 ºC); +15.0 dBm (min. at -55 ºC to +85 ºC)
️· Reverse Isolation: -13.5 dB (at 25 ºC); -12 dB (min. at -55 ºC to +85 ºC)
️· VSWR (Input/Output): 1.5:1 / 1.75:1 (at 25 ºC); 2.0:1 / 3.0:1 (max. at -55 ºC to +85 ºC)
️· Noise Figure: 2.5 dB (at 25 ºC); 4.0 dB (max. at -55 ºC to +85 ºC)
️· Power Requirements: +15 Vdc, 45 mA (typical); 48 mA (max.)
Residual Phase Noise Test Conditions
️· Carrier Frequency: 600 MHz
️· Power Output: +17.0 dBm
️· Temperature: 25 ºC
️· Equipment: Agilent ES5500 System
Note: Proper grounding is essential.
# RF AMPLIFIER MODEL TM6345PM
## Features
️· Superior Phase Noise Performance
️· Output Power: +17 dBm Typical
️· Low Noise Figure: 2.5 dB Typical
️· Operating Temperature: -55 ºC to +85 ºC
️· Environmental Screening Available
## Available Models
️· TM6345PM, 4 Pin TO-8 (T4)
️· TN6345PM, 4 Pin Surface Mount (SM3)
️· FP6345PM, 4 Pin Flatpack (FP4)
️· BX6345PM, Connectorized Housing (H1)
## Performance Data
Intermodulation Performance (at 25 ºC)
️· Second Order Harmonic Intercept Point: +54 dBm (Typ.)
️· Second Order Two Tone Intercept Point: +46 dBm (Typ.)
️· Third Order Two Tone Intercept Point: +33 dBm (Typ.)
Maximum Ratings
️· Ambient Operating Temperature: -55ºC to +100 ºC
️· Storage Temperature: -62ºC to +125 ºC
️· Case Temperature: +125 ºC
️· DC Voltage: +18 Volts
️· Continuous RF Input Power: +13 dBm
️· Short Term RF Input Power: 50 mW (1 Minute Max.)
️· Maximum Peak Power: 0.5 Watt (3 µsec Max.)
Guaranteed Phase Noise Performance
️· See table for frequency and corresponding minimum phase noise values (dBc/Hz) across 10 MHz to 1100 MHz range.
Specifications
️· Frequency: 10 - 1100 MHz
️· Gain: 12.3 dB (at 25 ºC); 10.5 dB (-55 ºC to +85 ºC)
️· Power @ 1 dB Compression: +17.0 dBm (at 25 ºC); +15.0 dBm (min. at -55 ºC to +85 ºC)
️· Reverse Isolation: -13.5 dB (at 25 ºC); -12 dB (min. at -55 ºC to +85 ºC)
️· VSWR (Input/Output): 1.5:1 / 1.75:1 (at 25 ºC); 2.0:1 / 3.0:1 (max. at -55 ºC to +85 ºC)
️· Noise Figure: 2.5 dB (at 25 ºC); 4.0 dB (max. at -55 ºC to +85 ºC)
️· Power Requirements: +15 Vdc, 45 mA (typical); 48 mA (max.)
Residual Phase Noise Test Conditions
️· Carrier Frequency: 600 MHz
️· Power Output: +17.0 dBm
️· Temperature: 25 ºC
️· Equipment: Agilent ES5500 System
Note: Proper grounding is essential.
| Part No. | FP6345PM |
| Manufacturer | APITECH |
| Size | 78 Kbytes |
| Pages | 1 page |
| Description | RF AMPLIFIER MODEL |