| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FP6345 Datasheet
# Example questions:
➢ Which package type is designated by 'sm3'?
➢ What is the typical noise figure of the tm6345 at 25ºc?
➢ What is the maximum allowable dc voltage for this rf amplifier?
# RF Amplifier - Model TM6345
## Features
️· Low Noise Figure: 2.5 dB (Typical)
️· Output Power: +17 dBm (Typical)
️· Operating Temperature Range: -55°C to +85°C
️· Environmental Screening Available
️· Available Configurations: TO-8 (T4), Surface Mount (SM3), Flatpack (FP4), Connectorized Housing (H1)
## Specifications
| Characteristic | Typical (@ 25°C) | Min/Max (@ -55°C to +85°C) |
|---|---|---|
| Frequency | 10 - 1100 MHz | 10 - 1100 MHz |
| Gain | 12.3 dB | 10.5 dB Min |
| Power @ 1 dB Comp. | +17 dBm | +15.0 dBm Min |
| Reverse Isolation | -13.5 dB | -12.0 dB Max |
| VSWR (In/Out) | 1.5:1 / 2.0:1 | 2.0:1 Max / 3.0:1 Max |
| Noise Figure | 2.5 dB | 4.0 dB Max |
| Power (Vdc/mA) | +15 / 45 | +15 / 48 Max |
## Maximum Ratings
️· Ambient Operating Temperature: -55°C to +100°C
️· Storage Temperature: -62°C to +125°C
️· Case Temperature: +125°C
️· DC Voltage: +18 Volts
️· Continuous RF Input Power: +13 dBm
️· Short Term RF Input Power: 50 Milliwatts (1 Minute Max.)
️· Maximum Peak Power: 0.5 Watt (3 µsec Max.)
## Intermodulation Performance (at 25°C)
️· Second Order Harmonic Intercept Point: +54 dBm (Typ.)
️· Second Order Two Tone Intercept Point: +46 dBm (Typ.)
️· Third Order Two Tone Intercept Point: +33 dBm (Typ.)
Note: Ensure proper grounding of the unit.
# RF Amplifier - Model TM6345
## Features
️· Low Noise Figure: 2.5 dB (Typical)
️· Output Power: +17 dBm (Typical)
️· Operating Temperature Range: -55°C to +85°C
️· Environmental Screening Available
️· Available Configurations: TO-8 (T4), Surface Mount (SM3), Flatpack (FP4), Connectorized Housing (H1)
## Specifications
| Characteristic | Typical (@ 25°C) | Min/Max (@ -55°C to +85°C) |
|---|---|---|
| Frequency | 10 - 1100 MHz | 10 - 1100 MHz |
| Gain | 12.3 dB | 10.5 dB Min |
| Power @ 1 dB Comp. | +17 dBm | +15.0 dBm Min |
| Reverse Isolation | -13.5 dB | -12.0 dB Max |
| VSWR (In/Out) | 1.5:1 / 2.0:1 | 2.0:1 Max / 3.0:1 Max |
| Noise Figure | 2.5 dB | 4.0 dB Max |
| Power (Vdc/mA) | +15 / 45 | +15 / 48 Max |
| Part No. | FP6345 |
| Manufacturer | APITECH |
| Size | 75 Kbytes |
| Pages | 1 page |
| Description | RF AMPLIFIER MODEL |