Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS275D6S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DS275D6S Datasheet

  • # Example questions: ➢ What is the maximum allowable back pressure for the exhaust system when the generator is running in standby mode?
    ➢ What are the nox, nmhc, and pm levels (in g/hp-hr) at 100% load?
    ➢ What is the total liquid capacity of the engine's oil system?

  • Part No.DS275D6S
    ManufacturerMTU
    Size299 Kbytes
    Pages4 pages
    DescriptionDIESEL GENERATOR SET
    Datasheet Summary with AI

    1. General Information

    ️· Model: MTU DS275D6S
    ️· Type: Generator Set (Open Power Unit)
    ️· Rating: Standby
    ️· Manufacturer: MTU Onsite Energy (Rolls-Royce Power Systems Brand)
    ️· Website: [www.mtuonsiteenergy.com](http://www.mtuonsiteenergy.com)

    2. Engine Specifications

    ️· Model: 6R 1600 G70S
    ️· Type: 4-Cycle, 6-Inline
    ️· Displacement: 10.5 L (641 cu in)
    ️· Rated RPM: 1800
    ️· Max Power: 312 kWm (418 bhp)
    ️· Governor: Electronic Isochronous, ±0.25% speed regulation
    ️· Fuel Consumption (Standby):
    - 100% Load: 74 L/hr (19.7 gal/hr)
    - 75% Load: 60 L/hr (15.9 gal/hr)
    - 50% Load: 46 L/hr (12.2 gal/hr)
    ️· Fuel System:
    - Max Fuel Lift: 5 m (16 ft)
    - Recommended Fuel: Diesel #2

    3. Generator Specifications

    ️· Type: Brushless, Rotating Field
    ️· Voltage/Hertz: Not explicitly stated, but assumes standard configuration.
    ️· Short Circuit Capability: 300% (with optional PMG)
    ️· Harmonic Distortion: ≤ 5% (Total Harmonic Distortion)
    ️· Control Panel: UL Recognized, CSA Certified, NFPA 110 compliant, Digital, with LCD Display and Event Recording.

    4. Cooling System

    ️· Type: Integral, Set-Mounted, Engine Driven Fan
    ️· Coolant Capacity: 82 L (21.7 gal)
    ️· Ambient Capacity: 50°C (122°F)
    ️· Water Pump Capacity: 277 L/min (73.1 gpm)
    ️· Heat Rejection: Details provided in the "Cooling System" section above.

    5. Air & Exhaust Requirements

    ️· Air Flow (Standby):
    - Aspirating: 30 m³/min (1,059.4 SCFM)
    - Rad Cooled Unit: 396 m³/min (13,985 SCFM)
    ️· Exhaust Gas Volume (Stack Temp): 72 m³/min (2,542.7 CFM)
    ️· Maximum Allowable Back Pressure: 15 kPa (60.2 in H2O)

    6. Dimensions & Weight

    ️· Dimensions (OPU): 3,658 x 1,883 x 1,855 mm (144 x 74.13 x 73 in)
    ️· Weight (Dry/Less Tank): 3,078 kg (6,785 lb)

    7. Emissions Data (at 100% Load)

    ️· NOx + NMHC: 4.71 g/hp-hr
    ️· CO: 0.61 g/hp-hr
    ️· PM: 0.06 g/hp-hr

    8. Regulatory Compliance

    ️· NFPA 110 Compliant
    ️· UL Recognized
    ️· CSA Certified
    ️· CE Approved

    9. Important Notes/Cautions

    ️· Deration factors for Altitude and Temperature should be verified with MTU Onsite Energy.
    ️· Specifications are subject to change without notice.
    ️· Consult the Factory/MTU Onsite Energy Distributor for configuration options.

    1. General Information

    ️· Model: MTU DS275D6S
    ️· Type: Generator Set (Open Power Unit)
    ️· Rating: Standby
    ️· Manufacturer: MTU Onsite Energy (Rolls-Royce Power Systems Brand)
    ️· Website: [www.mtuonsiteenergy.com](http://www.mtuonsiteenergy.com)

    2. Engine Specifications

    ️· Model: 6R 1600 G70S
    ️· Type: 4-Cycle, 6-Inline
    ️· Displacement: 10.5 L (641 cu in)
    ️· Rated RPM: 1800
    ️· Max Power: 312 kWm (418 bhp)
    ️· Governor: Electronic Isochronous, ±0.25% speed regulation
    ️· Fuel Consumption (Standby):
    - 100% Load: 74 L/hr (19.7 gal/hr)
    - 75% Load: 60 L/hr (15.9 gal/hr)
    - 50% Load: 46 L/hr (12.2 gal/hr)
    ️· Fuel System:
    - Max Fuel Lift: 5 m (16 ft)
    - Recommended Fuel: Diesel #2

    3. Generator Specifications

    ️· Type: Brushless, Rotating Field
    ️· Voltage/Hertz: Not explicitly stated, but assumes standard configuration.
    ️· Short Circuit Capability: 300% (with optional PMG)
    ️· Harmonic Distortion: ≤ 5% (Total Harmonic Distortion)
    ️· Control Panel: UL Recognized, CSA Certified, NFPA 110 compliant, Digital, with LCD Display and Event Recording.

    4. Cooling System

    ️· Type: Integral, Set-Mounted, Engine Driven Fan
    ️· Coolant Capacity: 82 L (21.7 gal)
    ️· Ambient Capacity: 50°C (122°F)
    ️· Water Pump Capacity: 277 L/min (73.1 gpm)
    ️· Heat Rejection: Details provided in the "Cooling System" section above.

    5. Air & Exhaust Requirements

    ️· Air Flow (Standby):
    - Aspirating: 30 m³/min (1,059.4 SCFM)
    - Rad Cooled Unit: 396 m³/min (13,985 SCFM)
    ️· Exhaust Gas Volume (Stack Temp): 72 m³/min (2,542.7 CFM)
    ️· Maximum Allowable Back Pressure: 15 kPa (60.2 in H2O)

    6. Dimensions & Weight

    ️· Dimensions (OPU): 3,658 x 1,883 x 1,855 mm (144 x 74.13 x 73 in)
    ️· Weight (Dry/Less Tank): 3,078 kg (6,785 lb)

    7. Emissions Data (at 100% Load)

    ️· NOx + NMHC: 4.71 g/hp-hr
    ️· CO: 0.61 g/hp-hr
    ️· PM: 0.06 g/hp-hr

    8. Regulatory Compliance

    ️· NFPA 110 Compliant
    ️· UL Recognized
    ️· CSA Certified
    ️· CE Approved

    9. Important Notes/Cautions

    ️· Deration factors for Altitude and Temperature should be verified with MTU Onsite Energy.
    ️· Specifications are subject to change without notice.
    ️· Consult the Factory/MTU Onsite Energy Distributor for configuration options.

    Part No.DS275D6S
    ManufacturerMTU
    Size299 Kbytes
    Pages4 pages
    DescriptionDIESEL GENERATOR SET