Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS1021 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DS1021 Datasheet

  • # Example questions: ➢ Describe the difference between tpdv and tpdx, as defined in the ac electrical characteristics table.
    ➢ What is the typical supply voltage (vcc) for the ds1021, according to the datasheet?
    ➢ What is the maximum input capacitance (cin) of the ds1021?

  • Part No.DS1021
    ManufacturerDALLAS
    Size193 Kbytes
    Pages9 pages
    DescriptionProgrammable 8-Bit Silicon Delay Line
    Datasheet Summary with AI

    1. Device Overview & Purpose

    ️· What it is: The DS1021 is a precision silicon delay line. It's a digitally programmable delay element, meaning it provides a very accurate and controllable delay for electronic signals.
    ️· Primary Use: It's used for synchronizing signals in digital systems, precise timing control, pulse stretching, and similar applications where an exact and reproducible delay is needed.
    ️· Key Features:
    - Digitally Programmable: Delay is controlled by digital inputs.
    - High Accuracy: Provides highly accurate and repeatable delay times.
    - Low Jitter: Jitter refers to variation in the delay, and this device minimizes it.
    - Dual Functionality: Supports both parallel (latchable) and serial (clock-based) modes.

    2. Specifications & Electrical Characteristics

    ️· Supply Voltage (VCC): 4.75V to 5.25V.
    ️· Operating Temperature: 0°C to 70°C.
    ️· Absolute Maximum Ratings: Define voltage limits, temperature range, and other stress conditions to avoid permanent damage.
    ️· DC Electrical Characteristics: Outline input voltage levels (VIH, VIL), leakage current, supply current, and output current limits.
    ️· AC Electrical Characteristics: This is the most important section for understanding timing:
    - Clock Frequency (fC): Up to 10 MHz in serial mode.
    - Delay Accuracy: Detailed in Table 2, specifying delay times for specific program settings. Accuracy is defined based on rising and falling edge measurements.
    - Timing Diagrams: Figures 5-8 show detailed timing for parallel (latch and non-latch) and serial modes, defining setup and hold times for data and clock signals.
    - tPLH/tPHL: These are key parameters - they are the delay times themselves (rising and falling edges), determined by the program settings. Refer to Table 2 for specific values.

    3. Operating Modes

    ️· Parallel Mode (S = 1):
    - Allows direct programming of the delay using parallel inputs.
    - Can operate in two ways:
    ■ Non-Latched: The delay occurs immediately when the inputs change.
    ■ Latched: The delay is triggered by the enable signal (E).
    ️· Serial Mode (S = 0):
    - Uses a clock signal to control the delay. The delay is synchronized with the clock.
    - Requires careful consideration of setup and hold times for data and clock signals.

    4. Key Timing Parameters (Serial Mode)

    ️· tDSC (Data Setup to Clock): Minimum time data must be stable *before* the clock edge arrives.
    ️· tDHC (Data Hold from Clock): Minimum time data must remain stable *after* the clock edge.
    ️· tEQV (Enable to Serial Output Valid): Time between enable signal becoming active and the serial output becoming valid.
    ️· tEQZ (Enable to Serial Output High Z): Time between when the enable is inactive, and output goes into a high impedance state.

    5. Important Considerations

    ️· Load: The DS1021 is primarily designed to drive other DS1021s.
    ️· Power-Up Sequence: Requires a specific power-up sequence (tPU) to ensure proper operation.
    ️· Capacitance: Limited input capacitance.
    ️· Temperature Dependence: Delay times can be affected by temperature changes.
    ️· Input Rise/Fall Times: Fast input rise/fall times are important for predictable delay.

    6. Test Conditions

    ️· Ambient Temperature: 25°C ± 3°C
    ️· Supply Voltage (VCC): 5.0V ± 0.1V
    ️· Specific input voltage and impedance levels defined.
    ️· Measurements made with a time interval counter.

    1. Device Overview & Purpose

    ️· What it is: The DS1021 is a precision silicon delay line. It's a digitally programmable delay element, meaning it provides a very accurate and controllable delay for electronic signals.
    ️· Primary Use: It's used for synchronizing signals in digital systems, precise timing control, pulse stretching, and similar applications where an exact and reproducible delay is needed.
    ️· Key Features:
    - Digitally Programmable: Delay is controlled by digital inputs.
    - High Accuracy: Provides highly accurate and repeatable delay times.
    - Low Jitter: Jitter refers to variation in the delay, and this device minimizes it.
    - Dual Functionality: Supports both parallel (latchable) and serial (clock-based) modes.

    2. Specifications & Electrical Characteristics

    ️· Supply Voltage (VCC): 4.75V to 5.25V.
    ️· Operating Temperature: 0°C to 70°C.
    ️· Absolute Maximum Ratings: Define voltage limits, temperature range, and other stress conditions to avoid permanent damage.
    ️· DC Electrical Characteristics: Outline input voltage levels (VIH, VIL), leakage current, supply current, and output current limits.
    ️· AC Electrical Characteristics: This is the most important section for understanding timing:
    - Clock Frequency (fC): Up to 10 MHz in serial mode.
    - Delay Accuracy: Detailed in Table 2, specifying delay times for specific program settings. Accuracy is defined based on rising and falling edge measurements.
    - Timing Diagrams: Figures 5-8 show detailed timing for parallel (latch and non-latch) and serial modes, defining setup and hold times for data and clock signals.
    - tPLH/tPHL: These are key parameters - they are the delay times themselves (rising and falling edges), determined by the program settings. Refer to Table 2 for specific values.

    3. Operating Modes

    ️· Parallel Mode (S = 1):
    - Allows direct programming of the delay using parallel inputs.
    - Can operate in two ways:
    ■ Non-Latched: The delay occurs immediately when the inputs change.
    ■ Latched: The delay is triggered by the enable signal (E).
    ️· Serial Mode (S = 0):
    - Uses a clock signal to control the delay. The delay is synchronized with the clock.
    - Requires careful consideration of setup and hold times for data and clock signals.

    4. Key Timing Parameters (Serial Mode)

    ️· tDSC (Data Setup to Clock): Minimum time data must be stable *before* the clock edge arrives.
    ️· tDHC (Data Hold from Clock): Minimum time data must remain stable *after* the clock edge.
    ️· tEQV (Enable to Serial Output Valid): Time between enable signal becoming active and the serial output becoming valid.
    ️· tEQZ (Enable to Serial Output High Z): Time between when the enable is inactive, and output goes into a high impedance state.

    5. Important Considerations

    ️· Load: The DS1021 is primarily designed to drive other DS1021s.
    ️· Power-Up Sequence: Requires a specific power-up sequence (tPU) to ensure proper operation.
    ️· Capacitance: Limited input capacitance.
    ️· Temperature Dependence: Delay times can be affected by temperature changes.
    ️· Input Rise/Fall Times: Fast input rise/fall times are important for predictable delay.

    6. Test Conditions

    ️· Ambient Temperature: 25°C ± 3°C
    ️· Supply Voltage (VCC): 5.0V ± 0.1V
    ️· Specific input voltage and impedance levels defined.
    ️· Measurements made with a time interval counter.

    Part No.DS1021
    ManufacturerDALLAS
    Size193 Kbytes
    Pages9 pages
    DescriptionProgrammable 8-Bit Silicon Delay Line