Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EL6291C Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EL6291C Datasheet

  • # Example questions: ➢ Which supply voltages are required for the operation of the el6291c, and what part of the circuitry uses each voltage?
    ➢ What is the maximum output current this laser diode driver can provide?
    ➢ How does the el6291c accommodate different optical media standards like dvd-ram and cd-r?

  • Part No.EL6291C
    ManufacturerELANTEC
    Size138 Kbytes
    Pages2 pages
    DescriptionLaser Diode Driver with Waveform Generator
    Datasheet Summary with AI

    # EL6291C Laser Diode Driver with Waveform Generator

    ## Features

    ️· Complete programmable laser diode driver
    ️· Maximum 250mA output
    ️· 8-bit x 8-bit multiplying DAC for full-scale adjustment and resolution
    ️· 0.17nsec timer resolution
    ️· Two laser outputs for read/write DVD and CD combinations
    ️· Programmable waveform values support DVD-RAM, DVD-R, DVD+RW, DVD-RW, CD-RW, and CD-R
    ️· Analog input supports APC
    ️· Programmable HFM oscillator (100mAP-P, 200MHz - 600MHz)
    ️· PLL for reduced-frequency clock on flex cable
    ️· Separate serial input (up to 25Mb/sec)

    ## Applications

    ️· Combination DVD writable and CD writable drives
    ️· DVD camcorders
    ️· DVD video recorders

    ## Ordering Information

    ️· EL6291CY: 0°C to +70°C, 32-Pin QFN (MDP0045)
    ️· EL6291CL: 0°C to +70°C, 32-Pin LPP (MDP0046)

    ## General Description

    ️· Highly integrated laser diode driver for multi-standard writable optical drives
    ️· Programmable waveform generator for diode current and timing
    ️· Supports data inspection and waveform generation for various clock periods
    ️· Programmable timers support different media and speeds via serial interface
    ️· Requires 3.3V and 5V supplies
    ️· Available in 32-pin LPP and QFN packages

    ## Connection Diagram (32-Pin LPP Top View)

    ️· 1: Thermal Pad
    ️· 2-7: Various signals (CLK, NRZ, VSL, GND, VSO, OUT1, OUT2)
    ️· 8-32: Signals including: R/W, SCLK, SDIO, SEN, BUSY, RSET, IAPC, VSA, RFREQ, ENA, L/G, MON, etc. (See datasheet for complete list)

    # EL6291C Laser Diode Driver with Waveform Generator

    ## Features

    ️· Complete programmable laser diode driver
    ️· Maximum 250mA output
    ️· 8-bit x 8-bit multiplying DAC for full-scale adjustment and resolution
    ️· 0.17nsec timer resolution
    ️· Two laser outputs for read/write DVD and CD combinations
    ️· Programmable waveform values support DVD-RAM, DVD-R, DVD+RW, DVD-RW, CD-RW, and CD-R
    ️· Analog input supports APC
    ️· Programmable HFM oscillator (100mAP-P, 200MHz - 600MHz)
    ️· PLL for reduced-frequency clock on flex cable
    ️· Separate serial input (up to 25Mb/sec)

    ## Applications

    ️· Combination DVD writable and CD writable drives
    ️· DVD camcorders
    ️· DVD video recorders

    ## Ordering Information

    ️· EL6291CY: 0°C to +70°C, 32-Pin QFN (MDP0045)
    ️· EL6291CL: 0°C to +70°C, 32-Pin LPP (MDP0046)

    ## General Description

    ️· Highly integrated laser diode driver for multi-standard writable optical drives
    ️· Programmable waveform generator for diode current and timing
    ️· Supports data inspection and waveform generation for various clock periods
    ️· Programmable timers support different media and speeds via serial interface
    ️· Requires 3.3V and 5V supplies
    ️· Available in 32-pin LPP and QFN packages

    ## Connection Diagram (32-Pin LPP Top View)

    ️· 1: Thermal Pad
    ️· 2-7: Various signals (CLK, NRZ, VSL, GND, VSO, OUT1, OUT2)
    ️· 8-32: Signals including: R/W, SCLK, SDIO, SEN, BUSY, RSET, IAPC, VSA, RFREQ, ENA, L/G, MON, etc. (See datasheet for complete list)

    Part No.EL6291C
    ManufacturerELANTEC
    Size138 Kbytes
    Pages2 pages
    DescriptionLaser Diode Driver with Waveform Generator