| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSAC24A-120 Datasheet
# Example questions:
➢ How does the adapter protect against electrical surges or short circuits?
➢ What is the maximum output current this adapter can provide?
➢ What are the operating and non-operating temperature ranges for this adapter?
# 24 Watt Wall Plug Adapter (PSAC24A-120)
## Features
· Class B EMI & Double Insulated
· Low No Load Power Consumption (<0.3W)
· EISA & CEC Compliant
· Short-Circuit, Over-Voltage, & Over-Current Protection
## Applications
· Portable Equipment
· Access Devices
· Peripherals
## Safety & Compliance
· cUL/UL & BSMI Certified
· FCC Class B & EN55022 Class B Emissions
· EN50082-1 (EN55024) Immunity Compliance
## Mechanical Characteristics
· Dimensions: 83.5mm (L) x 73.5mm (H) x 35.0mm (W)
· Weight: 165g (5.82oz)
## Input Specifications
· AC Input Voltage: 100-240V AC
· AC Input Range: 90-264V AC
· Input Frequency: 50-60Hz
· Input Current: 0.6A (RMS) max
· Leakage Current: 0.25mA max
· Inrush Current: 85A max at 230V AC
· Input Power Saving: 0.3W max (no load)
## Output Specifications
· DC Output Voltage: 12V
· DC Output Current: 2.0A (max)
· Output Ripple: 150mV (max)
· Efficiency: 80% average
· Hold-up Time: 8ms (min) at max load & 120V AC
· Output Connector: 2.1 x 5.5mm, Center Positive
## Environmental Specifications
· Operating Temperature: 0 to +40°C
· Non-Operating Temperature: -40 to +85°C
· Humidity: 10 to 90%
## Protections
· Over-Voltage Protection: Output Voltage ≤ 20V
· Over-Current Protection: 5.0A max at 230V AC
· Short-Circuit Protection: Permanent short without damage
# 24 Watt Wall Plug Adapter (PSAC24A-120)
## Features
· Class B EMI & Double Insulated
· Low No Load Power Consumption (<0.3W)
· EISA & CEC Compliant
· Short-Circuit, Over-Voltage, & Over-Current Protection
## Applications
· Portable Equipment
· Access Devices
· Peripherals
## Safety & Compliance
· cUL/UL & BSMI Certified
· FCC Class B & EN55022 Class B Emissions
· EN50082-1 (EN55024) Immunity Compliance
## Mechanical Characteristics
· Dimensions: 83.5mm (L) x 73.5mm (H) x 35.0mm (W)
· Weight: 165g (5.82oz)
## Input Specifications
· AC Input Voltage: 100-240V AC
· AC Input Range: 90-264V AC
· Input Frequency: 50-60Hz
· Input Current: 0.6A (RMS) max
· Leakage Current: 0.25mA max
· Inrush Current: 85A max at 230V AC
· Input Power Saving: 0.3W max (no load)
## Output Specifications
· DC Output Voltage: 12V
· DC Output Current: 2.0A (max)
· Output Ripple: 150mV (max)
· Efficiency: 80% average
· Hold-up Time: 8ms (min) at max load & 120V AC
· Output Connector: 2.1 x 5.5mm, Center Positive
## Environmental Specifications
· Operating Temperature: 0 to +40°C
· Non-Operating Temperature: -40 to +85°C
· Humidity: 10 to 90%
## Protections
· Over-Voltage Protection: Output Voltage ≤ 20V
· Over-Current Protection: 5.0A max at 230V AC
· Short-Circuit Protection: Permanent short without damage
| Part No. | PSAC24A-120 |
| Manufacturer | PHIHONG |
| Size | 104 Kbytes |
| Pages | 2 pages |
| Description | 24 Watt ??Wall Plug Adapter |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |