| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about C8225 Datasheet
# Example questions:
➢ Which specific driver circuit series is the c8225-02 model designed for?
➢ What is the operating temperature range specified for the c8225 series?
➢ What is the typical supply voltage for the c8225 series?
# C8225 Series Pulse Generator
## Description
️· Pulse generator designed for NMOS linear image sensor driver circuits.
️· Provides master start and clock pulses, adjustable via rotary switches.
️· Uses a quartz oscillator for high-precision pulses.
️· Can be directly mounted on C7883/C7884/C7885 series driver circuit boards.
️· Compact design compared to C4091.
️· Single power supply operation (+5V).
## Selection Guide
|Type No.|Description|
|---|---|
|C8225-01|For C7883/C7884 series|
|C8225-02|For C7885 series|
## Specifications
️· Supply voltage: +4.5 to +5.5 V
️· Current consumption: up to 50 mA at +5V
️· Operating temperature: 0 to +50 °C
️· Storage temperature: -10 to +60 °C
## Mounting
️· Requires a 6-pin socket (PM-1 by MAC8) on the driver circuit and a 6-pin plug (OY-003 by MAC8) on the C8225.
️· Standard input/output connector: FAP-16-07#2 (Yamaichi, sold separately).
# C8225 Series Pulse Generator
## Description
️· Pulse generator designed for NMOS linear image sensor driver circuits.
️· Provides master start and clock pulses, adjustable via rotary switches.
️· Uses a quartz oscillator for high-precision pulses.
️· Can be directly mounted on C7883/C7884/C7885 series driver circuit boards.
️· Compact design compared to C4091.
️· Single power supply operation (+5V).
## Selection Guide
| Type No. | Description |
|---|---|
| C8225-01 | For C7883/C7884 series |
| C8225-02 | For C7885 series |
| Part No. | C8225 |
| Manufacturer | HAMAMATSU |
| Size | 113 Kbytes |
| Pages | 2 pages |
| Description | Pulse generator for NMOS linear image sensor driver circuit |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |