Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSHF320W-SC-13.5 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PSHF320W-SC-13.5 Datasheet

  • # Example questions: ➢ What certifications does wall industries, inc. hold?
    ➢ What are the mounting hole sizes (diameter) for the pshf320w series power supplies, as indicated in the mechanical drawing?
    ➢ What is the maximum power output (in watts) of the pshf320w series power supplies?

  • Part No.PSHF320W-SC-13.5
    ManufacturerWALL
    Size132 Kbytes
    Pages4 pages
    DescriptionAC/DC Switching Power Supplies
    Datasheet Summary with AI

    # PSHF320W Series AC/DC Power Supplies

    ## Features
    · RoHS Compliant
    · 85~264VAC (120~370VDC) Input Voltage Range
    · Up to 322W Output Power
    · Single Outputs
    · Power Factor > 0.98 at 115VAC; > 0.95 at 230VAC
    · Built-in Fan Speed Control
    · ±10% Voltage Adjustment Range
    · Protections: Short Circuit, Over Current, Over Voltage, Over Temperature
    · 3000VAC I/O Isolation
    · UL60950, EN60950, GB4943, and CE Approvals
    · Enclosed Case: 8.46” x 4.53” x 1.97”

    ## Specifications
    · Input Voltage: 85-264VAC / 120-370VDC
    · Input Frequency: 47-63 Hz
    · Output Power: Up to 322W
    · Output Voltage Adjustment: -10% to +10%
    · Rise Time: 50ms
    · Hold-up Time: 20ms
    · Operating Temperature: -10 to +50 °C
    · Storage Temperature: -20 to +85 °C
    · Cooling: Fan
    · Weight: 2.34 lbs (1060g)
    · Dimensions: 8.46” x 4.53” x 1.97” (215 x 115 x 50 mm)

    ## Model Selection (Examples)
    · PSHF320W-SC-5: 5VDC, 60A, 300W, 79% Efficiency
    · PSHF320W-SC-12: 12VDC, 25A, 300W, 86% Efficiency
    · PSHF320W-SC-48: 48VDC, 6.7A, 321.6W, 89% Efficiency

    ## Safety & EMC
    · Safety Standards: UL60950, EN60950, GB4943
    · EMC Standards: GB9254, EN55022 Class B, EN61000-3-2,3, EN61000-4-2,3,4,5,6,8,11

    ## Company Information
    · Custom and modified unit design and manufacturing available.
    · ISO9001-2008 certified.
    · Ongoing support beyond design and production.
    · Contact: 603-778-2300, sales@wallindustries.com, www.wallindustries.com

    # PSHF320W Series AC/DC Power Supplies

    ## Features
    · RoHS Compliant
    · 85~264VAC (120~370VDC) Input Voltage Range
    · Up to 322W Output Power
    · Single Outputs
    · Power Factor > 0.98 at 115VAC; > 0.95 at 230VAC
    · Built-in Fan Speed Control
    · ±10% Voltage Adjustment Range
    · Protections: Short Circuit, Over Current, Over Voltage, Over Temperature
    · 3000VAC I/O Isolation
    · UL60950, EN60950, GB4943, and CE Approvals
    · Enclosed Case: 8.46” x 4.53” x 1.97”

    ## Specifications
    · Input Voltage: 85-264VAC / 120-370VDC
    · Input Frequency: 47-63 Hz
    · Output Power: Up to 322W
    · Output Voltage Adjustment: -10% to +10%
    · Rise Time: 50ms
    · Hold-up Time: 20ms
    · Operating Temperature: -10 to +50 °C
    · Storage Temperature: -20 to +85 °C
    · Cooling: Fan
    · Weight: 2.34 lbs (1060g)
    · Dimensions: 8.46” x 4.53” x 1.97” (215 x 115 x 50 mm)

    ## Model Selection (Examples)
    · PSHF320W-SC-5: 5VDC, 60A, 300W, 79% Efficiency
    · PSHF320W-SC-12: 12VDC, 25A, 300W, 86% Efficiency
    · PSHF320W-SC-48: 48VDC, 6.7A, 321.6W, 89% Efficiency

    ## Safety & EMC
    · Safety Standards: UL60950, EN60950, GB4943
    · EMC Standards: GB9254, EN55022 Class B, EN61000-3-2,3, EN61000-4-2,3,4,5,6,8,11

    ## Company Information
    · Custom and modified unit design and manufacturing available.
    · ISO9001-2008 certified.
    · Ongoing support beyond design and production.
    · Contact: 603-778-2300, sales@wallindustries.com, www.wallindustries.com

    Part No.PSHF320W-SC-13.5
    ManufacturerWALL
    Size132 Kbytes
    Pages4 pages
    DescriptionAC/DC Switching Power Supplies