Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP104YN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TOP104YN Datasheet

  • # Example questions: ➢ What is the typical dynamic impedance (zc) of the control pin, and how does temperature affect it?
    ➢ What is the purpose of the latched shutdown feature and what triggers it?
    ➢ Explain the function of the auto-restart feature, including the typical auto-restart frequency and what conditions trigger it.

  • Part No.TOP104YN
    ManufacturerPOWERINT
    Size1Mb
    Pages18 pages
    DescriptionThree-terminal Off-line PWM Switch
    Datasheet Summary with AI

    Okay, here's a summary of the provided datasheet excerpt for the TOPSwitch family (specifically TOP100-4), focusing on the most important points:

    What it is:

    ️· This document details the electrical characteristics and specifications of the TOPSwitch family of offline switchers. These are designed for power conversion in applications like power supplies, adapters, and chargers.

    Key Features/Specifications (grouped for clarity):

    ️· Operating Frequency: Typically 100kHz (can vary slightly with conditions).
    ️· Control Function:
    - PWM Gain: The ability to adjust the duty cycle based on control voltage.
    - Dynamic Impedance: A measure of the control circuit's stability and response.
    - External Bias Current: The current required to properly bias the control circuit.
    ️· Protection Features:
    - Self-Protection Current Limit: Built-in current limiting to protect the device and the load. The limit varies depending on the specific TOPSwitch model (TOP100, TOP101, etc.).
    - Thermal Shutdown: Over-temperature protection that shuts down the device if it gets too hot.
    - Latched Shutdown: Protection against sustained overcurrent conditions. A trigger current will shut the device down and require reset.
    ️· Startup/Reset:
    - Power-Up Reset Threshold: A voltage level that the input must reach to enable the device.
    - Auto-restart: If the control voltage drops, the device will enter an auto-restart mode.


    Important Parameters & Ranges:

    ️· Drain Voltage: Up to 350V
    ️· Operating Junction Temperature: -40°C to 150°C
    ️· Control Voltage: 0-9V
    ️· Current Limit: Varies based on the model (0.88A - 4.60A)




    In essence, this datasheet excerpt provides the electrical "rules" for designing with the TOPSwitch family. It outlines the conditions under which the device will operate correctly and safely. It's geared towards power supply engineers and designers.

    What it is:

    ️· This document details the electrical characteristics and specifications of the TOPSwitch family of offline switchers. These are designed for power conversion in applications like power supplies, adapters, and chargers.

    Key Features/Specifications (grouped for clarity):

    ️· Operating Frequency: Typically 100kHz (can vary slightly with conditions).
    ️· Control Function:
    - PWM Gain: The ability to adjust the duty cycle based on control voltage.
    - Dynamic Impedance: A measure of the control circuit's stability and response.
    - External Bias Current: The current required to properly bias the control circuit.
    ️· Protection Features:
    - Self-Protection Current Limit: Built-in current limiting to protect the device and the load. The limit varies depending on the specific TOPSwitch model (TOP100, TOP101, etc.).
    - Thermal Shutdown: Over-temperature protection that shuts down the device if it gets too hot.
    - Latched Shutdown: Protection against sustained overcurrent conditions. A trigger current will shut the device down and require reset.
    ️· Startup/Reset:
    - Power-Up Reset Threshold: A voltage level that the input must reach to enable the device.
    - Auto-restart: If the control voltage drops, the device will enter an auto-restart mode.

    Important Parameters & Ranges:

    ️· Drain Voltage: Up to 350V
    ️· Operating Junction Temperature: -40°C to 150°C
    ️· Control Voltage: 0-9V
    ️· Current Limit: Varies based on the model (0.88A - 4.60A)




    In essence, this datasheet excerpt provides the electrical "rules" for designing with the TOPSwitch family. It outlines the conditions under which the device will operate correctly and safely. It's geared towards power supply engineers and designers.

    Part No.TOP104YN
    ManufacturerPOWERINT
    Size1Mb
    Pages18 pages
    DescriptionThree-terminal Off-line PWM Switch
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com