Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZMM2V4 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ZMM2V4 Datasheet

  • # Example questions: ➢ For the zmm39, what is the test current used (in ma) and how does it differ from the test current used for the zmm10?
    ➢ What is the maximum reverse current (ir) for the zmm68 and what is the corresponding test voltage (vr) used to measure it?
    ➢ What is the typical test pulse duration (tp) used when measuring the parameters in the datasheet?

  • Part No.ZMM2V4
    ManufacturerMAKOSEMI
    Size208 Kbytes
    Pages2 pages
    DescriptionLow cost
    Datasheet Summary with AI

    ZMM Series Diode Specifications

    Part Number VBR (V) I<sub>F</sub> (A) I<sub>P</sub> (A) δVBR (ppm/°C) Suffix
    ZMM4.3 4.0 - 4.6 5 75 -0.025 -
    ZMM4.7 4.4 - 5.0 5 60 -0.010 -
    ZMM5.1 4.8 - 5.4 5 35 0.015 -
    ZMM5.6 5.2 - 6.0 5 25 0.025 -
    ZMM6.2 5.8 - 6.6 5 10 0.035 -
    ZMM6.8 6.4 - 7.2 5 8 0.045 -
    ZMM7.5 7.0 - 7.9 5 8 0.050 -
    ZMM8.2 7.7 - 8.7 5 8 0.050 -
    ZMM9.1 8.5 - 9.6 5 10 0.060 -
    ZMM10 9.4 - 10.6 5 15 0.070 -
    ZMM11 10.4 - 11.6 5 20 0.070 -
    ZMM12 11.4 - 12.7 5 20 0.070 -
    ZMM13 12.4 - 14.1 5 26 0.070 -
    ZMM15 13.8 - 15.6 5 30 0.070 -
    ZMM16 15.3 - 17.1 5 40 0.070 -
    ZMM18 16.8 - 19.1 5 50 0.070 -
    ZMM20 18.8 - 21.2 5 55 0.070 -
    ZMM22 20.8 - 23.3 5 55 0.070 -
    ZMM24 22.8 - 25.6 5 80 0.080 -
    ZMM27 25.1 - 28.9 5 80 0.080 -
    ZMM30 28.0 - 32.0 5 80 0.080 -
    ZMM33 31.0 - 35.0 5 80 0.080 -
    ZMM36 34.0 - 38.0 5 80 0.080 -
    ZMM39 37.0 - 41.0 2.5 90 0.080 -
    ZMM43 40.0 - 46.0 2.5 90 0.080 -
    ZMM47 44.0 - 50.0 2.5 600 0.080 -
    ZMM51 48.0 - 54.0 2.5 700 0.080 -
    ZMM56 52.0 - 60.0 2.5 1000 0.080 -
    ZMM62 58.0 - 66.0 2.5 1000 0.080 -
    ZMM68 64.0 - 72.0 2.5 1000 0.080 -
    ZMM75 70.0 - 79.0 2.5 1500 0.080 -

    Notes and Observations:

    ️· VBR (Breakdown Voltage): Values are given as a range (e.g., 4.0 - 4.6).
    ️· I<sub>F</sub> (Forward Current): All listed parts have a forward current rating of 5 amps, except ZMM39-ZMM75 which have 2.5A.
    ️· I<sub>P</sub> (Peak Pulse Current): This specifies the maximum current the diode can handle in a short pulse.
    ️· δVBR (Temperature Coefficient): This indicates how much the breakdown voltage changes with temperature (ppm/°C). A lower value is generally better.
    ️· Suffix: There's no suffix listed, implying that these are standard versions of the diodes.
    ️· Pulse Testing: The note "Measured with pulses Tp=20ms" clarifies the test conditions for peak pulse current specifications.
    ️· Image/Graphic Information: The provided information includes some image references of a graph (Power Derating Curve) and the company logo. I can't interpret these visually.
    ️· Data Sheet Limitations: The table presented is based only on the available text. A complete datasheet would provide more information, such as mechanical dimensions, operating temperature ranges, and other electrical characteristics.

    ZMM Series Diode Specifications

    Part Number VBR (V) I<sub>F</sub> (A) I<sub>P</sub> (A) δVBR (ppm/°C) Suffix
    ZMM4.3 4.0 - 4.6 5 75 -0.025 -
    ZMM4.7 4.4 - 5.0 5 60 -0.010 -
    ZMM5.1 4.8 - 5.4 5 35 0.015 -
    ZMM5.6 5.2 - 6.0 5 25 0.025 -
    ZMM6.2 5.8 - 6.6 5 10 0.035 -
    ZMM6.8 6.4 - 7.2 5 8 0.045 -
    ZMM7.5 7.0 - 7.9 5 8 0.050 -
    ZMM8.2 7.7 - 8.7 5 8 0.050 -
    ZMM9.1 8.5 - 9.6 5 10 0.060 -
    ZMM10 9.4 - 10.6 5 15 0.070 -
    ZMM11 10.4 - 11.6 5 20 0.070 -
    ZMM12 11.4 - 12.7 5 20 0.070 -
    ZMM13 12.4 - 14.1 5 26 0.070 -
    ZMM15 13.8 - 15.6 5 30 0.070 -
    ZMM16 15.3 - 17.1 5 40 0.070 -
    ZMM18 16.8 - 19.1 5 50 0.070 -
    ZMM20 18.8 - 21.2 5 55 0.070 -
    ZMM22 20.8 - 23.3 5 55 0.070 -
    ZMM24 22.8 - 25.6 5 80 0.080 -
    ZMM27 25.1 - 28.9 5 80 0.080 -
    ZMM30 28.0 - 32.0 5 80 0.080 -
    ZMM33 31.0 - 35.0 5 80 0.080 -
    ZMM36 34.0 - 38.0 5 80 0.080 -
    ZMM39 37.0 - 41.0 2.5 90 0.080 -
    ZMM43 40.0 - 46.0 2.5 90 0.080 -
    ZMM47 44.0 - 50.0 2.5 600 0.080 -
    ZMM51 48.0 - 54.0 2.5 700 0.080 -
    ZMM56 52.0 - 60.0 2.5 1000 0.080 -
    ZMM62 58.0 - 66.0 2.5 1000 0.080 -
    ZMM68 64.0 - 72.0 2.5 1000 0.080 -
    ZMM75 70.0 - 79.0 2.5 1500 0.080 -

    Notes and Observations:

    ️· VBR (Breakdown Voltage): Values are given as a range (e.g., 4.0 - 4.6).
    ️· I<sub>F</sub> (Forward Current): All listed parts have a forward current rating of 5 amps, except ZMM39-ZMM75 which have 2.5A.
    ️· I<sub>P</sub> (Peak Pulse Current): This specifies the maximum current the diode can handle in a short pulse.
    ️· δVBR (Temperature Coefficient): This indicates how much the breakdown voltage changes with temperature (ppm/°C). A lower value is generally better.
    ️· Suffix: There's no suffix listed, implying that these are standard versions of the diodes.
    ️· Pulse Testing: The note "Measured with pulses Tp=20ms" clarifies the test conditions for peak pulse current specifications.
    ️· Image/Graphic Information: The provided information includes some image references of a graph (Power Derating Curve) and the company logo. I can't interpret these visually.
    ️· Data Sheet Limitations: The table presented is based only on the available text. A complete datasheet would provide more information, such as mechanical dimensions, operating temperature ranges, and other electrical characteristics.

    Part No.ZMM2V4
    ManufacturerMAKOSEMI
    Size208 Kbytes
    Pages2 pages
    DescriptionLow cost